データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


M3SWA-2-50DRB データシート(Datasheet) 4 Page - Mini-Circuits

部品番号. M3SWA-2-50DRB
部品情報  SPDT RF Switch
ダウンロード  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo 

   
 4 page
background image
SPDT RF Switch
M3SWA-2-50DRB+
Page 4 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Absolute Maximum Ratings4
Parameter
Ratings
Operating temperature
-55°C to +100°C
Storage temperature
-55°C to +100°C
RF Input power
+24 dBm
Junction Temperature
134°C
Total Power Dissipation
0.4W
DC Voltage, Pin 5
+6V
DC Voltage, Pin 7
-6V
Truth Table
State of Control Voltage
RF-IN to RF-OUT1
RF-IN to RF-OUT 2
LOW
ON
OFF
HIGH
OFF
ON
4. Permanent damage may occur if any of these limits are exceeded. Electrical Maximum ratings are not
intended for continuous normal operation.
Characterization & Application Circuit
Note: D1&D2 are optional.
Figure 1. Characterization & Application Circuit
Note: (DUT soldered on Mini-Circuits Characterization & Application Test Board TB-M3SWA250DRB+).
Insertion Loss, Amplitude Unbalance, Isolation, Return Loss, Input Power at 1dB Compression (P1dB) & Input
IP3 tested using E5071C microwave network analyzer.
Condition:
1. Insertion Loss, Amplitude Unbalance, Isolation & Return Loss: Pin = 0dBm
2. Input IP3(IIP3):Two tones, spaced 1 MHz apart, 0dBm/tone output.
Product Marking
MCL
3SWA
Marking may contain other features or characters for internal lot control
Component Size
Value
P/N
Manufacturer
DUT
3.25x3.25 N/A
M3SWA-2-50DRB+
MCL
D1, D2
SOD-123 Vz = 5.6V
MMSZ4690T1G
ON Semiconductor
R1, R2
0603
11.5Ω
RK73H1JTTD11R5F KOA
R3
0603
100Ω
RK73H1JTTD1000F KOA
C1, C2
0603
10pF
06031A100GAT2A
AVX




Html ページ

1  2  3  4  5 


Datasheet Download




リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl