データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


PMA2-183LN データシート(Datasheet) 3 Page - Mini-Circuits

部品番号. PMA2-183LN
部品情報  Monolithic Amplifier
ダウンロード  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo 

   
 3 page
background image
Monolithic E-PHEMT MMIC Amplifier
Page 3 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Absolute Maximum Ratings4
Parameter
Ratings
Operating Temperature (ground lead)
-40°C to 85°C
Storage Temperature
-65°C to 150°C
Junction Temperature
141°C
Total Power Dissipation
0.95W
Input Power (CW), Vd=5V
+24 dBm (5 minutes max.)
+12 dBm (continuous)
DC Voltage at Pad 5
7V
4. Permanent damage may occur if any of these limits are exceeded.
Electrical maximum ratings are not intended for continuous normal operation.
PMA2-183LN+
1. Measured on Mini-Circuits Characterization Test Board TB-PMA2-183LN+. See Characterization Test Circuit (Fig. 1)
2. Device Current Variation vs. Temperature= (Current at 85°C - Current at -45°C)/130
3. Device Current Variation vs. Voltage = (Current at 5.25V - Current at 4.75V) / ((5.25V-4.75V)*1000 mV/V)
Electrical Specifications1 at 25°C, unless noted
Parameter
Condition (GHz)
V
DD=5.0
Units
Min.
Typ.
Max.
Frequency Range
4
18
GHz
Gain
4
11.9
13.2
14.5
dB
10
10.6
11.8
13.0
12
9.4
10.4
11.5
15
9.8
10.9
12.0
18
9.1
10.2
11.2
20
--
9.3
--
Input Return Loss
4
10
dB
10
11
12
11
15
15
18
12
20
11
Output Return Loss
4
12
dB
10
15
12
15
15
20
18
13
20
11
Output Power at 1dB Compression
4
16
dBm
10
14.4
12
14.2
15
15.8
18
14.6
20
12.8
Output IP3
4
31
dBm
10
26.3
12
25.6
15
28.1
18
27.7
20
29.2
Noise Figure
4
2.7
10
2.5
12
2.5
15
2.5
18
2.5
20
2.9
Device Operating Voltage (VDD)
4.75
5
5.25
V
Device Operating Current (IDD)
48.2
58
mA
Device Current Variation vs. Temperature2
2.31
µA/°C
Device Current Variation vs. Voltage
0.01
mA/mV
Thermal Resistance, junction-to-ground lead
71.9
°C/W




Html ページ

1  2  3  4  5 


Datasheet Download




リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl