データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10EP31D データシート(PDF) 3 Page - ON Semiconductor

部品番号 MC10EP31D
部品情報  D Flip Flop with Set and Reset
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP31D データシート(HTML) 3 Page - ON Semiconductor

  MC10EP31D Datasheet HTML 1Page - ON Semiconductor MC10EP31D Datasheet HTML 2Page - ON Semiconductor MC10EP31D Datasheet HTML 3Page - ON Semiconductor MC10EP31D Datasheet HTML 4Page - ON Semiconductor MC10EP31D Datasheet HTML 5Page - ON Semiconductor MC10EP31D Datasheet HTML 6Page - ON Semiconductor MC10EP31D Datasheet HTML 7Page - ON Semiconductor MC10EP31D Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC10EP31, MC100EP31
http://onsemi.com
3
10EP DC CHARACTERISTICS, PECL VCC = 3.3 V, VEE = 0 V (Note 3.)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
26
34
44
26
35
45
28
37
47
mA
VOH
Output HIGH Voltage (Note 4.)
2165
2240
2415
2230
2355
2480
2290
2415
2540
mV
VOL
Output LOW Voltage (Note 4.)
1365
1490
1615
1430
1555
1680
1490
1615
1740
mV
VIH
Input HIGH Voltage (Single Ended)
2090
2415
2155
2480
2215
2540
mV
VIL
Input LOW Voltage (Single Ended)
1365
1690
1430
1755
1490
1815
mV
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
0.5
0.5
0.5
µA
NOTE: EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained.
3. Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to –2.2 V.
4. All loading with 50 ohms to VCC–2.0 volts.
10EP DC CHARACTERISTICS, PECL VCC = 5.0 V, VEE = 0 V (Note 5.)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
26
34
44
26
35
45
28
37
47
mA
VOH
Output HIGH Voltage (Note 6.)
3865
3940
4115
3930
4055
4180
3990
4115
4240
mV
VOL
Output LOW Voltage (Note 6.)
3065
3190
3315
3130
3255
3380
3190
3315
3440
mV
VIH
Input HIGH Voltage (Single Ended)
3790
4115
3855
4180
3915
4240
mV
VIL
Input LOW Voltage (Single Ended)
3065
3390
3130
3455
3190
3515
mV
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
0.5
0.5
0.5
µA
NOTE: EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained.
5. Input and output parameters vary 1:1 with VCC. VEE can vary +2.0 V to –0.5 V.
6. All loading with 50 ohms to VCC–2.0 volts.
10EP DC CHARACTERISTICS, NECL VCC = 0 V; VEE = –5.5 V to –3.0 V (Note 7.)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
26
34
44
26
35
45
28
37
47
mA
VOH
Output HIGH Voltage (Note 8.)
–1135
–1060
–885
–1070
–945
–820
–1010
–885
–760
mV
VOL
Output LOW Voltage (Note 8.)
–1935
–1810
–1685
–1870
–1745
–1620
–1810
–1685
–1560
mV
VIH
Input HIGH Voltage (Single Ended)
–1210
–885
–1145
–820
–1085
–760
mV
VIL
Input LOW Voltage (Single Ended)
–1935
–1610
–1870
–1545
–1810
–1485
mV
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
0.5
0.5
0.5
µA
NOTE: EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained.
7. Input and output parameters vary 1:1 with VCC.
8. All loading with 50 ohms to VCC–2.0 volts.


同様の部品番号 - MC10EP31D

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10EP31D ONSEMI-MC10EP31D Datasheet
158Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Set and Reset
December, 2006 ??Rev. 9
MC10EP31D ONSEMI-MC10EP31D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC10EP31DG ONSEMI-MC10EP31DG Datasheet
158Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Set and Reset
December, 2006 ??Rev. 9
MC10EP31DG ONSEMI-MC10EP31DG Datasheet
182Kb / 11P
   ECL D Flip?륡lop with Set and Reset
August, 2016 ??Rev. 11
MC10EP31DR2 ONSEMI-MC10EP31DR2 Datasheet
158Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Set and Reset
December, 2006 ??Rev. 9
More results

同様の説明 - MC10EP31D

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100LVEL31 ONSEMI-MC100LVEL31 Datasheet
59Kb / 4P
   D Flip-Flop With Set and Reset
1996 REV 0
MC10EL31 ONSEMI-MC10EL31 Datasheet
72Kb / 3P
   D Flip-Flop With Set and Reset
1995 REV 2
logo
Micrel Semiconductor
SY10EL31 MICREL-SY10EL31_06 Datasheet
51Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
SY10EL31 MICREL-SY10EL31 Datasheet
48Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
logo
ON Semiconductor
MC100LVEL30 ONSEMI-MC100LVEL30 Datasheet
102Kb / 3P
   Triple D Flip-Flop With Set and Reset
1996 REV 2
logo
Texas Instruments
CD54HC74 TI1-CD54HC74_14 Datasheet
628Kb / 17P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset
logo
KODENSHI_AUK CORP.
KK74VHC74 KODENSHI-KK74VHC74 Datasheet
311Kb / 7P
   DUAL D FLIP-FLOP WITH SET AND RESET
logo
IK Semicon Co., Ltd
IN74VHCT74 IKSEMICON-IN74VHCT74 Datasheet
290Kb / 7P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A Datasheet
187Kb / 8P
   Dual D Flip-Flop with Set and Reset
March, 2000 ??Rev. 8
logo
KODENSHI_AUK CORP.
KK74VHCT74 KODENSHI-KK74VHCT74 Datasheet
303Kb / 7P
   Dual D Flip-Flop with Set and Reset
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com