データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST10F269-T3 データシート(PDF) 6 Page - STMicroelectronics

部品番号 ST10F269-T3
部品情報  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269-T3 データシート(HTML) 6 Page - STMicroelectronics

Back Button ST10F269-T3 Datasheet HTML 2Page - STMicroelectronics ST10F269-T3 Datasheet HTML 3Page - STMicroelectronics ST10F269-T3 Datasheet HTML 4Page - STMicroelectronics ST10F269-T3 Datasheet HTML 5Page - STMicroelectronics ST10F269-T3 Datasheet HTML 6Page - STMicroelectronics ST10F269-T3 Datasheet HTML 7Page - STMicroelectronics ST10F269-T3 Datasheet HTML 8Page - STMicroelectronics ST10F269-T3 Datasheet HTML 9Page - STMicroelectronics ST10F269-T3 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 160 page
background image
ST10F269-T3
6/160
1 - INTRODUCTION
The
ST10F269-T3
is
a
derivative
of
the
STMicroelectronics
ST10
family
of
16-bit
single-chip CMOS microcontrollers. It combines
high
CPU
performance
(up
to
20
million
instructions per second) with high peripheral
functionality and enhanced I/O-capabilities. It also
provides on-chip high-speed single voltage Flash
memory, on-chip high-speed RAM, and clock
generation via PLL.
ST10F269-T3 is processed in 0.35
µm CMOS
technology. The MCU core and the logic is
supplied with a 5V to 2.7V on chip voltage
regulator. The part is supplied with a single 5V
supply and I/Os work at 5V.
The
device
is upward
compatible
with
the
ST10F168 device, with the following set of
differences:
– The Multiply/Accumulate unit is available as
standard. This MAC unit adds powerful DSP
functions to the ST10 architecture, but maintains
full compatibility for existing code.
– Flash
control interface
is now based
on
STMicroelectronics
third
generation
of
stand-alone Flash memories, with an embedded
Erase/Program
Controller.
This
completely
frees up the CPU during programming or
erasing the Flash.
– Two dedicated pins (DC1 and DC2) on the
TPQFP-144 package are used for decoupling
the internally generated 2.7V core logic supply.
Do not connect these two pins to 5.0V
external supply. Instead, these pins should be
connected to a decoupling capacitor (ceramic
type, value
≥ 330 nF).
– The A/D Converter characteristics are different
from previous ST10 derivatives ones. Refer to
Section 21.3.1 - A/D Converter Characteristics.
– The AC and DC parameters are adapted to the
32MHz
maximum
CPU
frequency.
The
characterization is performed with CL = 50pF
max on output pins. Refer to Section 21.3 DC
Characteristics.
– In order to reduce EMC, the rise/fall time and the
sink/source capability of the drivers of the I/O
pads are programmable. Refer to Section 12.2 I/
O’s Special Features.
– The Real Time Clock functionality is added.
– The external interrupt sources can be selected
with the EXISEL register.
– The reset source is identified by a dedicated
status bit in the WDTCON register.
Figure 1 : Logic Symbol
XTAL1
RSTIN
XTAL2
RSTOUT
NMI
EA
READY
ALE
RD
WR/WRL
Port 5
16-bit
Port 6
8-bit
Port 4
8-bit
Port 3
15-bit
Port 2
16-bit
Port 1
16-bit
Port 0
16-bit
VDD
VSS
Port 7
8-bit
Port 8
8-bit
VAREF
VAGND
RPD
DC1 DC2
ST10F269


同様の部品番号 - ST10F269-T3

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ST10F269-Q3 STMICROELECTRONICS-ST10F269-Q3 Datasheet
1Mb / 160P
   16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
More results

同様の説明 - ST10F269-T3

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ST10F269 STMICROELECTRONICS-ST10F269 Datasheet
1Mb / 160P
   16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
ST10F269Z2QX STMICROELECTRONICS-ST10F269Z2QX Datasheet
1Mb / 161P
   16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
ST10F269ZX STMICROELECTRONICS-ST10F269ZX Datasheet
3Mb / 184P
   16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
ST10F280 STMICROELECTRONICS-ST10F280 Datasheet
1Mb / 186P
   16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
ST10F168 STMICROELECTRONICS-ST10F168 Datasheet
897Kb / 74P
   16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
ST10F280-AB STMICROELECTRONICS-ST10F280-AB Datasheet
31Kb / 4P
   16-Bit MCU with 512K Byte FLASH and 18K Byte RAM Memories
ST10F167 STMICROELECTRONICS-ST10F167 Datasheet
549Kb / 69P
   16-BIT MCU WITH 128K BYTE FLASH MEMORY
ST10F276-4TR3 STMICROELECTRONICS-ST10F276-4TR3 Datasheet
2Mb / 235P
   16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
ST10F276 STMICROELECTRONICS-ST10F276_06 Datasheet
4Mb / 229P
   16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
ST10F280 STMICROELECTRONICS-ST10F280_12 Datasheet
2Mb / 239P
   16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com