データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10H124FN データシート(PDF) 5 Page - ON Semiconductor

部品番号 MC10H124FN
部品情報  Quad TTL-to-MECL Translator With TTL Strobe Input
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H124FN データシート(HTML) 5 Page - ON Semiconductor

  MC10H124FN Datasheet HTML 1Page - ON Semiconductor MC10H124FN Datasheet HTML 2Page - ON Semiconductor MC10H124FN Datasheet HTML 3Page - ON Semiconductor MC10H124FN Datasheet HTML 4Page - ON Semiconductor MC10H124FN Datasheet HTML 5Page - ON Semiconductor MC10H124FN Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MC10H124
http://onsemi.com
5
PACKAGE DIMENSIONS
CDIP−16
L SUFFIX
CERAMIC DIP PACKAGE
CASE 620A−01
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEAD WHEN
FORMED PARALLEL.
4. DIMENSION F MAY NARROW TO 0.76 (0.030)
WHERE THE LEAD ENTERS THE CERAMIC
BODY.
5 THIS DRAWING REPLACES OBSOLETE
CASE OUTLINE 620−10.
F
E
N
K
C
SEATING
PLANE
A
M
0.25 (0.010)
T
M
L
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.750
0.785
19.05
19.93
B
0.240
0.295
6.10
7.49
C
−−−
0.200
−−−
5.08
D
0.015
0.020
0.39
0.50
E
0.050 BSC
1.27 BSC
F
0.055
0.065
1.40
1.65
G
0.100 BSC
2.54 BSC
H
0.008
0.015
0.21
0.38
K
0.125
0.170
3.18
4.31
L
0.300 BSC
7.62 BSC
M
0
15
0
15
N
0.020
0.040
0.51
1.01
__
__
A
B
A
B
16
1
9
8
G
16X
D
B
M
0.25 (0.010)
T
T
16X
J
PDIP−16
P SUFFIX
PLASTIC DIP PACKAGE
CASE 648−08
ISSUE T
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEADS
WHEN FORMED PARALLEL.
4. DIMENSION B DOES NOT INCLUDE
MOLD FLASH.
5. ROUNDED CORNERS OPTIONAL.
−A−
B
F
C
S
H
G
D
J
L
M
16 PL
SEATING
18
9
16
K
PLANE
−T−
M
A
M
0.25 (0.010)
T
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.740
0.770
18.80
19.55
B
0.250
0.270
6.35
6.85
C
0.145
0.175
3.69
4.44
D
0.015
0.021
0.39
0.53
F
0.040
0.70
1.02
1.77
G
0.100 BSC
2.54 BSC
H
0.050 BSC
1.27 BSC
J
0.008
0.015
0.21
0.38
K
0.110
0.130
2.80
3.30
L
0.295
0.305
7.50
7.74
M
0
10
0
10
S
0.020
0.040
0.51
1.01
_
_
_
_


同様の部品番号 - MC10H124FN

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H124FNG ONSEMI-MC10H124FNG Datasheet
149Kb / 6P
   Quad TTL?릘o?륪ECL Translator
August, 2016 ??Rev. 12
MC10H124FNR2G ONSEMI-MC10H124FNR2G Datasheet
149Kb / 6P
   Quad TTL?릘o?륪ECL Translator
August, 2016 ??Rev. 12
More results

同様の説明 - MC10H124FN

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC10524 MOTOROLA-MC10524 Datasheet
656Kb / 10P
   Quad TTL-to-MECL Translator
logo
ON Semiconductor
MC10H125 ONSEMI-MC10H125 Datasheet
78Kb / 8P
   Quad MECL-to-TTL Translator
May, 2003 - Rev. 11
MC10125 ONSEMI-MC10125 Datasheet
118Kb / 8P
   Quad MECL to TTL Translator
January, 2002 ??Rev. 7
logo
Motorola, Inc
MC10525 MOTOROLA-MC10525 Datasheet
872Kb / 12P
   Quad MECL-to-TTL Translator
logo
ON Semiconductor
MC10124 ONSEMI-MC10124 Datasheet
125Kb / 7P
   Quad TTL to MECL Translator
1996 REV 5
MC10124 ONSEMI-MC10124_02 Datasheet
121Kb / 8P
   Quad TTL to MECL Translator
January, 2002 ??Rev. 7
MC10H424 ONSEMI-MC10H424 Datasheet
102Kb / 4P
   Quad TTL-to-ECL Translator with ECL Strobe
1996 REV 5
MC10H424 ONSEMI-MC10H424_00 Datasheet
117Kb / 4P
   Quad TTL to ECL Translator with ECL Strobe
March, 2000 ??Rev. 6
MC10H424 ONSEMI-MC10H424_06 Datasheet
134Kb / 5P
   Quad TTL to ECL Translator with ECL Strobe
August, 2006 ??Rev. 10
logo
Motorola, Inc
MC10125 MOTOROLA-MC10125 Datasheet
127Kb / 7P
   Quad MECL to TTL Transistor
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com