データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10H174 データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC10H174
部品情報  Dual 4 to Multiplexer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H174 データシート(HTML) 1 Page - ON Semiconductor

  MC10H174 Datasheet HTML 1Page - ON Semiconductor MC10H174 Datasheet HTML 2Page - ON Semiconductor MC10H174 Datasheet HTML 3Page - ON Semiconductor MC10H174 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
2–73
REV 6
© Motorola, Inc. 1996
9/96
Dual 4 to 1 Multiplexer
The MC10H174 is a Dual 4–to–1 Multiplexer. This device is a functional/
pinout duplication of the standard MECL 10K part, with 100% improvement in
propagation delay and no increase in power supply current.
• Propagation Delay, 1.5 ns Typical
• Power Dissipation, 305 mW Typical
• Improved Noise Margin 150 mV (over operating voltage and
temperature range)
• Voltage Compensated
• MECL 10K–Compatible
MAXIMUM RATINGS
Characteristic
Symbol
Rating
Unit
Power Supply (VCC = 0)
VEE
–8.0 to 0
Vdc
Input Voltage (VCC = 0)
VI
0 to VEE
Vdc
Output Current — Continuous
— Surge
Iout
50
100
mA
Operating Temperature Range
TA
0 to +75
°C
Storage Temperature Range — Plastic
— Ceramic
Tstg
–55 to +150
–55 to +165
°C
°C
ELECTRICAL CHARACTERISTICS (VEE = –5.2 V ±5%) (See Note)
0
°
25
°
75
°
Characteristic
Symbol
Min
Max
Min
Max
Min
Max
Unit
Power Supply Current
IE
80
73
80
mA
Input Current High
Pins 3–7 & 9–13
Pin 14
IinH
475
670
300
420
300
420
µAdc
Input Current Low
IinL
0.5
0.5
0.3
µA
High Output Voltage
VOH
–1.02
–0.84
–0.98
–0.81
–0.92
–0.735
Vdc
Low Output Voltage
VOL
–1.95
–1.63
–1.95
–1.63
–1.95
–1.60
Vdc
High Input Voltage
VIH
–1.17
–0.84
–1.13
–0.81
–1.07
–0.735
Vdc
Low Input Voltage
VIL
–1.95
–1.48
–1.95
–1.48
–1.95
–1.45
Vdc
AC PARAMETERS
Propagation Delay
Data
Select (A, B)
Enable
tpd
0.7
1.0
0.4
2.4
2.8
1.45
0.8
1.1
0.4
2.5
2.9
1.5
0.9
1.2
0.5
2.6
3.2
1.7
ns
Rise Time
tr
0.5
1.5
0.5
1.6
0.5
1.7
ns
Fall Time
tf
0.5
1.5
0.5
1.6
0.5
1.7
ns
NOTE:
Each MECL 10H series circuit has been designed to meet the dc specifications shown in the test table,
after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed
circuit board and transverse air flow greater than 500 Iinear fpm is maintained. Outputs are terminated
through a 50–ohm resistor to –2.0 volts.
MC10H174
DIP
PIN ASSIGNMENT
VCC1
Q0
DO0
DO2
DO1
DO3
A
VEE
VCC2
Q1
ENABLE
D10
D12
D11
D13
B
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
TRUTH TABLE
ENABLE
ADDRESS INPUTS
OUTPUTS
X
X
E
BA
Z
W
HL
L
LL
L
X0
Y0
LL
H
X1
Y1
LH
L
X2
Y2
LH
H
X3
Y3
L SUFFIX
CERAMIC PACKAGE
CASE 620–10
P SUFFIX
PLASTIC PACKAGE
CASE 648–08
FN SUFFIX
PLCC
CASE 775–02
Pin assignment is for Dual–in–Line Package.
For PLCC pin assignment, see the Pin Conversion
Tables on page 6–11 of the Motorola MECL Data
Book (DL122/D).


同様の部品番号 - MC10H174

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H174 ONSEMI-MC10H174 Datasheet
154Kb / 6P
   Dual 4 to 1 Multiplexer
February, 2006 ??Rev. 8
MC10H174FN ONSEMI-MC10H174FN Datasheet
154Kb / 6P
   Dual 4 to 1 Multiplexer
February, 2006 ??Rev. 8
MC10H174FNG ONSEMI-MC10H174FNG Datasheet
154Kb / 6P
   Dual 4 to 1 Multiplexer
February, 2006 ??Rev. 8
MC10H174FNR2 ONSEMI-MC10H174FNR2 Datasheet
154Kb / 6P
   Dual 4 to 1 Multiplexer
February, 2006 ??Rev. 8
MC10H174FNR2G ONSEMI-MC10H174FNR2G Datasheet
154Kb / 6P
   Dual 4 to 1 Multiplexer
February, 2006 ??Rev. 8
More results

同様の説明 - MC10H174

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H174 ONSEMI-MC10H174_06 Datasheet
154Kb / 6P
   Dual 4 to 1 Multiplexer
February, 2006 ??Rev. 8
MC10174 ONSEMI-MC10174_02 Datasheet
91Kb / 4P
   Dual 4 to 1 Multiplexer
January, 2002 ??Rev. 7
MC10174 ONSEMI-MC10174 Datasheet
110Kb / 4P
   Dual 4 to 1 Multiplexer
1996 REV 5
logo
NXP Semiconductors
74F153 PHILIPS-74F153 Datasheet
74Kb / 8P
   Dual 4-line to 1-line multiplexer
1996 Jan 05
logo
Motorola, Inc
MC74AC352 MOTOROLA-MC74AC352 Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
logo
National Semiconductor ...
MM74HC153 NSC-MM74HC153 Datasheet
111Kb / 4P
   Dual 4-Input Multiplexer
logo
NXP Semiconductors
74ALS153 PHILIPS-74ALS153 Datasheet
110Kb / 9P
   Dual 4-input multiplexer
1991 Feb 08
logo
National Semiconductor ...
54F153DM NSC-54F153DM Datasheet
167Kb / 10P
   Dual 4-Input Multiplexer
logo
AVG Semiconductors(HITE...
DV74ACT153 AVG-DV74ACT153 Datasheet
300Kb / 4P
   Dual 4-Input Multiplexer
logo
Motorola, Inc
MC5474F352 MOTOROLA-MC5474F352 Datasheet
68Kb / 3P
   DUAL 4-INPUT MULTIPLEXER
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com