データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BZY97C24GP データシート(PDF) 5 Page - List of Unclassifed Manufacturers

部品番号 BZY97C24GP
部品情報  1.5 W Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

BZY97C24GP データシート(HTML) 5 Page - List of Unclassifed Manufacturers

  BZY97C24GP Datasheet HTML 1Page - List of Unclassifed Manufacturers BZY97C24GP Datasheet HTML 2Page - List of Unclassifed Manufacturers BZY97C24GP Datasheet HTML 3Page - List of Unclassifed Manufacturers BZY97C24GP Datasheet HTML 4Page - List of Unclassifed Manufacturers BZY97C24GP Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
1
0.8
0.6
0.4
0.2
0
1
10
10
10
Tamb = 25°C
V (t)
V
Z
Z
t (sec.)
2
3
BZY97C GP
Relative change of Zener
voltage versus turn-on time.
Pulse thermal resistance
versus pulse duration. Valid
provided that leads are kept
at ambient temperature at a
distance of 10mm. from case.
100
5
4
3
2
10
5
4
3
2
1
5
4
3
2
0.1
1
rthU
tp (sec.)
0.5
0.2
0.1
0.05
0.02
0.01
tp
V=
tp
T
T
PI
10
-5
10
-4
10
-3
10
-2
10
10
-1
Oct - 02


同様の部品番号 - BZY97C24GP

メーカー部品番号データシート部品情報
logo
Galaxy Semi-Conductor H...
BZY97C24 BILIN-BZY97C24 Datasheet
239Kb / 5P
   ZENER DIODES
logo
Shenzhen Taychipst Elec...
BZY97C24 TAYCHIPST-BZY97C24 Datasheet
3Mb / 3P
   ZENER DIODES
logo
SUNMATE electronic Co.,...
BZY97C24 SUNMATE-BZY97C24 Datasheet
141Kb / 2P
   1.5Watts Axial leaded Zener Diodes
BZY97C24 SUNMATE-BZY97C24 Datasheet
601Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
logo
Shenzhen Luguang Electr...
BZY97C24 LUGUANG-BZY97C24 Datasheet
2Mb / 5P
   Zener Diodes
More results

同様の説明 - BZY97C24GP

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
CPZ25 CENTRAL-CPZ25 Datasheet
61Kb / 1P
   Zener Diodes 1.5 W Zener Diode Chip
logo
Microsemi Corporation
1N6485 MICROSEMI-1N6485 Datasheet
130Kb / 2P
   1.5 WATT ZENER DIODES
JANS1N6490US MICROSEMI-JANS1N6490US Datasheet
130Kb / 2P
   1.5 WATT ZENER DIODES
logo
Compensated Deuices Inc...
1N6485 CDI-DIODE-1N6485 Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N5913A NJSEMI-1N5913A Datasheet
93Kb / 1P
   1.5 WATTS ZENER DIODES
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
logo
Micro Commercial Compon...
1EZ110D5 MCC-1EZ110D5_16 Datasheet
260Kb / 4P
   1.0 W Silicon Zener Diodes Zener Diodes
logo
New Jersey Semi-Conduct...
1N5913B NJSEMI-1N5913B Datasheet
125Kb / 1P
   SILICON 1.5 WATT ZENER DIODES
logo
Microsemi Corporation
1N4460 MICROSEMI-1N4460 Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
1N5913B MICROSEMI-1N5913B Datasheet
89Kb / 3P
   SILICON 1.5 WATT ZENER DIODES
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com