データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA2550M データシート(PDF) 5 Page - Sony Corporation

部品番号 CXA2550M
部品情報  RF Amplifier for CD Players
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SONY [Sony Corporation]
ホームページ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2550M データシート(HTML) 5 Page - Sony Corporation

  CXA2550M Datasheet HTML 1Page - Sony Corporation CXA2550M Datasheet HTML 2Page - Sony Corporation CXA2550M Datasheet HTML 3Page - Sony Corporation CXA2550M Datasheet HTML 4Page - Sony Corporation CXA2550M Datasheet HTML 5Page - Sony Corporation CXA2550M Datasheet HTML 6Page - Sony Corporation CXA2550M Datasheet HTML 7Page - Sony Corporation CXA2550M Datasheet HTML 8Page - Sony Corporation CXA2550M Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
– 5 –
CXA2550M/N
16
RF I
I
The RF amplifier output RFO is input
with its capacitance coupled.
147
15k
20µ
16
17
RFTC
External time-constant pin for RF
level control.
19
LD_ON
I
APC amplifier ON/OFF switching
pin.
OFF for Vcc and ON for VEE.
147
50µ
10µ
17
50µ
18
AGCCONT
I
RF level control ON (limit level of
50%/30%)/OFF switching pin.
OFF for Vcc, 30% for open or Vc
and 50% for VEE.
147
50k
15µ
15µ
18
147
50µ
VREF
19
20
VCC
VCC
20
Vcc pin.
Pin
No.
Symbol
I/O
Equivalent circuit
Description


同様の部品番号 - CXA2550M

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA2555Q SONY-CXA2555Q Datasheet
331Kb / 22P
   RF Amplifier for CD Player/CD-ROM
CXA2556 SONY-CXA2556 Datasheet
318Kb / 22P
   RF Amplifier for CD Player/CD-ROM
CXA2556Q SONY-CXA2556Q Datasheet
318Kb / 22P
   RF Amplifier for CD Player/CD-ROM
CXA2557 SONY-CXA2557 Datasheet
543Kb / 35P
   RF Amplifier for CD Player/CD-ROM
CXA2557R SONY-CXA2557R Datasheet
543Kb / 35P
   RF Amplifier for CD Player/CD-ROM
More results

同様の説明 - CXA2550M

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA2521Q SONY-CXA2521Q Datasheet
742Kb / 17P
   RF Amplifier for CD Players
CXA2596M SONY-CXA2596M Datasheet
278Kb / 17P
   RF Amplifier for CD Players
CXA1791M SONY-CXA1791M Datasheet
245Kb / 12P
   RF AMPLIFIER FOR CD PLAYERS
CXA1821M SONY-CXA1821M Datasheet
220Kb / 13P
   RF Amplifier for CD Players
CXA2568M SONY-CXA2568M Datasheet
262Kb / 17P
   RF Amplifier for CD Players
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
logo
Rohm
BA6387K ROHM-BA6387K Datasheet
153Kb / 13P
   Preservo amplifier for CD players
logo
Sony Corporation
CXA1982Q SONY-CXA1982Q Datasheet
652Kb / 30P
   RF Signal Processing Servo Amplifier for CD players
logo
Rohm
BA6386K ROHM-BA6386K Datasheet
214Kb / 13P
   Preservo amplifier for CD players
logo
Sony Corporation
CXA2581N SONY-CXA2581N Datasheet
297Kb / 22P
   RF Signal Processor for CD Players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com