データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100H604FN データシート(PDF) 2 Page - ON Semiconductor

部品番号 MC100H604FN
部品情報  Registered Hex TTL/ECL Translator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100H604FN データシート(HTML) 2 Page - ON Semiconductor

  MC100H604FN Datasheet HTML 1Page - ON Semiconductor MC100H604FN Datasheet HTML 2Page - ON Semiconductor MC100H604FN Datasheet HTML 3Page - ON Semiconductor MC100H604FN Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC10H604 MC100H604
2–303
MOTOROLA
MECL Data
DL122 — Rev 6
DC CHARACTERISTICS: VEE = VEE(Min) to VEE(Max); VCCE = GND; VCCT = 5.0V +10%
Sb l
P
0
°C
25
°C
85
°C
Ui
Cdi i
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Unit
Condition
IEE
ECL Power Supply Current
10H
100H
130
130
130
140
130
150
mA
ICCH
ICCL
TTL Power Supply Current
35
45
35
45
35
45
mA
10H ECL DC CHARACTERISTICS: VCCT = +5.0 V ± 10%; VEE = – 5.20 V ±5%
Sb l
P
0
°C
25
°C
85
°C
Ui
Cdi i
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Unit
Condition
IIH
IIL
Input HIGH Current
Input LOW Current
0.5
225
0.5
145
0.5
145
µA
µA
VIH
VIL
Input HIGH Voltage
Input LOW Voltage
–1170
–1950
–840
–1480
–1130
–1950
–810
–1480
–1060
–1950
–720
–1480
mV
VBB
Output Bias Voltage
–1400
–1290
–1370
–1270
–1330
–1210
mV
VOH
VOL
Output HIGH Voltage
Output LOW Voltage
–1020
–1950
–840
–1630
–980
–1950
–810
–1630
–910
–1950
–720
–1595
mV
50
Ω to –2.0 V
100H ECL DC CHARACTERISTICS: VCCT = 5.0 V ± 10%; VEE = – 4.2 V to – 5.5 V
Sb l
P
0
°C
25
°C
85
°C
Ui
Cdi i
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Unit
Condition
IIH
IIL
Input HIGH Current
Input LOW Current
0.5
225
0.5
145
0.5
145
µA
µA
VIH
VIL
Input HIGH Voltage
Input LOW Voltage
–1165
–1810
–880
–1475
–1165
–1810
–880
–1475
–1165
–1810
–880
–1475
mV
VBB
Output Bias Voltage
–1400
–1280
–1400
–1280
–1400
–1280
mV
VOH
VOL
Output HIGH Voltage
Output LOW Voltage
–1025
–1810
–880
–1620
–1025
–1810
–880
–1620
–1025
–1810
–880
–1620
mV
50
Ω to –2.0 V
TTL DC CHARACTERISTICS: VCCT = 5.0 V ± 10%; VEE = – 5.2 V ± 5% (10H version); VEE = – 4.2 V to – 5.5 V (100H version)
Sb l
P
0
°C
25
°C
85
°C
Ui
Cdi i
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Unit
Condition
VIH
VIL
Input HIGH Voltage
Input LOW Voltage
2.0
0.8
2.0
0.8
2.0
0.8
V
V
IIH
Input HIGH Current
20
100
20
100
20
100
µA
VIN = 2.7 V
VIN = 7.0 V
IIL
Input LOW Current
– 0.6
– 0.6
– 0.6
mA
VIN = 0.5 V
VIK
Input Clamp Voltage
–1.2
–1.2
–1.2
V
IIN = –18 mA
AC CHARACTERISTICS: VCCT = 5.0 V ± 10%; VEE = – 5.2 V ± 5% (10H version); VEE = – 4.2 V to – 5.5 V (100H version)
Sb l
P
0
°C
25
°C
85
°C
Ui
Cdi i
Symbol
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Condition
tPLH
tPHL
Propagation Delay
CLK to Q
to Output
TCLK to Q
MR to Q
1.5
2.0
1.5
3.5
4.0
4.0
1.5
2.0
1.5
3.5
4.0
4.0
1.5
2.0
1.5
3.5
4.0
4.0
ns
CL = 50pF
ts
Setup Time
1.5
0.5
1.5
0.5
1.5
0.5
ns
CL = 50pF
tH
Hold Time
1.5
0.5
1.5
0.5
1.5
0.5
ns
CL = 50pF
tPW
Minimum Pulse Width
CLK, MR
1.0
1.0
1.0
ns
CL = 50pF
VPP
Minimum Input Swing
150
mV
tr
tf
Rise/Fall Times
0.3
1.0
2.0
0.3
1.0
2.0
0.3
1.0
2.0
ns
20% – 80%


同様の部品番号 - MC100H604FN

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100H600 ONSEMI-MC100H600 Datasheet
82Kb / 4P
   9-Bit TTL/ECL Translator
1996 REV 5
MC100H600 ONSEMI-MC100H600 Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
MC100H600FN ONSEMI-MC100H600FN Datasheet
82Kb / 4P
   9-Bit TTL/ECL Translator
1996 REV 5
MC100H600FN ONSEMI-MC100H600FN Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
MC100H600FNG ONSEMI-MC100H600FNG Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
More results

同様の説明 - MC100H604FN

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H605 ONSEMI-MC10H605 Datasheet
143Kb / 7P
   Registered Hex ECL to TTL Translator
September, 2009 ??Rev. 8
logo
National Semiconductor ...
F100125 NSC-F100125 Datasheet
105Kb / 4P
   Hex ECL-to-TTL Translator
F100124 NSC-F100124 Datasheet
107Kb / 4P
   Hex TTL-to-ECL Translator
logo
ON Semiconductor
MC10H607 ONSEMI-MC10H607 Datasheet
86Kb / 5P
   Registered Hex PECL/TTL Translator
1996 REV 2
MC10H606 ONSEMI-MC10H606 Datasheet
89Kb / 5P
   Registered Hex TTL/PECL Translator
1996 REV 1
MC100H606FN ONSEMI-MC100H606FN Datasheet
120Kb / 7P
   Registered Hex TTL to PECL Translator
November, 2006 ??Rev. 6
logo
National Semiconductor ...
F100325 NSC-F100325 Datasheet
171Kb / 7P
   Low Power Hex ECL-to-TTL Translator
logo
Micrel Semiconductor
SY100S324 MICREL-SY100S324 Datasheet
103Kb / 5P
   LOW POWER HEX TTL-to-ECL TRANSLATOR
logo
National Semiconductor ...
100325 NSC-100325 Datasheet
125Kb / 8P
   Low Power Hex ECL-to-TTL Translator
logo
Fairchild Semiconductor
100324 FAIRCHILD-100324 Datasheet
82Kb / 8P
   Low Power Hex TTL-to-ECL Translator
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com