データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100H606 データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC100H606
部品情報  Registered Hex TTL/PECL Translator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100H606 データシート(HTML) 1 Page - ON Semiconductor

  MC100H606 Datasheet HTML 1Page - ON Semiconductor MC100H606 Datasheet HTML 2Page - ON Semiconductor MC100H606 Datasheet HTML 3Page - ON Semiconductor MC100H606 Datasheet HTML 4Page - ON Semiconductor MC100H606 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
2–311
REV 1
© Motorola, Inc. 1996
9/96
Registered Hex TTL/PECL
Translator
The MC10/100H606 is a 6–bit, registered, single supply TTL to PECL
translator. The device features differential PECL outputs as well as a choice
between either a differential PECL clock input or a TTL clock input. The
asynchronous master reset control is a PECL level input.
With its differential PECL outputs and TTL inputs the H606 device is
ideally suited for the transmit function of a HPPI bus type board–to–board
interface application. The on chip registers simplify the task of synchronizing
the data between the two boards.
The device is available in either ECL standard: the MECL
™ 10H device is
compatible with MECL 10KH logic levels, with a VCC of +5 volts; while the
100H device is compatible with 100K logic levels, with a VCC of +5 volts.
• Differential 50Ω ECL Outputs
• Choice Between Differential PECL or TTL Clock Input
• Single Power Supply
• Multiple Power and Ground Pins to Minimize Noise
*
Dn
Qn
Qn
MR
TCLK
CLK
CLK
VBB
1 OF 6 BITS
D
CLK
R
Q
LOGIC SYMBOL
*
1. When using PECL inputs, TCLK must be tied to ground (0V).
2. When using only one PECL input, the unused PECL input must be tied
to VBB, and TCLK must be tied to ground (0V).
3. When using TCLK, both PECL inputs must be tied to ground (0V).
MECL 10H is a trademark of Motorola, Inc.
MC10H606
MC100H606
Pinout: 28–Lead PLCC (Top View)
PIN NAMES
PIN
FUNCTION
D0–D5
CLK, CLK
TCLK
MR
Q0–Q5
Q0–Q5
VCCE
VCCT
GND
TTL Data Inputs
Differential PECL Clock Input
TTL Clock Input
PECL Master Reset Input
True PECL Outputs
Inverted PECL Outputs
PECL VCC (+5.0V)
TTL VCC (+5.0V)
TTL/PECL Ground
D0
56
78
9
10
11
25
24
23
22
21
20
19
TCLK
VBB
CLK
CLK
MR
VCCE
Q4
Q5
Q5
Q4
VCCE
Q3
Q3
26
27
28
2
3
4
18
17
16
14
13
12
15
D1
D2 VCCT D3
D4
D5 VCCE
Q0
Q0 GND Q1 Q1 Q2
Q2
FN SUFFIX
PLASTIC PACKAGE
CASE 776–02
Dn
L
H
X
TRUTH TABLE
MR
L
L
H
TCLK/CLK
Z
Z
X
Qn+1
L
H
L
Z = LOW to HIGH Transition


同様の部品番号 - MC100H606

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100H606FN ONSEMI-MC100H606FN Datasheet
120Kb / 7P
   Registered Hex TTL to PECL Translator
November, 2006 ??Rev. 6
More results

同様の説明 - MC100H606

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H607 ONSEMI-MC10H607 Datasheet
86Kb / 5P
   Registered Hex PECL/TTL Translator
1996 REV 2
MC100H606FN ONSEMI-MC100H606FN Datasheet
120Kb / 7P
   Registered Hex TTL to PECL Translator
November, 2006 ??Rev. 6
logo
Micrel Semiconductor
SY10H606 MICREL-SY10H606 Datasheet
64Kb / 5P
   REGISTERED HEX TTL-TO-PECL
SY10H607 MICREL-SY10H607_06 Datasheet
65Kb / 5P
   REGISTERED HEX PECL-TO-TTL
SY10H607 MICREL-SY10H607 Datasheet
74Kb / 4P
   REGISTERED HEX PECL-TO-TTL
SY10H606 MICREL-SY10H606_06 Datasheet
64Kb / 5P
   REGISTERED HEX TTL-TO-PECL
logo
ON Semiconductor
MC10H604 ONSEMI-MC10H604 Datasheet
84Kb / 4P
   Registered Hex TTL/ECL Translator
1996 REV 1
MC10H605 ONSEMI-MC10H605 Datasheet
143Kb / 7P
   Registered Hex ECL to TTL Translator
September, 2009 ??Rev. 8
logo
Micrel Semiconductor
SY100S391 MICREL-SY100S391 Datasheet
110Kb / 6P
   LOW-POWER HEX TTL-TO-PECL TRANSLATOR
SY100S391 MICREL-SY100S391_07 Datasheet
75Kb / 6P
   LOW-POWER HEX TTL-TO-PECL TRANSLATOR
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com