データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100H641 データシート(PDF) 3 Page - ON Semiconductor

部品番号 MC100H641
部品情報  SINGLE SUPPLY PECL-TTL 1:9 CLOCK DISTRIBUTION CHIP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100H641 データシート(HTML) 3 Page - ON Semiconductor

  MC100H641 Datasheet HTML 1Page - ON Semiconductor MC100H641 Datasheet HTML 2Page - ON Semiconductor MC100H641 Datasheet HTML 3Page - ON Semiconductor MC100H641 Datasheet HTML 4Page - ON Semiconductor MC100H641 Datasheet HTML 5Page - ON Semiconductor MC100H641 Datasheet HTML 6Page - ON Semiconductor MC100H641 Datasheet HTML 7Page - ON Semiconductor MC100H641 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC10H641 MC100H641
2–3
MOTOROLA
MECL Data
DL122 — Rev 6
100H PECL DC CHARACTERISTICS
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
Condition
IIH
Input HIGH Curren
225
175
175
µA
IIL
Input LOW Current
0.5
0.5
0.5
µA
VIH
Input HIGH Voltage
3.835
4.120
3.835
4.120
3.835
4.120
V
VE = 5.0V1
VIL
Input LOW Voltage
3.190
3.525
3.190
3.525
3.190
3.525
V
VE = 5.0V1
VBB
Output Reference Voltage
3.62
3.74
3.62
3.74
3.62
3.74
V
VE = 5.0V1
1. PECL VIH, VIL, and VBB are referenced to VE and will vary 1:1 with the power supply. The levels shown are for VE = 5.0V.
AC CHARACTERISTICS (VT = VE = 5.0V
±5%)
TJ = 0°C
TJ = + 25°C
TJ = + 85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Condition
tPLH
tPHL
Propagation Delay
D to Q
5.00
5.36
5.50
5.86
6.00
6.36
4.86
5.27
5.36
5.77
5.86
6.27
5.08
5.43
5.58
5.93
6.08
6.43
ns
CL = 50 pF1
tskew
Device Skew
Part–to–Part
Single VCC
Output–to–Output
1000
750
350
1000
750
350
1000
750
350
ps
CL = 50pF2
CL = 50 pF3
CL = 50 pF4
tPLH
tPHL
Propagation Delay
LEN to Q
4.9
6.9
4.9
6.9
5.0
7.0
ns
CL = 50 pF
tPLH
tPHL
Propagation Delay
EN to Q
5.0
7.0
4.9
6.9
5.0
7.0
ns
CL = 50 pF
tr
tf
Output Rise/Fall
0.8V to 2.0V
1.7
1.6
1.7
1.6
1.7
1.6
ns
CL = 50 pF
fMAX
Max Input Frequency
65
65
65
MHz
CL = 50 pF5
tREC
Recovery Time EN
1.25
1.25
1.25
ns
tS
Setup Time
0.75
0.50
0.75
0.50
0.75
0.50
ns
tH
Hold Time
0.75
0.50
0.75
0.50
0.75
0.50
ns
1. Propagation delay measurement guaranteed for junction temperatures. Measurements performed at 50MHz input frequency.
2. Skew window guaranteed for a single temperature across a VCC = VT = VE of 4.75V to 5.25V (See Application Note in this datasheet).
3. Skew window guaranteed for a single temperature and single VCC = VT = VE
4. Output–to–output skew is specified for identical transitions through the device.
5. Frequency at which output levels will meet a 0.8V to 2.0V minimum swing.
DETERMINING SKEW FOR A SPECIFIC APPLICATION
The H641 has been designed to meet the needs of very low
skew clock distribution applications. In order to optimize the
device for this application special considerations are
necessary in the determining of the part–to–part skew
specification limits. Older standard logic devices are specified
with relatively slack limits so that the device can be
guaranteed over a wide range of potential environmental
conditions. This range of conditions represented all of the
potential applications in which the device could be used. The
result was a specification limit that in the vast majority of cases
was extremely conservative and thus did not allow for an
optimum system design. For non–critical skew designs this
practice is acceptable, however as the clock speeds of
systems increase overly conservative specification limits can
kill a design.
The following will discuss how users can use the
information provided in this data sheet to tailor a part–to–part
skew specification limit to their application. The skew
determination process may appear somewhat tedious and
time consuming, however if the utmost in performance is
required this procedure is necessary. For applications which
do not require this level of skew performance a generic
part–to–part skew limit of 2.5ns can be used. This limit is good
for the entire ambient temperature range, the guaranteed VCC
(VT, VE) range and the guaranteed operating frequency range.


同様の部品番号 - MC100H641

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100H641 ONSEMI-MC100H641 Datasheet
137Kb / 10P
   Single Supply PECL to TTL 1:9 Clock Distribution Chip
November, 2006 ??Rev.7
MC100H641FN ONSEMI-MC100H641FN Datasheet
137Kb / 10P
   Single Supply PECL to TTL 1:9 Clock Distribution Chip
November, 2006 ??Rev.7
MC100H641FNG ONSEMI-MC100H641FNG Datasheet
137Kb / 10P
   Single Supply PECL to TTL 1:9 Clock Distribution Chip
November, 2006 ??Rev.7
MC100H641FNR2 ONSEMI-MC100H641FNR2 Datasheet
137Kb / 10P
   Single Supply PECL to TTL 1:9 Clock Distribution Chip
November, 2006 ??Rev.7
MC100H641FNR2G ONSEMI-MC100H641FNR2G Datasheet
137Kb / 10P
   Single Supply PECL to TTL 1:9 Clock Distribution Chip
November, 2006 ??Rev.7
More results

同様の説明 - MC100H641

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10H641 ONSEMI-MC10H641_06 Datasheet
137Kb / 10P
   Single Supply PECL to TTL 1:9 Clock Distribution Chip
November, 2006 ??Rev.7
logo
Micrel Semiconductor
SY100S811 MICREL-SY100S811_07 Datasheet
100Kb / 6P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY100S811 MICREL-SY100S811 Datasheet
111Kb / 5P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY10H641 MICREL-SY10H641_06 Datasheet
73Kb / 6P
   SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641 MICREL-SY10H641 Datasheet
84Kb / 5P
   SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641A MICREL-SY10H641A Datasheet
127Kb / 5P
   SINGLE SUPPLY 1:9 PECL-TO-TTL
logo
ON Semiconductor
MC10H646 ONSEMI-MC10H646_06 Datasheet
129Kb / 8P
   PECL/TTL?뭈TL 1:8 Clock Distribution Chip
November, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY10H641L MICREL-SY10H641L Datasheet
86Kb / 5P
   3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641L MICREL-SY10H641L_06 Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
SY100S815 MICREL-SY100S815 Datasheet
67Kb / 4P
   SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com