データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100H681 データシート(PDF) 3 Page - ON Semiconductor

部品番号 MC100H681
部品情報  Hex ECL/TTL Transceiver with Latches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100H681 データシート(HTML) 3 Page - ON Semiconductor

  MC100H681 Datasheet HTML 1Page - ON Semiconductor MC100H681 Datasheet HTML 2Page - ON Semiconductor MC100H681 Datasheet HTML 3Page - ON Semiconductor MC100H681 Datasheet HTML 4Page - ON Semiconductor MC100H681 Datasheet HTML 5Page - ON Semiconductor MC100H681 Datasheet HTML 6Page - ON Semiconductor MC100H681 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC10H681 MC100H681
MOTOROLA
MECL Data
DL122 — Rev 6
2–318
ECL DC CHARACTERISTICS: VCCT = + 5.0 V ±10%, VEE = – 5.2 ±5% (10H Version); VEE = – 4.2 V to – 5.5 V (100H Version)
Test
TA = 0°C
TA = 25°C
TA = 75°C
Test
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Unit
Condition
IEE
Supply Current/ECL
–113
–113
–113
mA
IINH
Input HIGH Current
225
145
145
µA
IINL
Input LOW Current
0.5
0.5
0.3
µA
VOH
VOL
Output HIGH Voltage
Output LOW Voltage
–1020
– 2.1
– 840
– 2.03
–980
– 2.1
– 810
– 2.03
–920
– 2.1
– 735
– 2.03
mV
V
50
Ω to –2.1 V
10H ECL DC CHARACTERISTICS: VCCT = + 5.0 ±10%, VEE = – 5.2 ±5%
Test
TA = 0°C
TA = 25°C
TA = 75°C
Test
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Unit
Condition
VIH
VIL
Input HIGH Voltage
Input LOW Voltage
–1170
–1950
– 840
–1480
–1130
–1950
– 810
–1480
–1070
–1950
– 735
–1450
mV
100H ECL DC CHARACTERISTICS: VCCT = + 5.0 ±10%, VEE = – 4.2 V to – 5.5 V
Test
TA = 0°C
TA = 25°C
TA = 75°C
Test
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Unit
Condition
VIH
VIL
Input HIGH Voltage
Input LOW Voltage
–1165
–1810
– 880
–1475
–1165
–1810
– 880
–1475
–1165
–1810
– 880
–1475
mV
ABSOLUTE RATINGS (Do not exceed):
Power Supply Voltage
VEE (ECL)
– 8.0 to 0
Vdc
Power Supply Voltage
VCCT (TTL)
– 0.5 to + 7.0
Vdc
Input Voltage
VI (ECL)
VI (TTL)
0.0 to VEE
– 0.5 to + 7.0
Vdc
Disabled 3-State Output
Vout (TTL)
0.0 to VCCT
Vdc
Output Source Current Continuous
Iout (ECL)
100
mAdc
Output Source Current Surge
Iout (ECL)
200
mAdc
Storage Temperature
Tstg
– 65 to 150
°C
Operating Temperature
Tamb
0.0 to + 75
°C


同様の部品番号 - MC100H681

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100H680 ONSEMI-MC100H680 Datasheet
118Kb / 8P
   4-Bit Differential ECL Bus/TTL Bus Transceciver
1996 REV 6
MC100H680 ONSEMI-MC100H680 Datasheet
137Kb / 10P
   4?묪it Differential ECL Bus to TTL Bus Transceiver
November, 2006 ??Rev. 11
MC100H680FN ONSEMI-MC100H680FN Datasheet
118Kb / 8P
   4-Bit Differential ECL Bus/TTL Bus Transceciver
1996 REV 6
MC100H680FN ONSEMI-MC100H680FN Datasheet
137Kb / 10P
   4?묪it Differential ECL Bus to TTL Bus Transceiver
November, 2006 ??Rev. 11
MC100H680FNG ONSEMI-MC100H680FNG Datasheet
137Kb / 10P
   4?묪it Differential ECL Bus to TTL Bus Transceiver
November, 2006 ??Rev. 11
More results

同様の説明 - MC100H681

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
F100125 NSC-F100125 Datasheet
105Kb / 4P
   Hex ECL-to-TTL Translator
logo
ON Semiconductor
MC10H604 ONSEMI-MC10H604 Datasheet
84Kb / 4P
   Registered Hex TTL/ECL Translator
1996 REV 1
logo
National Semiconductor ...
F100124 NSC-F100124 Datasheet
107Kb / 4P
   Hex TTL-to-ECL Translator
logo
ON Semiconductor
MC10H605 ONSEMI-MC10H605 Datasheet
143Kb / 7P
   Registered Hex ECL to TTL Translator
September, 2009 ??Rev. 8
logo
Fairchild Semiconductor
100393 FAIRCHILD-100393 Datasheet
60Kb / 6P
   Low Power 9-Bit ECL-to-TTL Translator with Latches
100397 FAIRCHILD-100397 Datasheet
129Kb / 13P
   Quad Differential ECL/TTL Translating Transceiver with Latch
100398 FAIRCHILD-100398 Datasheet
117Kb / 13P
   Quad Differential ECL/TTL Translating Transceiver with Latch
logo
Micrel Semiconductor
SY100S324 MICREL-SY100S324_06 Datasheet
506Kb / 6P
   LOW POWER HEX TTL-to-ECL TRANSLATOR
SY100S325 MICREL-SY100S325 Datasheet
100Kb / 5P
   LOW-POWER HEX ECL-to-TTL TRANSLATOR
logo
Texas Instruments
100325 TI1-100325 Datasheet
163Kb / 8P
[Old version datasheet]   Low Power Hex ECL-to-TTL Translator
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com