データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10SX1130 データシート(PDF) 2 Page - ON Semiconductor

部品番号 MC10SX1130
部品情報  LED DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10SX1130 データシート(HTML) 2 Page - ON Semiconductor

  MC10SX1130 Datasheet HTML 1Page - ON Semiconductor MC10SX1130 Datasheet HTML 2Page - ON Semiconductor MC10SX1130 Datasheet HTML 3Page - ON Semiconductor MC10SX1130 Datasheet HTML 4Page - ON Semiconductor MC10SX1130 Datasheet HTML 5Page - ON Semiconductor MC10SX1130 Datasheet HTML 6Page - ON Semiconductor MC10SX1130 Datasheet HTML 7Page - ON Semiconductor MC10SX1130 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
MOTOROLA
High Performance Frequency
Control Products — BR1334
PIN FUNCTION TABLE
Pin
Function
DIN
Differential data inputs.
IOUT
Differential open collector outputs.
STRETCH
Control input to select the amount of duty cycle pre-distortion. When the pin is left open, no pre-distortion is introduced.
If the pin is connected to VCC, the output LOW state current pulse width is increased by 155ps. When it is connected to
VEE, the current pulse width is increased by 310ps.
RSET
Resistor to set LED drive current. This resistor sets the tail current of the output current switch and should be connected
to the VEE plane. Since the RSET voltage compensation circuit is referenced to VEE, the RSET voltage will track 1:1 with
VEE changes, thus the voltage across the RSET resistor will remain constant.
RTCO1, RTCO2
Terminals for positive temperature tracking resistor. This resistor controls the temperature tracking rate of the voltage at
the RSET pin, which in turn sets the LED drive current tracking. If the two pins are shorted together, the nominal tracking
rate is 1.4mV/
°C and when a 2kΩ resistor is connected across the pins, the nominal tracking rate is 4.9mV/°C.
VCC
Most positive power supply input. +5V for PECL operation or ground for standard ECL operation.
VEE
Most negative power supply input. Ground for PECL operation or –5.2V for standard ECL operation.
VBB
Reference voltage for use in single ended applications or when the input signal is AC coupled into the device.
Figure 1. Typical +5V Applications Circuit
15
16
14
13
12
11
10
2
1
3
4567
VEE
9
8
Stretch
VEE
IOUT
RSET
IOUT
VCC
VEE
VEE
VCC
VBB
DIN
DIN
RTCO1
RTCO2
VEE
1k
50
IN
PECL
BIAS
50
IN
PECL
BIAS
10
10
+5.0V
SUPPLY
DECOUPLING
CAPACITORS


同様の部品番号 - MC10SX1130

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC10SX1130 ONSEMI-MC10SX1130 Datasheet
151Kb / 9P
   LED Driver
January, 2006 ??Rev. 3
MC10SX1130D ONSEMI-MC10SX1130D Datasheet
151Kb / 9P
   LED Driver
January, 2006 ??Rev. 3
MC10SX1130DG ONSEMI-MC10SX1130DG Datasheet
151Kb / 9P
   LED Driver
January, 2006 ??Rev. 3
MC10SX1130DR2 ONSEMI-MC10SX1130DR2 Datasheet
151Kb / 9P
   LED Driver
January, 2006 ??Rev. 3
MC10SX1130DR2G ONSEMI-MC10SX1130DR2G Datasheet
151Kb / 9P
   LED Driver
January, 2006 ??Rev. 3
More results

同様の説明 - MC10SX1130

メーカー部品番号データシート部品情報
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
   LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
   LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
   LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
   LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com