データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST-7336B-1 データシート(PDF) 5 Page - List of Unclassifed Manufacturers

部品番号 ST-7336B-1
部品情報  DC Tachometer Generators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

ST-7336B-1 データシート(HTML) 5 Page - List of Unclassifed Manufacturers

  ST-7336B-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers ST-7336B-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers ST-7336B-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers ST-7336B-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers ST-7336B-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers ST-7336B-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers ST-7336B-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers ST-7336B-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Model Number
Mounting
Weight
(Approx.)
Inertia
(Approx.)
oz-in-sec2
V/1000 RPM
RPM
(max)
Armature
Resistance
(dynamic)
Armature
Inductance
(henrys)
Outline
Dimensions
Mounting
Dimensions
Shaft
Size
(in.)
SA-7356F-1
Face
3.0 oz 1.14 x 10-4 7.0v ± 3% 12,000
500Ω
0.38h
Fig. 10
Fig. 1
.120
SA-7388F-1
Face
3.0 oz 1.32 x 10-4 7.0v ± 3% 12,000
500Ω
0.38h
Fig. 10
Fig. 1
.187
CS-7514F-51C Flange 3.0 oz 1.32 x 10-4 3.0v ± 3% 12,000
130Ω
0.061h
Fig. 11
Fig. 3
.250
SB-7483H-1
Flange 4.0 oz 1.96 x 10-4 16.0v ± 3% 8,000
800Ω
0.72h
Fig. 11
Fig. 2
.187
SU-780J-1
Flange 8.5 oz 4.54 x 10-4 30v ± 1%
5,000
1050Ω
1.00h
Fig. 10
Fig. 5
.187
1086 Goffle Road • Hawthorne, NJ 07506 • sales@servotek.com
Phone (973) 427-3100 • Fax (973) 427-4249 • www.servotek.com
SERVO-TEK ®
1086 Goffle Road • Hawthorne, NJ 07506 • sales@servotek.com
Phone (973) 427-3100 • Fax (973) 427-4249 • www.servotek.com
SERVO-TEK ®
1086 Goffle Road • Hawthorne, NJ 07506 • sales@servotek.com
Phone (973) 427-3100 • Fax (973) 427-4249 • www.servotek.com
SERVO-TEK ®
1086 Goffle Road • Hawthorne, NJ 07506 • sales@servotek.com
Phone (973) 427-3100 • Fax (973) 427-4249 • www.servotek.com
SERVO-TEK ®
Low Ripple Units (F-Series, H-Series and J-Series)
1 to 30 volts/1000 RPM
F-Series (1-8 volts/1000 RPM)
Servo-Tek low ripple DC tachometer generators
satisfy the need for a cost effective, very
low ripple tachometer. In addition to being the
first economical low ripple units of their type, the
F-Series tachometers incorporate all the desirable
features of the standard units such as temperature
compensation, long brush life, excellent linearity,
and small dimensions.
The ripple voltage does not exceed 1.5% RMS
and 3.5% peak to peak at any speed in excess of
40 RPM on any F-Series, H-Series or J-Series DC
tachometer generator.
J-Series (16-30 volts/1000 RPM)
The J-Series DC tachometer generators are low
ripple units possessing all the same traits as the
F-Series, but with the D-length armature. These
generators are ideal for applications where high
outputvoltageswithlowripplesignalsarerequired.
Other shaft sizes and mounting configurations are
available.
F-Series, H-Series and J-Series Specifications
Maximum Driving Torque for F-Series, H-Series and J-Series is 0.25 oz-in at 25ºC
Most units listed above are normally in stock
CS-7514F-51C and SA-7356F-1
SB-7483H-1
H-Series (5-16 volts/1000 RPM)
The H-Series DC tachometer generators are low
ripple units possessing all the same traits as the
F-Series, but with the B-length armature. This
means a slightly higher output voltage.


同様の部品番号 - ST-7336B-1

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
ST-7-10 ETC2-ST-7-10 Datasheet
362Kb / 2P
   Split/TranTM ,Specialty Purpose & Class 2 Transformers ??Printed Circuit Mount
ST-7-12 ETC2-ST-7-12 Datasheet
362Kb / 2P
   Split/TranTM ,Specialty Purpose & Class 2 Transformers ??Printed Circuit Mount
ST-7-120 ETC2-ST-7-120 Datasheet
362Kb / 2P
   Split/TranTM ,Specialty Purpose & Class 2 Transformers ??Printed Circuit Mount
ST-7-16 ETC2-ST-7-16 Datasheet
362Kb / 2P
   Split/TranTM ,Specialty Purpose & Class 2 Transformers ??Printed Circuit Mount
ST-7-20 ETC2-ST-7-20 Datasheet
362Kb / 2P
   Split/TranTM ,Specialty Purpose & Class 2 Transformers ??Printed Circuit Mount
More results

同様の説明 - ST-7336B-1

メーカー部品番号データシート部品情報
logo
Baumer IVO GmbH & Co. K...
TA134 IVO-TA134 Datasheet
423Kb / 2P
   Tachometer electronic
TA201 IVO-TA201 Datasheet
402Kb / 2P
   Tachometer electronic
TA202 IVO-TA202 Datasheet
536Kb / 4P
   Tachometer electronic
logo
STMicroelectronics
L290 STMICROELECTRONICS-L290 Datasheet
104Kb / 8P
   TACHOMETER CONVERTER
STEVAL-IHM023V3 STMICROELECTRONICS-STEVAL-IHM023V3 Datasheet
656Kb / 9P
   Tachometer input
November 2014 Rev 1
logo
Extech Instruments Corp...
461891 EXTECH-461891 Datasheet
71Kb / 4P
   Contact Tachometer
logo
Baumer IVO GmbH & Co. K...
TA200 IVO-TA200 Datasheet
382Kb / 2P
   Tachometer electronic
logo
List of Unclassifed Man...
WD1A ETC1-WD1A Datasheet
99Kb / 2P
   Tachometer Transmitter
logo
Baumer IVO GmbH & Co. K...
ISI36 IVO-ISI36 Datasheet
570Kb / 4P
   Tachometer electronic
logo
Omron Electronics LLC
H7EC-NFV-B OMRON-H7EC-NFV-B Datasheet
1Mb / 12P
   Self-Powered Tachometer
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com