データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5399YRM データシート(PDF) 1 Page - Analog Devices

部品番号 AD5399YRM
部品情報  Twos Complement, Dual 12-Bit DAC with Internal REF and Fast Settling Time
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5399YRM データシート(HTML) 1 Page - Analog Devices

  AD5399YRM Datasheet HTML 1Page - Analog Devices AD5399YRM Datasheet HTML 2Page - Analog Devices AD5399YRM Datasheet HTML 3Page - Analog Devices AD5399YRM Datasheet HTML 4Page - Analog Devices AD5399YRM Datasheet HTML 5Page - Analog Devices AD5399YRM Datasheet HTML 6Page - Analog Devices AD5399YRM Datasheet HTML 7Page - Analog Devices AD5399YRM Datasheet HTML 8Page - Analog Devices AD5399YRM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Twos Complement, Dual 12-Bit DAC
with Internal REF and Fast Settling Time
AD5399
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
2-channel 12-bit DAC
Twos complement facilitates bipolar applications
Bipolar zero with 2 V dc offset
Built-in 2.000 V precision reference with 10 ppm/°C typ TC
Buffered voltage output: 0 V to 4 V
Single-supply operation: 4.5 V to 5.5 V
Fast 0.8 µs settling time typ
Ultracompact MSOP-10 package
Monotonic DNL < ±1 LSB
Optimized accuracy at zero scale
Power-on reset to VREF
3-wire serial data input
Extended temperature range: –40°C to +105°C
APPLICATIONS
Single-supply bipolar converter operations
General-purpose DSP applications
Digital gain and offset controls
Instrumentation level settings
Disk drive control
Precision motor control
GENERAL DESCRIPTION
The AD5399 is the industry-first dual 12-bit digital-to-analog
converter that accepts twos complement digital coding with 2 V
dc offset for single-supply operation. Augmented with a built-in
precision reference and a solid buffer amplifier, the AD5399 is
the smallest self-contained 12-bit precision DAC that fits many
general-purpose as well as DSP specific applications. The twos
complement programming facilitates the natural coding
implementation commonly found in DSP applications, and
allows operation in single supply. The AD5399 provides a 2 V
reference output, VREF, for bipolar zero monitoring. It can also
be used for other on-board components that require a precision
reference. The device is specified for operation from 5 V ± 10%
single supply with bipolar output swing from 0 V to 4 V
centered at 2 V.
The AD5399 is available in the compact 1.1 mm low profile
MSOP-10 package. All parts are guaranteed to operate over the
extended industrial temperature range of –40°C to +105°C.
FUNCTIONAL BLOCK DIAGRAM
X2
×2
VREF 2V
×2
DECODER SW
DRIVER A
DECODER SW
DRIVER B
ADDR
DECODE
DAC A
REGISTER
DAC B
REGISTER
16-BIT
D15...D0
POWER-ON
RESET
EN
A0
12
12
12
CLK
CS
SDI
DGND
AGND
VTP
VDD
VBZ + 2V = 4V
VBZ – 2V = 0V
VOUTA
VOUTB
VBZ(VREF) = 2V
AD5399
Figure 1.
VOUT = ((D – 2048)/4096 × 4 V) + 2 V for 0 ≤ D ≤ 4095, where D
is the decimal code.
Table 1. Examples of Twos Complement Codes
Twos Complement
D
Scale
VOUT (V)
2047
4095
+FS
4.000
2046
4094
+FS – 1 LSB
3.999
1
2049
BZS + 1 LSB
2.001
0
2048
BZS
2.000
4095
2047
BZS – 1 LSB
1.999
2049
1
–FS + 1 LSB
0.001
2048
0
–FS
0.000
FS = Full Scale, BZS = Bipolar Zero Scale.
VOUT = [(0 – 2048)/4096 × 4V] + 2V
0
1.0
0.5
3.0
3.5
2.0
1.5
2.5
4.0
0
512
1024
1536
2048
2560
3072
3584
4096
TWOS COMPLEMENT CODE
Figure 2. Output vs. Twos Complement Code


同様の部品番号 - AD5399YRM

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5399YRM AD-AD5399YRM Datasheet
342Kb / 12P
   Twos Complement, Dual 12-Bit DAC with Internal REF and Fast Settling Time
REV. D
AD5399YRM-REEL7 AD-AD5399YRM-REEL7 Datasheet
342Kb / 12P
   Twos Complement, Dual 12-Bit DAC with Internal REF and Fast Settling Time
REV. D
AD5399YRMZ AD-AD5399YRMZ Datasheet
342Kb / 12P
   Twos Complement, Dual 12-Bit DAC with Internal REF and Fast Settling Time
REV. D
More results

同様の説明 - AD5399YRM

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5399YRMZ AD-AD5399YRMZ Datasheet
342Kb / 12P
   Twos Complement, Dual 12-Bit DAC with Internal REF and Fast Settling Time
REV. D
AD5329 AD-AD5329_15 Datasheet
125Kb / 4P
   Twos Complement Dual, 12-Bit DACs
REV PrC, 20 DEC 99
logo
National Semiconductor ...
DM93S43 NSC-DM93S43 Datasheet
108Kb / 4P
   4-BIT BY 2-BIT TWOS COMPLEMENT MULTIPLIER
logo
List of Unclassifed Man...
93S43 ETC1-93S43 Datasheet
304Kb / 3P
   4-BIT BY 2-BIT TWOS COMPLEMENT MULTIPLIER
logo
Texas Instruments
SN54LS384 TI-SN54LS384 Datasheet
239Kb / 6P
[Old version datasheet]   8-BIT BY 1-BIT TWOS-COMPLEMENT MULTIPLIERS
logo
Wolfson Microelectronic...
WM2638 WOLFSON-WM2638 Datasheet
360Kb / 11P
   Dual 12-Bit Serial Input Voltage Output DAC with Internal reference
logo
Texas Instruments
DAC61402 TI-DAC61402 Datasheet
4Mb / 52P
[Old version datasheet]   DAC61402 Dual, 12-Bit, High-Voltage-Output DAC With Internal Reference
logo
Linear Technology
LTC1821 LINER-LTC1821 Datasheet
220Kb / 16P
   16-Bit, Ultra Precise, Fast Settling VOUT DAC
LTC1821 LINER-LTC1821_15 Datasheet
231Kb / 16P
   16-Bit, Ultra Precise, Fast Settling VOUT DAC
logo
Analog Devices
AD5329 AD-AD5329 Datasheet
124Kb / 4P
   Two?셲 Complement Dual, 12-Bit DACs
REV PrC, 20 DEC 99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com