データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC14008BDR2 データシート(PDF) 7 Page - ON Semiconductor

部品番号 MC14008BDR2
部品情報  4-Bit Full Adder
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14008BDR2 データシート(HTML) 7 Page - ON Semiconductor

  MC14008BDR2 Datasheet HTML 1Page - ON Semiconductor MC14008BDR2 Datasheet HTML 2Page - ON Semiconductor MC14008BDR2 Datasheet HTML 3Page - ON Semiconductor MC14008BDR2 Datasheet HTML 4Page - ON Semiconductor MC14008BDR2 Datasheet HTML 5Page - ON Semiconductor MC14008BDR2 Datasheet HTML 6Page - ON Semiconductor MC14008BDR2 Datasheet HTML 7Page - ON Semiconductor MC14008BDR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MC14008B
http://onsemi.com
7
PACKAGE DIMENSIONS
PDIP–16
P SUFFIX
PLASTIC DIP PACKAGE
CASE 648–08
ISSUE R
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
4. DIMENSION B DOES NOT INCLUDE MOLD FLASH.
5. ROUNDED CORNERS OPTIONAL.
–A–
B
F
C
S
H
G
D
J
L
M
16 PL
SEATING
18
9
16
K
PLANE
–T–
M
A
M
0.25 (0.010)
T
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.740
0.770
18.80
19.55
B
0.250
0.270
6.35
6.85
C
0.145
0.175
3.69
4.44
D
0.015
0.021
0.39
0.53
F
0.040
0.70
1.02
1.77
G
0.100 BSC
2.54 BSC
H
0.050 BSC
1.27 BSC
J
0.008
0.015
0.21
0.38
K
0.110
0.130
2.80
3.30
L
0.295
0.305
7.50
7.74
M
0
10
0
10
S
0.020
0.040
0.51
1.01
_
_
_
_
SOIC–16
D SUFFIX
PLASTIC SOIC PACKAGE
CASE 751B–05
ISSUE J
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
18
16
9
SEATING
PLANE
F
J
M
R X 45
_
G
8 PL
P
–B–
–A–
M
0.25 (0.010)
B S
–T–
D
K
C
16 PL
S
B
M
0.25 (0.010)
A S
T
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
9.80
10.00
0.386
0.393
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.050 BSC
J
0.19
0.25
0.008
0.009
K
0.10
0.25
0.004
0.009
M
0
7
0
7
P
5.80
6.20
0.229
0.244
R
0.25
0.50
0.010
0.019
____


同様の部品番号 - MC14008BDR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC14008BDR2G ONSEMI-MC14008BDR2G Datasheet
135Kb / 8P
   4-Bit Full Adder
April, 2013 ??Rev. 7
MC14008BDR2G ONSEMI-MC14008BDR2G Datasheet
109Kb / 7P
   4-Bit Full Adder
July, 2014 ??Rev. 8
More results

同様の説明 - MC14008BDR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC14008BCPG ONSEMI-MC14008BCPG Datasheet
135Kb / 8P
   4-Bit Full Adder
April, 2013 ??Rev. 7
logo
National Semiconductor ...
CD4008BM NSC-CD4008BM Datasheet
124Kb / 6P
   4-Bit Full Adder
logo
Motorola, Inc
MC14008B MOTOROLA-MC14008B Datasheet
255Kb / 8P
   4-Bit Full Adder
logo
Hitachi Semiconductor
HD14008B HITACHI-HD14008B Datasheet
69Kb / 5P
   4-bit Full Adder
logo
ON Semiconductor
MC14008B ONSEMI-MC14008B_14 Datasheet
109Kb / 7P
   4-Bit Full Adder
July, 2014 ??Rev. 8
logo
Fairchild Semiconductor
7483A FAIRCHILD-7483A Datasheet
135Kb / 3P
   4-BIT BINARY FULL ADDER
logo
STMicroelectronics
M54HC283 STMICROELECTRONICS-M54HC283 Datasheet
247Kb / 10P
   4 BIT BINARY FULL ADDER
logo
Fairchild Semiconductor
4008B FAIRCHILD-4008B Datasheet
96Kb / 2P
   4-BIT BINARY FULL ADDER
logo
NXP Semiconductors
HEF4008B PHILIPS-HEF4008B Datasheet
62Kb / 5P
   4-bit binary full adder
January 1995
logo
Renesas Technology Corp
HD74LS283 RENESAS-HD74LS283 Datasheet
101Kb / 8P
   4-bit Binary Full Adder
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com