データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC14007 データシート(PDF) 5 Page - ON Semiconductor

部品番号 MC14007
部品情報  Dual Complementary Pair Plus Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14007 データシート(HTML) 5 Page - ON Semiconductor

  MC14007 Datasheet HTML 1Page - ON Semiconductor MC14007 Datasheet HTML 2Page - ON Semiconductor MC14007 Datasheet HTML 3Page - ON Semiconductor MC14007 Datasheet HTML 4Page - ON Semiconductor MC14007 Datasheet HTML 5Page - ON Semiconductor MC14007 Datasheet HTML 6Page - ON Semiconductor MC14007 Datasheet HTML 7Page - ON Semiconductor MC14007 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC14007UB
http://onsemi.com
5
Figure 4. Switching Time and Power Dissipation Test Circuit and Waveforms
PULSE
GENERATOR
VDD
500
µF
0.01
µF
CERAMIC
14
CL
Vout
VSS
7
Vin
ID
Vin
Vout
90%
50%
10%
90%
50%
10%
20 ns
20 ns
VDD
VSS
VOH
VOL
tTHL
tTLH
tPHL
tPLH
APPLICATIONS
The MC14007UB dual pair plus inverter, which has
access to all its elements offers a number of unique circuit
applications. Figures 1, 5, and 6 are a few examples of the
device flexibility.
Figure 5. 3–State Buffer
+VDD
DISABLE
3
INPUT
10
DISABLE
6
12
OUTPUT
11
1
2
9
8
7
INPUT
DISABLE
OUTPUT
1
0
X
0
0
1
0
1
OPEN
X = Don’t Care
Figure 6. AOI Functions Using Tree Logic
VDD
14
13
11
10
3
6
B
C
A
9
5
4
8
7
1
2
OUTPUT
OUT = A+B
•C
Substrates of P–channel devices internally connected to VDD;
Substrates of N–channel devices internally connected to VSS.
12


同様の部品番号 - MC14007

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MC14007N ETC-MC14007N Datasheet
150Kb / 2P
   8-function calculator unit co-operating with LED display
logo
ON Semiconductor
MC14007UB ONSEMI-MC14007UB Datasheet
154Kb / 9P
   Dual Complementary Pair Plus Inverter
October, 2006 ??Rev. 8
MC14007UB ONSEMI-MC14007UB Datasheet
121Kb / 7P
   Dual Complementary Pair Plus Inverter
July, 2014 ??Rev. 11
MC14007UBCP ONSEMI-MC14007UBCP Datasheet
154Kb / 9P
   Dual Complementary Pair Plus Inverter
October, 2006 ??Rev. 8
MC14007UBCPG ONSEMI-MC14007UBCPG Datasheet
154Kb / 9P
   Dual Complementary Pair Plus Inverter
October, 2006 ??Rev. 8
More results

同様の説明 - MC14007

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD4007UBF3A TI-CD4007UBF3A Datasheet
238Kb / 5P
[Old version datasheet]   DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
Fairchild Semiconductor
CD4007C FAIRCHILD-CD4007C Datasheet
49Kb / 5P
   Dual Complementary Pair Plus Inverter
logo
National Semiconductor ...
CD4007M NSC-CD4007M Datasheet
100Kb / 4P
   Dual Complementary Pair Plus Inverter
logo
Hitachi Semiconductor
HD14007UB HITACHI-HD14007UB Datasheet
76Kb / 5P
   Dual Complementary Pair plus Inverter
logo
ON Semiconductor
MC14007UB ONSEMI-MC14007UB_14 Datasheet
121Kb / 7P
   Dual Complementary Pair Plus Inverter
July, 2014 ??Rev. 11
logo
STMicroelectronics
HCF4007UB STMICROELECTRONICS-HCF4007UB Datasheet
124Kb / 9P
   DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
Micro Electronics
MMC4007 MICRO-ELECTRONICS-MMC4007 Datasheet
106Kb / 4P
   DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
STMicroelectronics
HCC4007UB STMICROELECTRONICS-HCC4007UB Datasheet
309Kb / 14P
   DUAL COMPLEMENTARY PAIR PLUS INVERTER
logo
ON Semiconductor
MC14007UB ONSEMI-MC14007UB_06 Datasheet
154Kb / 9P
   Dual Complementary Pair Plus Inverter
October, 2006 ??Rev. 8
logo
Intersil Corporation
CD4007UBMS INTERSIL-CD4007UBMS Datasheet
104Kb / 9P
   CMOS Dual Complementary Pair Plus Inverter
November 1994
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com