データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC14015BDR2 データシート(PDF) 3 Page - ON Semiconductor

部品番号 MC14015BDR2
部品情報  Dual 4-Bit Static Shift Register
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14015BDR2 データシート(HTML) 3 Page - ON Semiconductor

  MC14015BDR2 Datasheet HTML 1Page - ON Semiconductor MC14015BDR2 Datasheet HTML 2Page - ON Semiconductor MC14015BDR2 Datasheet HTML 3Page - ON Semiconductor MC14015BDR2 Datasheet HTML 4Page - ON Semiconductor MC14015BDR2 Datasheet HTML 5Page - ON Semiconductor MC14015BDR2 Datasheet HTML 6Page - ON Semiconductor MC14015BDR2 Datasheet HTML 7Page - ON Semiconductor MC14015BDR2 Datasheet HTML 8Page - ON Semiconductor MC14015BDR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC14015B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
VDD
– 55
_C
25
_C
125
_C
Characteristic
Symbol
VDD
Vdc
Min
Max
Min
Typ (4.)
Max
Min
Max
Unit
Output Voltage
“0” Level
Vin = VDD or 0
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
Vin = 0 or VDD
“1” Level
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage
“0” Level
(VO = 4.5 or .05 Vdc)
(VO = 9.0 or 1.0 Vdc)
(VO = 13.5 or 1.5 Vdc)
VIL
5.0
10
15
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
Vdc
(VO = 0.5 or 4.5 Vdc)
“1” Level
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
VIH
5.0
10
15
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
Vdc
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 4.6 Vdc)
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
IOH
5.0
5.0
10
15
– 3.0
– 0.64
– 1.6
– 4.2
– 2.4
– 0.51
– 1.3
– 3.4
– 4.2
– 0.88
– 2.25
– 8.8
– 1.7
– 0.36
– 0.9
– 2.4
mAdc
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
IOL
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.88
2.25
8.8
0.36
0.9
2.4
mAdc
Input Current
Iin
15
± 0.1
±0.00001
± 0.1
± 1.0
µAdc
Input Capacitance
(Vin = 0)
Cin
5.0
7.5
pF
Quiescent Current
(Per Package)
IDD
5.0
10
15
5.0
10
20
0.005
0.010
0.015
5.0
10
20
150
300
600
µAdc
Total Supply Current (5.) (6.)
(Dynamic plus Quiescent,
Per Package)
(CL = 50 pF on all outputs, all
buffers switching)
IT
5.0
10
15
IT = (1.2 µA/kHz)f + IDD
IT = (2.4 µA/kHz)f + IDD
IT = (3.6 µA/kHz)f + IDD
µAdc
4. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
5. The formulas given are for the typical characteristics only at 25
_C.
6. To calculate total supply current at loads other than 50 pF:
IT(CL) = IT(50 pF) + (CL – 50) Vfk
where: IT is in µA (per package), CL in pF, V = (VDD – VSS) in volts, f in kHz is input frequency, and k = 0.002.


同様の部品番号 - MC14015BDR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC14015BDR2 ONSEMI-MC14015BDR2 Datasheet
107Kb / 8P
   4?묪it Full Adder
August, 2005 ??Rev. 6
MC14015BDR2G ONSEMI-MC14015BDR2G Datasheet
107Kb / 8P
   4?묪it Full Adder
August, 2005 ??Rev. 6
MC14015BDR2G ONSEMI-MC14015BDR2G Datasheet
111Kb / 8P
   Dual 4-Bit Static Shift Register
July, 2014 ??Rev. 9
More results

同様の説明 - MC14015BDR2

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
CD4015BM NSC-CD4015BM Datasheet
134Kb / 6P
   Dual 4-Bit Static Shift Register
logo
Nexperia B.V. All right...
HEF4015B NEXPERIA-HEF4015B Datasheet
213Kb / 11P
   Dual 4-bit static shift register
Rev. 10 - 26 November 2021
logo
ON Semiconductor
MC14015B ONSEMI-MC14015B_14 Datasheet
111Kb / 8P
   Dual 4-Bit Static Shift Register
July, 2014 ??Rev. 9
logo
Hitachi Semiconductor
HD14015B HITACHI-HD14015B Datasheet
89Kb / 7P
   Dual 4-bit Static Shift Register
logo
Rohm
BU4015B ROHM-BU4015B Datasheet
50Kb / 4P
   Dual 4-bit static shift register
logo
NXP Semiconductors
HEF4015B PHILIPS-HEF4015B Datasheet
58Kb / 5P
   Dual 4-bit static shift register
January 1995
logo
Motorola, Inc
MC14015B MOTOROLA-MC14015B Datasheet
251Kb / 8P
   Dual 4-Bit Static Shift Register
logo
Fairchild Semiconductor
CD4015BC FAIRCHILD-CD4015BC Datasheet
56Kb / 6P
   Dual 4-Bit Static Shift Register
logo
NXP Semiconductors
HEF4517B NXP-HEF4517B_09 Datasheet
152Kb / 15P
   Dual 64-bit static shift register
Rev. 06-10 December 2009
logo
ON Semiconductor
MC14517B ONSEMI-MC14517B Datasheet
157Kb / 8P
   Dual 64-Bit Static Shift Register
March, 2000 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com