データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS71024U-12 データシート(PDF) 5 Page - GSI Technology

部品番号 GS71024U-12
部品情報  64K x 24 1.5Mb Asynchronous SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GSI [GSI Technology]
ホームページ  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS71024U-12 データシート(HTML) 5 Page - GSI Technology

  GS71024U-12 Datasheet HTML 1Page - GSI Technology GS71024U-12 Datasheet HTML 2Page - GSI Technology GS71024U-12 Datasheet HTML 3Page - GSI Technology GS71024U-12 Datasheet HTML 4Page - GSI Technology GS71024U-12 Datasheet HTML 5Page - GSI Technology GS71024U-12 Datasheet HTML 6Page - GSI Technology GS71024U-12 Datasheet HTML 7Page - GSI Technology GS71024U-12 Datasheet HTML 8Page - GSI Technology GS71024U-12 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
GS71024T/U
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.05 11/2004
5/13
© 1999, GSI Technology
AC Test Conditions
Power Supply Currents
Parameter
Symbol
Test Conditions
0 to 70°C
-40 to 85°C
8 ns
9 ns
10 ns
12 ns
15 ns
10 ns
12 ns
15 ns
Operating
Supply
Current
IDD
CE
≤ VIL
All other inputs
≥ VIH or ≤ VIL
Min. cycle time
IOUT = 0 mA
190 mA 170 mA 160 mA 130 mA 110 mA 165 mA 135 mA 115 mA
Standby
Current
ISB1
CE
≥ VIH
All other inputs
≥ VIH or ≤VIL
Min. cycle time
45 mA
45 mA
40 mA
35 mA
30 mA
45 mA
40 mA
35 mA
Standby
Current
ISB2
CE
≥ VDD – 0.2 V
All other inputs
≥ VDD – 0.2 V or ≤ 0.2 V
10 mA
15 mA
DQ
VT = 1.4 V
50
30pF1
DQ
3.3 V
Output Load 1
Output Load 2
589
434
5pF1
Notes:
1. Include scope and jig capacitance.
2. Test conditions as specified with output loading as shown in Fig. 1
unless otherwise noted
3. Output load 2 for tLZ, tHZ, tOLZ and tOHZ.
Parameter
Conditions
Input high level
VIH = 2.4 V
Input low level
VIL = 0.4 V
Input rise time
tr = 1 V/ns
Input fall time
tf = 1 V/ns
Input reference level
1.4 V
Output reference level
1.4 V
Output load
Fig. 1& 2


同様の部品番号 - GS71024U-12

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
GS71108AGJ-10 ETC2-GS71108AGJ-10 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
GS71108AGJ-10I ETC2-GS71108AGJ-10I Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
GS71108AGJ-12 ETC2-GS71108AGJ-12 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
GS71108AGJ-12I ETC2-GS71108AGJ-12I Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
GS71108AGJ-7 ETC2-GS71108AGJ-7 Datasheet
641Kb / 16P
   128K x 8 1Mb Asynchronous SRAM
More results

同様の説明 - GS71024U-12

メーカー部品番号データシート部品情報
logo
GSI Technology
GS71116AU-10I GSI-GS71116AU-10I Datasheet
122Kb / 14P
   64K x 16 1Mb Asynchronous SRAM
GS71216TP GSI-GS71216TP Datasheet
184Kb / 12P
   64K x 16 1Mb Asynchronous SRAM
GS76024AB GSI-GS76024AB Datasheet
631Kb / 12P
   256K x 24 6Mb Asynchronous SRAM
GS76024B GSI-GS76024B Datasheet
220Kb / 11P
   256K x 24 6Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS73024B-10 ETC-GS73024B-10 Datasheet
218Kb / 11P
   128K X 24 3MB ASYNCHRONOUS SRAM
logo
STMicroelectronics
M68AW064F STMICROELECTRONICS-M68AW064F Datasheet
265Kb / 18P
   1 Mbit 64K x16 3.0V Asynchronous SRAM
logo
Taiwan Memory Technolog...
T35L6464A TMT-T35L6464A Datasheet
160Kb / 16P
   64K x 64 SRAM???
T35L6432B TMT-T35L6432B Datasheet
162Kb / 16P
   64K x 32 SRAM???
T35L6432A TMT-T35L6432A Datasheet
1Mb / 15P
   64K x 32 SRAM?
logo
Micron Technology
MT5C6401 MICRON-MT5C6401 Datasheet
128Kb / 11P
   64K x 1 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com