データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ECX-1000-2R データシート(PDF) 1 Page - Vecow Co., Ltd.

部品番号 ECX-1000-2R
部品情報  ECX-1000, 2 GigE LAN, 2 SSD Tray, 4 COM, 2 SIM, 6 USB 3.1, 16 GPIO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VECOW [Vecow Co., Ltd.]
ホームページ  http://www.vecow.com
Logo VECOW - Vecow Co., Ltd.

ECX-1000-2R データシート(HTML) 1 Page - Vecow Co., Ltd.

  ECX-1000-2R Datasheet HTML 1Page - Vecow Co., Ltd. ECX-1000-2R Datasheet HTML 2Page - Vecow Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
Features
High-performance Fanless Systems
ECX-1000-2R
9th Generation Intel® Xeon®/Core™ i7/i5/i3 (Coffee Lake Refresh) Fanless Embedded System with Intel® C246 Chipset, 2 GigE LAN, 6 USB 3.1,
2 Front-access SSD Tray, 2 M.2 Socket, 16 GPIO, High Performance, Rugged, -40°C to 75°C Extended Temperature
ƒ
8 Cores 9th Generation Intel® Xeon®/Core™ i7/i5/i3 (Coffee Lake
Refresh) with Intel® C246 Chipset
ƒ
Fanless, -40°C to 75°C Operating Temperature
ƒ
2 Independent GigE LAN, iAMT 12.0 supported
ƒ
SIM Sockets for WiFi/4G/3G/LTE/GPRS/UMTS
ƒ
2 2.5 SSD Tray, 2 SIM Socket, 1 CFast Socket, 2 M.2 Socket
ƒ
6 USB 3.1, 4 COM RS-232/422/485, 16 GPIO
ƒ
Expansion : SUMIT A, B, M.2, up to 5 Mini PCIe
ƒ
6V to 36V DC Power Input with 80V Surge Protection
ƒ
Configurable Ignition Power Control
System
Processor
Intel
® Xeon®/Core™ i7/i5/i3 Processor (CFL-R S/CFL-S)
Chipset
Intel
® C246
BIOS
AMI
SIO
IT8786E
Memory
2 DDR4 2666MHz SO-DIMM, up to 64GB (ECC/Non-ECC)
I/O Interface
Serial
4 COM RS-232/422/485 (ESD 8KV)
USB
ƒ
6 USB 3.1 (6 External)
ƒ
1 USB 2.0 (Internal)
Isolated DIO
16 GPIO
LED
Power, HDD, Wireless
SIM Card
2 External SIM Card Socket
Expansion
Mini PCIe
2 Full-size Mini PCIe Socket for PCIe/USB/External SIM Card/
mSATA
M.2
1 M.2 Key E Socket
SUMIT A, B
2 SUMIT Slot (Optional)
Graphics
Graphics
Processor
Intel
® UHD Graphics 630
Interface
ƒ
DVI-I : Up to 1920 x 1200 @60Hz
ƒ
DVI-D : Up to 1920 x 1080 @60Hz
ƒ
DisplayPort : Up to 4096 x 2304 @60Hz
Storage
SATA
2 SATA III (6Gbps) support S/W RAID 0, 1
mSATA
2 SATA III (Mini PCIe Type, 6Gbps)
Storage
Device
ƒ
1 CFast Socket, Push-in/Push-out Ejector
ƒ
2 Front-access 2.5" SSD/HDD Tray
ƒ
1 M.2 Key M Socket
Audio
Audio Codec
Realtek ALC892, 5.1 Channel HD Audio
Audio Interface
1 Mic-in, 1 Line-out
Ethernet
LAN 1
Intel
® I219LM GigE LAN supports iAMT 12.0
LAN 2
Intel
® I210 GigE LAN
Power
Power Input
6V to 36V, DC-in
Power
Interface
3-pin Terminal Block : V+, V-, Frame Ground
Ignition
Control
16 Mode (Internal)
Remote
Switch
3-pin Terminal Block : On, Off, IGN
Surge
Protection
Up to 80V/1ms Transient Power
Others
TPM
Optional Infineon SLB9665 supports TPM 2.0, LPC Interface
Watchdog
Timer
Reset : 1 to 255 sec./min. per step
Smart
Management
Wake on LAN, PXE supported
HW Monitor
Monitoring temperature, voltages. Auto throttling control
when CPU overheats.
Software Support
OS
Windows 10, Linux
Mechanical
Dimensions
(W x L x H)
260mm x 175mm x 79mm (10.2" x 6.9" x 3.1")
Weight
3.8 kg (8.38 lb)
Mounting
ƒ
Wallmount by mounting bracket
ƒ
DIN Rail Mount (Optional)
ƒ
2U Rackmount (Optional)
Environment
Operating
Temperature
35W TDP CPU : -40°C to 75°C (-40°F to 167°F)
65W TDP CPU : -40°C to 55°C (-40°F to 131°F)
80W TDP CPU : -40°C to 45°C (-40°F to 113°F)
Storage
Temperature
-40°C to 85°C (-40°F to 185°F)
Humidity
5% to 95% Humidity, non-condensing
Relative
Humidity
95% @ 75°C
Shock
ƒ
IEC 60068-2-27
ƒ
SSD : 50G @ wallmount, Half-sine, 11ms
Vibration
ƒ
IEC 60068-2-64
ƒ
SSD : 5Grms, 5Hz to 500Hz, 3 Axis
EMC
CE, FCC, EN50155, EN50121-3-2


同様の部品番号 - ECX-1000-2R

メーカー部品番号データシート部品情報
logo
Vecow Co., Ltd.
ECX-1000-2G VECOW-ECX-1000-2G Datasheet
416Kb / 2P
   ECX-1000, 2 GigE LAN, 4 COM, 2 SIM, 6 USB 3.1, 16 GPIO
More results

同様の説明 - ECX-1000-2R

メーカー部品番号データシート部品情報
logo
Vecow Co., Ltd.
ECX-1000-4R VECOW-ECX-1000-4R Datasheet
438Kb / 2P
   ECX-1000, 4 GigE LAN, 2 SSD Tray, 4 COM, 2 SIM, 6 USB 3.1, 16 GPIO
ECX-1000-6FR VECOW-ECX-1000-6FR Datasheet
456Kb / 2P
   ECX-1000, 6 GigE LAN w/2 SFP, 2 SSD Tray, 4 COM, 2 SIM, 6 USB 3.1, 16 GPIO
ECX-1000-2G VECOW-ECX-1000-2G Datasheet
416Kb / 2P
   ECX-1000, 2 GigE LAN, 4 COM, 2 SIM, 6 USB 3.1, 16 GPIO
ECX-1000-4G VECOW-ECX-1000-4G Datasheet
418Kb / 2P
   ECX-1000, 4 GigE LAN, 4 COM, 2 SIM, 6 USB 3.1, 16 GPIO
ECX-1000-6F VECOW-ECX-1000-6F Datasheet
436Kb / 2P
   ECX-1000, 6 GigE LAN w/2 SFP, 4 COM, 2 SIM, 6 USB 3.1, 16 GPIO
ECX-1110 VECOW-ECX-1110 Datasheet
442Kb / 2P
   ECX-1100, 2 GigE LAN, 2 SSD Tray, 1 PCIe x16, 6 USB 3.1, 4 COM, 3 SIM, 16 GPIO
ECX-1000-9R VECOW-ECX-1000-9R Datasheet
461Kb / 2P
   ECX-1000, 9 GigE LAN w/4 PoE, 2 SSD Tray, 4 COM, 2 SIM, 6 USB 3.1, 16 Isolated DIO
ECX-1100GTX1050 VECOW-ECX-1100GTX1050 Datasheet
1Mb / 2P
   ECX-1100, NVIDIA짰 GeForce짰 GTX 1050 Ti, 2 GigE LAN, 2 SSD Tray, 6 USB 3.1, 4 COM, 3 SIM, 16 GPIO
ECX-1055R VECOW-ECX-1055R Datasheet
459Kb / 2P
   ECX-1000, 2 10G RJ45, 6 GigE LAN w/4 PoE, 2 SSD Tray, 4 COM, 2 SIM, 6 USB 3.1, 16 Isolated DIO
ECS-9000-2R VECOW-ECS-9000-2R Datasheet
395Kb / 2P
   ECS-9000, 2 GigE LAN, 2 SSD Tray, 6 USB 3.0, 4 COM, 3 SIM, 16 GPIO
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com