データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ECX-1000-2R データシート(PDF) 2 Page - Vecow Co., Ltd.

部品番号 ECX-1000-2R
部品情報  ECX-1000, 2 GigE LAN, 2 SSD Tray, 4 COM, 2 SIM, 6 USB 3.1, 16 GPIO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VECOW [Vecow Co., Ltd.]
ホームページ  http://www.vecow.com
Logo VECOW - Vecow Co., Ltd.

ECX-1000-2R データシート(HTML) 2 Page - Vecow Co., Ltd.

  ECX-1000-2R Datasheet HTML 1Page - Vecow Co., Ltd. ECX-1000-2R Datasheet HTML 2Page - Vecow Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Order Information
Dimensions
Unit : mm/ inch
Front I/O
Rear I/O
ECX-1000-2R
ECX-1000, 2 GigE LAN, 2 SSD Tray, 4 COM, 2 SIM, 6 USB 3.1, 16 GPIO
260.0 (10.24”)
282.0 (11.10”)
297.0 (11.69”)
16 GPIO
4 x COM
Remote Power Switch
2 x USB 3.1
DC-in
CFast
LED
2 x SIM
DVI-D
4 x USB 3.1
DisplayPort
Line-out
Mic-in
DVI-I
2 x LAN
Power
DVI-I
Reset
2 x SSD/HDD Tray
Accessories
DDR4 32G
Certified DDR4 32GB 2666MHz RAM
DDR4 16G
Certified DDR4 16GB 2666MHz RAM
DDR4 8G
Certified DDR4 8GB 2666MHz RAM
DDR4 4G
Certified DDR4 4GB 2666MHz RAM
PWA-120W
120W, 24V, 90VAC to 264VAC Power Adapter with 3-pin
Terminal Block
PWA-160W-WT
160W, 24V, 85V AC to 264V AC Power Adapter with 3-pin
Terminal Block, Wide Temperature -30°C to +70°C
PWA-280W-WT
280W, 24V, 85V AC to 264V AC Power Adapter with 3-pin
Terminal Block, Wide Temperature -30°C to +70°C
VESA Mount
VESA Mounting Kit
DIN-RAIL
DIN Rail Kit
Rack Mount
2U Rackmount Kit
TMK2-20P-100
Terminal Block 20-pin to Terminal Block 20-pin Cable, 100cm
TMK2-20P-500
Terminal Block 20-pin to Terminal Block 20-pin Cable, 500cm
TMB-TMBK-20P
Terminal Board with One 20-pin Terminal Block Connector
and DIN-Rail Mounting
4G Module
Mini PCIe 4G/GPS Module with Antenna
WiFi & Bluetooth
WiFi & Bluetooth Module with Antenna
CPU List
Series
CPU
Cores
GHz
TDP
(W)
ECC
RAM
Intel®
Xeon®
E-2176G
6
4.6
80
Yes
E-2124G
4
4.5
71
E-2278GE
8
4.7
80
E-2278GEL
8
3.9
35
E-2226GE
6
4.6
80
Intel®
Core™
i7-8700
6
4.6
65
N/A
i7-8700T
6
4
35
i7-9700E
8
4.4
65
i7-9700TE
8
3.8
35
i5-8500
6
4.1
65
i5-8500T
6
3.5
35
i5-9500E
6
4.2
65
i5-9500TE
6
3.6
35
i3-8100
4
3.6
65
Yes
i3-8100T
4
3.1
35
i3-9100E
4
3.7
65
i3-9100TE
4
3.2
35
ECX-1000-2R-20190802
* The rights of all brand names, product names and trademarks belong to their respective owners.
Copyright © 2019 Vecow Co., Ltd. All rights reserved.


同様の部品番号 - ECX-1000-2R

メーカー部品番号データシート部品情報
logo
Vecow Co., Ltd.
ECX-1000-2G VECOW-ECX-1000-2G Datasheet
416Kb / 2P
   ECX-1000, 2 GigE LAN, 4 COM, 2 SIM, 6 USB 3.1, 16 GPIO
More results

同様の説明 - ECX-1000-2R

メーカー部品番号データシート部品情報
logo
Vecow Co., Ltd.
ECX-1000-4R VECOW-ECX-1000-4R Datasheet
438Kb / 2P
   ECX-1000, 4 GigE LAN, 2 SSD Tray, 4 COM, 2 SIM, 6 USB 3.1, 16 GPIO
ECX-1000-6FR VECOW-ECX-1000-6FR Datasheet
456Kb / 2P
   ECX-1000, 6 GigE LAN w/2 SFP, 2 SSD Tray, 4 COM, 2 SIM, 6 USB 3.1, 16 GPIO
ECX-1000-2G VECOW-ECX-1000-2G Datasheet
416Kb / 2P
   ECX-1000, 2 GigE LAN, 4 COM, 2 SIM, 6 USB 3.1, 16 GPIO
ECX-1000-4G VECOW-ECX-1000-4G Datasheet
418Kb / 2P
   ECX-1000, 4 GigE LAN, 4 COM, 2 SIM, 6 USB 3.1, 16 GPIO
ECX-1000-6F VECOW-ECX-1000-6F Datasheet
436Kb / 2P
   ECX-1000, 6 GigE LAN w/2 SFP, 4 COM, 2 SIM, 6 USB 3.1, 16 GPIO
ECX-1110 VECOW-ECX-1110 Datasheet
442Kb / 2P
   ECX-1100, 2 GigE LAN, 2 SSD Tray, 1 PCIe x16, 6 USB 3.1, 4 COM, 3 SIM, 16 GPIO
ECX-1000-9R VECOW-ECX-1000-9R Datasheet
461Kb / 2P
   ECX-1000, 9 GigE LAN w/4 PoE, 2 SSD Tray, 4 COM, 2 SIM, 6 USB 3.1, 16 Isolated DIO
ECX-1100GTX1050 VECOW-ECX-1100GTX1050 Datasheet
1Mb / 2P
   ECX-1100, NVIDIA짰 GeForce짰 GTX 1050 Ti, 2 GigE LAN, 2 SSD Tray, 6 USB 3.1, 4 COM, 3 SIM, 16 GPIO
ECX-1055R VECOW-ECX-1055R Datasheet
459Kb / 2P
   ECX-1000, 2 10G RJ45, 6 GigE LAN w/4 PoE, 2 SSD Tray, 4 COM, 2 SIM, 6 USB 3.1, 16 Isolated DIO
ECS-9000-2R VECOW-ECS-9000-2R Datasheet
395Kb / 2P
   ECS-9000, 2 GigE LAN, 2 SSD Tray, 6 USB 3.0, 4 COM, 3 SIM, 16 GPIO
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com