データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RBC69-1U データシート(PDF) 2 Page - Tripp Lite. All Rights Reserved

部品番号 RBC69-1U
部品情報  1U UPS Replacement Battery Cartridge for select Tripp Lite SmartPro UPS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRIPPLITE [Tripp Lite. All Rights Reserved]
ホームページ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

RBC69-1U データシート(HTML) 2 Page - Tripp Lite. All Rights Reserved

  RBC69-1U Datasheet HTML 1Page - Tripp Lite. All Rights Reserved RBC69-1U Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
PHYSICAL
Shipping Dimensions (hwd / cm)
6.35 x 23.37 x 34.29
Shipping Dimensions (hwd / in.)
2.50 x 9.20 x 13.50
Shipping Weight (kg)
5.90
Shipping Weight (lbs.)
13.00
Unit Dimensions (hwd / cm)
3.8 x 21 x 31.1
Unit Dimensions (hwd / in.)
1.5 x 8.25 x 12.25
ENVIRONMENTAL
Relative Humidity
0-95% non-condensing
WARRANTY
Product Warranty Period (U.S. &
Canada)
18-month limited warranty
Product Warranty Period
(International)
1-year limited warranty
Product Warranty Period (Mexico)
1-year limited warranty
Product Warranty Period (Puerto
Rico)
1-year limited warranty
2 / 2


同様の部品番号 - RBC69-1U

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
RBC62-1U TRIPPLITE-RBC62-1U Datasheet
156Kb / 2P
   1U UPS Replacement 12VDC Battery Cartridge for select Tripp Lite SmartPro UPS
RBC64-1U TRIPPLITE-RBC64-1U Datasheet
156Kb / 2P
   1U UPS Replacement 24VDC Battery Cartridge (1 set of 4) for select Tripp Lite SmartPro UPS
RBC6A TRIPPLITE-RBC6A Datasheet
157Kb / 2P
   UPS Replacement Battery Cartridge for select APC UPS, 16.9-lbs.
More results

同様の説明 - RBC69-1U

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
RBC62-1U TRIPPLITE-RBC62-1U Datasheet
156Kb / 2P
   1U UPS Replacement 12VDC Battery Cartridge for select Tripp Lite SmartPro UPS
RBC94-3U TRIPPLITE-RBC94-3U Datasheet
161Kb / 2P
   3U UPS Replacement 48VDC Battery Cartridge for select Tripp Lite SmartPro UPS
RBC49-DV TRIPPLITE-RBC49-DV Datasheet
158Kb / 2P
   2U UPS Replacement 48VDC Battery Cartridge for select Tripp Lite SmartPro UPS
RBC24V-LCD TRIPPLITE-RBC24V-LCD Datasheet
158Kb / 2P
   2U UPS Replacement Battery Cartridge for select Tripp Lite UPS
RBC64-1U TRIPPLITE-RBC64-1U Datasheet
156Kb / 2P
   1U UPS Replacement 24VDC Battery Cartridge (1 set of 4) for select Tripp Lite SmartPro UPS
logo
List of Unclassifed Man...
RBC58-2U ETC2-RBC58-2U Datasheet
475Kb / 2P
   2U UPS Replacement Battery Cartridge for select Tripp Lite UPS systems
logo
Tripp Lite. All Rights ...
RBC36-SLT TRIPPLITE-RBC36-SLT Datasheet
161Kb / 2P
   UPS Replacement 36VDC Battery Cartridge for select Tripp Lite SLT UPS
RBC24-SLT TRIPPLITE-RBC24-SLT Datasheet
162Kb / 2P
   UPS Replacement 24VDC Battery Cartridge for select Tripp Lite SLT UPS
RBC24-SUTWR TRIPPLITE-RBC24-SUTWR Datasheet
157Kb / 2P
   UPS Replacement Battery Cartridge for select Tripp Lite SmartOnline Tower UPS
RBC96-2U TRIPPLITE-RBC96-2U Datasheet
158Kb / 2P
   2U UPS Replacement 72VDC Battery Cartridge for select Tripp Lite SmartOnline UPS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com