データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S3M30KXD データシート(PDF) 1 Page - Tripp Lite. All Rights Reserved

部品番号 S3M30KXD
部品情報  SmartOnline S3MX Series 3-Phase 380/400/415V 30kVA 27kW On-Line Double-Conversion UPS, Parallel for Capacity and Redundancy, Single & Dual AC Input
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TRIPPLITE [Tripp Lite. All Rights Reserved]
ホームページ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

S3M30KXD データシート(HTML) 1 Page - Tripp Lite. All Rights Reserved

  S3M30KXD Datasheet HTML 1Page - Tripp Lite. All Rights Reserved S3M30KXD Datasheet HTML 2Page - Tripp Lite. All Rights Reserved S3M30KXD Datasheet HTML 3Page - Tripp Lite. All Rights Reserved S3M30KXD Datasheet HTML 4Page - Tripp Lite. All Rights Reserved S3M30KXD Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SmartOnline S3MX Series 3-Phase 380/400/415V
30kVA 27kW On-Line Double-Conversion UPS,
Parallel for Capacity and Redundancy, Single &
Dual AC Input
MODEL NUMBER: S3M30KXD
Highly efficient 94% on-line UPS with compact design protects mission-critical equipment against
downtime due to power disturbances.
Features
Battery Backup and VFI Operation Protect Critical Loads
The SmartOnline® S3M30KXD IGBT UPS supports the continuous availability of your most important
loads through all power conditions, providing a compact backup power platform that’s easy to manage
and inexpensive to operate. Sophisticated voltage and frequency independent (VFI) operation and
advanced IGBT rectifier technology with DSP control deliver reliable output power quality. Providing up to
30kVA of clean, continuous power, this 3-phase UPS system is perfect for critical applications in IT,
communications, corporate, commercial, retail, financial, security, transportation, emergency and edge
infrastructure environments.
Best-in-Class Footprint for Easy Integration into Your Network Application
This on-line double-conversion UPS system has a very small footprint of just 0.24 square meters. It
requires less valuable space in your facility, and you can install the UPS system in spaces that would
previously have required expensive retrofitting.
Efficient Operation and Design Reduces Cost of Ownership
This UPS benefits from highly efficient transformer-free double-conversion technology that delivers
operating cost savings. It achieves 94% efficiency in double-conversion mode and up to 98% in ECO
mode, reducing your power and cooling costs. A low THDi (<3%) improves generator compatibility. A low
THDv (2%) and active power factor correction improve output performance. The hardware and firmware
platform design reduces the number of unique boards, improving mean time to repair (MTTR) and
resulting in reduced downtime. Built-in static and maintenance bypass transfer UPS load to utility power
during faults, overloads and maintenance, which also avoids costly system downtime.
Supplies Reliable Battery Backup with Expandable Runtime Options
Internal 9Ah batteries provide 17 minutes of support at half load and 5.5 minutes at full load with zero
transfer time. Adding external battery cabinets, such as BP480V09 (sold separately), provides extended
runtime. The S3M30KXD automatically restarts after a lengthy power outage.
Intuitive LCD Interface Delivers Important Performance Information at a Glance
The interactive front-panel LCD interface displays critical operating conditions and diagnostic data,
including operating mode, input/output voltage, load, battery voltage, backup runtime and fault conditions.
Highlights
Best-in-class footprint and
power density minimize space
requirements for up to 30kVA
q
Intuitive LCD interface offers key
performance, configuration and
diagnostics info
q
High efficiency (94% on-line,
98% ECO mode) helps reduce
operating costs
q
Optional WEBCARDLX network
management card allows cost-
effective remote management
q
Parallel for capacity and
redundancy up to 3 units
q
Single and dual AC input
capability
q
Applications
Fit 30kVA UPS and batteries in
best-in-class footprint to save
space for revenue-generating
equipment
q
Back up critical IT equipment
and data in network, telecom,
financial and edge infrastructure
applications
q
Maintain server-room operations
during all power conditions,
including short blackouts
q
Package Includes
S3M30KXD SmartOnline S3MX
Series 3-Phase 380/400/415V
30kVA 27kW On-Line Double-
Conversion UPS
q
RS-232 cable
q
Paralleling cable kit
q
1 / 5


同様の部品番号 - S3M30KXD

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
S3M30KXD-NIB TRIPPLITE-S3M30KXD-NIB Datasheet
179Kb / 5P
   SmartOnline S3MX Series 3-Phase 380/400/415V 30kVA 27kW On-Line Double-Conversion UPS, Parallel for Capacity and Redundancy, Single & Dual AC Input, No Internal Batteries
More results

同様の説明 - S3M30KXD

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
S3M30KX TRIPPLITE-S3M30KX Datasheet
176Kb / 5P
   SmartOnline S3MX Series 3-Phase 380/400/415V 30kVA 27kW On-Line Double-Conversion UPS
S3M30KXD-NIB TRIPPLITE-S3M30KXD-NIB Datasheet
179Kb / 5P
   SmartOnline S3MX Series 3-Phase 380/400/415V 30kVA 27kW On-Line Double-Conversion UPS, Parallel for Capacity and Redundancy, Single & Dual AC Input, No Internal Batteries
S3M100KXD TRIPPLITE-S3M100KXD Datasheet
187Kb / 5P
   SmartOnline S3MX Series 3-Phase 380/400/415V 100kVA 90kW On-Line Double-Conversion UPS, Parallel for Capacity and Redundancy, Single & Dual AC Input
S3M40KXD TRIPPLITE-S3M40KXD Datasheet
179Kb / 5P
   SmartOnline S3MX Series 3-Phase 380/400/415V 40kVA 36kW On-Line Double-Conversion UPS, Parallel for Capacity and Redundancy, Single & Dual AC Input
S3M160KXD TRIPPLITE-S3M160KXD Datasheet
183Kb / 5P
   SmartOnline S3MX Series 3-Phase 380/400/415V 160kVA 144kW On-Line Double-Conversion UPS, Parallel for Capacity and Redundancy, Single & Dual AC Input
S3M80KXD TRIPPLITE-S3M80KXD Datasheet
178Kb / 5P
   SmartOnline S3MX Series 3-Phase 380/400/415V 80kVA 72kW On-Line Double-Conversion UPS, Parallel for Capacity and Redundancy, Single & Dual AC Input
S3M60KXD TRIPPLITE-S3M60KXD Datasheet
178Kb / 5P
   SmartOnline S3MX Series 3-Phase 380/400/415V 60kVA 54kW On-Line Double-Conversion UPS, Parallel for Capacity and Redundancy, Single & Dual AC Input
S3M200KXD TRIPPLITE-S3M200KXD Datasheet
183Kb / 5P
   SmartOnline S3MX Series 3-Phase 380/400/415V 200kVA 180kW On-Line Double-Conversion UPS, Parallel for Capacity and Redundancy, Single & Dual AC Input
S3M120KXD TRIPPLITE-S3M120KXD Datasheet
187Kb / 5P
   SmartOnline S3MX Series 3-Phase 380/400/415V 120kVA 108kW On-Line Double-Conversion UPS, Parallel for Capacity and Redundancy, Single & Dual AC Input
S3M30KX-NIB TRIPPLITE-S3M30KX-NIB Datasheet
179Kb / 5P
   SmartOnline S3MX Series 3-Phase 380/400/415V 30kVA 27kW On-Line Double-Conversion UPS (No Internal Batteries)
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com