データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC14513B データシート(PDF) 3 Page - ON Semiconductor

部品番号 MC14513B
部品情報  BCD-To-Seven Segment Latch/Decoder/Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14513B データシート(HTML) 3 Page - ON Semiconductor

  MC14513B Datasheet HTML 1Page - ON Semiconductor MC14513B Datasheet HTML 2Page - ON Semiconductor MC14513B Datasheet HTML 3Page - ON Semiconductor MC14513B Datasheet HTML 4Page - ON Semiconductor MC14513B Datasheet HTML 5Page - ON Semiconductor MC14513B Datasheet HTML 6Page - ON Semiconductor MC14513B Datasheet HTML 7Page - ON Semiconductor MC14513B Datasheet HTML 8Page - ON Semiconductor MC14513B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC14513B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
VDD
– 55
_C
25
_C
125
_C
Characteristic
Symbol
VDD
Vdc
Min
Max
Min
Typ (4.)
Max
Min
Max
Unit
Output Voltage — Segment Outputs
“0” Level
Vin = VDD or 0
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
“1” Level
Vin = 0 or VDD
VOH
5.0
10
15
4.1
9.1
14.1
4.1
9.1
14.1
5.0
10
15
4.1
9.1
14.1
Vdc
Output Voltage — RBO Output
“0” Level
Vin = VDD or 0
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
“1” Level
Vin = 0 or VDD
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage (4.)
“0” Level
(VO = 3.8 or 0.5 Vdc)
(VO = 8.8 or 1.0 Vdc)
(VO = 13.8 or 1.5 Vdc)
VIL
5.0
10
15
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
Vdc
(VO = 0.5 or 3.8 Vdc)
“1” Level
(VO = 1.0 or 8.8 Vdc)
(VO = 1.5 or 13.8 Vdc)
VIH
5.0
10
15
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
Vdc
Output Drive Voltage — Segments
(IOH = 0 mA)
Source
(IOH = 5.0 mA)
(IOH = 10 mA)
(IOH = 15 mA)
(IOH = 20 mA)
(IOH = 25 mA)
VOH
5.0
4.1
3.9
3.4
4.1
3.9
3.4
4.57
4.24
4.12
3.94
3.70
3.54
4.1
3.5
3.0
Vdc
(IOH = 0 mA)
(IOH = 5.0 mA)
(IOH = 10 mA)
(IOH = 15 mA)
(IOH = 20 mA)
(IOH = 25 mA)
10
9.1
9.0
8.6
9.1
9.0
8.6
9.58
9.26
9.17
9.04
8.90
8.75
9.1
8.6
8.2
Vdc
(IOH = 0 mA)
(IOH = 5.0 mA)
(IOH = 10 mA)
(IOH = 15 mA)
(IOH = 20 mA)
(IOH = 25 mA)
15
14.1
14
13.6
14.1
14
13.6
14.59
14.27
14.18
14.07
13.95
13.80
14.1
13.6
13.2
Vdc
(continued)


同様の部品番号 - MC14513B

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC14513B ONSEMI-MC14513B Datasheet
107Kb / 10P
   BCD?뭈o?뭆even Segment Latch/Decoder/Driver CMOS MSI (Low?뭁ower Complementary MOS)
June, 2006 ??Rev. 6
MC14513BCP ONSEMI-MC14513BCP Datasheet
107Kb / 10P
   BCD?뭈o?뭆even Segment Latch/Decoder/Driver CMOS MSI (Low?뭁ower Complementary MOS)
June, 2006 ??Rev. 6
MC14513BCPG ONSEMI-MC14513BCPG Datasheet
107Kb / 10P
   BCD?뭈o?뭆even Segment Latch/Decoder/Driver CMOS MSI (Low?뭁ower Complementary MOS)
June, 2006 ??Rev. 6
MC14513B ONSEMI-MC14513B_06 Datasheet
107Kb / 10P
   BCD?뭈o?뭆even Segment Latch/Decoder/Driver CMOS MSI (Low?뭁ower Complementary MOS)
June, 2006 ??Rev. 6
More results

同様の説明 - MC14513B

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD14511B HITACHI-HD14511B Datasheet
98Kb / 6P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4543P RENESAS-HD74HC4543P Datasheet
118Kb / 9P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511_18 Datasheet
236Kb / 8P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
STMicroelectronics
HCF4511B STMICROELECTRONICS-HCF4511B Datasheet
498Kb / 13P
   BCD TO SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
Hitachi Semiconductor
HD74HC4543 HITACHI-HD74HC4543 Datasheet
68Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4511 RENESAS-HD74HC4511 Datasheet
107Kb / 8P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Toshiba Semiconductor
TC4511BP TOSHIBA-TC4511BP_07 Datasheet
401Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511 Datasheet
145Kb / 9P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
List of Unclassifed Man...
SCL4543B ETC1-SCL4543B Datasheet
624Kb / 3P
   BCD - TO SEVEN SEGMENT LATCH/DECODER DRIVER
logo
Renesas Technology Corp
HD74HC4543 RENESAS-HD74HC4543 Datasheet
296Kb / 11P
   BCD-to-Seven Segment Latch/Decoder/Driver
Mar 30, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com