データシートサーチシステム |
|
MC14521 データシート(PDF) 6 Page - ON Semiconductor |
|
MC14521 データシート(HTML) 6 Page - ON Semiconductor |
6 / 9 page MC14521B http://onsemi.com 6 Figure 5. RC Oscillator Stability Figure 6. RC Oscillator Frequency as a Function of RTC and C -55 -25 0 25 50 75 100 125 8.0 4.0 0 -4.0 -8.0 -12 -16 TA, AMBIENT TEMPERATURE (°C), DEVICE ONLY TEST CIRCUIT FIGURE 7 VDD = 15 V 10 V 5.0 V RTC = 56 kW, C = 1000 pF RS = 0, f = 10.15 kHz @ VDD = 10 V, TA = 25°C RS = 120 kW, f = 7.8 kHz @ VDD = 10 V, TA = 25°C { 100 50 20 10 5.0 1.0 2.0 0.1 0.2 0.5 1.0 k 10 k 100 k 1.0 m 0.0001 0.001 0.01 0.1 RTC, RESISTANCE (OHMS) C, CAPACITANCE ( mF) VDD = 10 V f AS A FUNCTION OF RTC (C = 1000 pF) (RS ≈ 2RTC) TEST CIRCUIT FIGURE 7 f AS A FUNCTION OF C (RTC = 56 kW) (RS = 120 k) Figure 7. RC Oscillator Circuit Figure 8. Functional Test Circuit OUT 1 OUT 2 Q18 Q19 Q20 Q21 Q22 Q23 Q24 IN 1 IN 2 R VDD VDD′ VSS VSS′ VDD RS RTC C Q18 Q19 Q20 Q21 Q22 Q23 Q24 OUT 1 OUT 2 IN 1 IN 2 R VDD′ VDD VSS VSS PULSE GENERATOR FUNCTIONAL TEST SEQUENCE A test function (see Figure 8) has been included for the reduction of test time required to exercise all 24 counter stages. This test function divides the counter into three 8−stage sections, and 255 counts are loaded in each of the 8−stage sections in parallel. All flip−flops are now at a logic “1”. The counter is now returned to the normal 24−stages in series configuration. One more pulse is entered into Input 2 (In 2) which will cause the counter to ripple from an all “1” state to an all “0” state. Inputs Outputs Comments Reset In 2 Out 2 VSS′ VDD′ Q18 thru Q24 Counter is in three 8−stage sections in parallel mode Counter is reset. In 2 and Out 2 are connected together. 1 0 0 VDD GND GND VDD 0 0 1 1 First “0” to “1” transition on In 2, Out 2 node. 0 1 − − − 0 1 − − − 255 “0” to “1” transitions are clocked into this In 2, Out 2 node. 1 1 1 The 255th “0” to “1” transition. 0 0 0 0 1 1 1 0 1 Counter converted back to 24−stages in series mode. 1 0 1 Out 2 converts back to an output. 0 1 0 Counter ripples from an all “1” state to an all “0” stage. |
同様の部品番号 - MC14521 |
|
同様の説明 - MC14521 |