データシートサーチシステム |
|
TP3054WM-X データシート(PDF) 1 Page - National Semiconductor (TI) |
|
|
TP3054WM-X データシート(HTML) 1 Page - National Semiconductor (TI) |
1 / 16 page TP3054-X, TP3057-X Extended Temperature Serial Interface CODEC/Filter COMBO® Family General Description The TP3054, TP3057 family consists of µ-law and A-law monolithic PCM CODEC/filters utilizing the A/D and D/A conversion architecture shown in Figure 1, and a serial PCM interface. The devices are fabricated using National’s ad- vanced double-poly CMOS process (microCMOS). The encode portion of each device consists of an input gain adjust amplifier, an active RC pre-filter which eliminates very high frequency noise prior to entering a switched-capacitor band-pass filter that rejects signals below 200 Hz and above 3400 Hz. Also included are auto-zero circuitry and a com- panding coder which samples the filtered signal and en- codes it in the companded µ-law or A-law PCM format. The decode portion of each device consists of an expanding decoder, which reconstructs the analog signal from the com- panded µ-law or A-law code, a low-pass filter which corrects for the sin x/x response of the decoder output and rejects signals above 3400 Hz followed by a single-ended power amplifier capable of driving low impedance loads. The de- vices require two 1.536 MHz, 1.544 MHz or 2.048 MHz transmit and receive master clocks, which may be asynchro- nous; transmit and receive bit clocks, which may vary from 64 kHz to 2.048 MHz; and transmit and receive frame sync pulses. The timing of the frame sync pulses and PCM data is compatible with both industry standard formats. Features n −40˚C to +85˚C operation n Complete CODEC and filtering system (COMBO) including: — Transmit high-pass and low-pass filtering — Receive low-pass filter with sin x/x correction — Active RC noise filters — µ-law or A-law compatible COder and DECoder — Internal precision voltage reference — Serial I/O interface — Internal auto-zero circuitry n µ-law, 16-pin — TP3054 n A-law, 16-pin — TP3057 n Designed for D3/D4 and CCITT applications n ± 5V operation n Low operating power — typically 50 mW n Power-down standby mode — typically 3 mW n Automatic power-down n TTL or CMOS compatible digital interfaces n Maximizes line interface card circuit density n Dual-In-Line or PCC surface mount packages n See also AN-370, “Techniques for Designing with CODEC/Filter COMBO Circuits” Connection Diagrams Plastic Chip Carriers 00867408 Top View Order Number TP3057V-X NS Package Number V20A Dual-In-Line Package 00867401 Top View Order Number TP3054N-X NS Package Number N16E Order Number TP3054WM-X NS Package Number M16B COMBO® and TRI-STATE® are registered trademarks of National Semiconductor Corporation. March 2005 © 2005 National Semiconductor Corporation DS008674 www.national.com |
同様の部品番号 - TP3054WM-X |
|
同様の説明 - TP3054WM-X |