データシートサーチシステム |
|
MC14569BDT データシート(PDF) 6 Page - ON Semiconductor |
|
MC14569BDT データシート(HTML) 6 Page - ON Semiconductor |
6 / 16 page MC14569B http://onsemi.com 6 PIN DESCRIPTIONS INPUTS P0, P1, P2, P3 (Pins 3, 4, 5, 6) — Preset Inputs. Programmable inputs for the least significant counter. May be binary or BCD depending on the control input. P4, P5, P6, P7 (Pins 11, 12, 13, 14) — Preset Inputs. Programmable inputs for the most significant counter. May be binary or BCD depending on the control input. Clock (Pin 9) — Preset data is decremented by one on each positive transition of this signal. OUTPUTS Zero Detect (Pin 1) — This output is normally low and goes high for one clock cycle when the counter has decremented to zero. Q (Pin 15) — Output of the last stage of the most significant counter. This output will be inactive unless the preset input P7 has been set high. CONTROLS Cascade Feedback (Pin 7) — This pin is normally set high. When low, loading of the preset inputs (P0 through P7) is inhibited, i.e., P0 through P7 are “don’t cares.” Refer to Table 1 for output characteristics. CTL1 (Pin 2) — This pin controls the counting mode of the least significant counter. When set high, counting mode is BCD. When set low, counting mode is binary. CTL2 (Pin 10) — This pin controls the counting mode of the most significant counter. When set high, counting mode is BCD. When set low, counting mode is binary. SUPPLY PINS VSS (Pin 18) — Negative Supply Voltage. This pin is usually connected to ground. VDD (Pin 16) — Positive Supply Voltage. This pin is connected to a positive supply voltage ranging from 3.0 volts to 18.0 volts. OPERATING CHARACTERISTICS The MC14569B is a programmable divide–by–N dual 4–bit down counter. This counter may be programmed (i.e., preset) in BCD or binary code through inputs P0 to P7. For each counter, the counting sequence may be chosen independently by applying a high (for BCD count) or a low (for binary count) to the control inputs CTL1 and CTL2. The divide ratio N (N being the value programmed on the preset inputs P0 to P7) is automatically loaded into the counter as soon as the count 1 is detected. Therefore, a division ratio of one is not possible. After N clock cycles, one pulse appears on the Zero Detect output. (See Timing Diagram.) The Q output is the output of the last stage of the most significant counter (See Tables 1 through 5, Mode Controls.) When cascading the MC14569B to the MC14526B, the Cascade Feedback input, Q, and Zero Detect outputs must be respectively connected to “0”, Clock, and Load of the following counter. If the MC14569B is used alone, Cascade Feedback must be connected to VDD. 18 16 14 12 10 8.0 6.0 4.0 2.0 0 + 100 +80 +60 +40 +20 0 –20 –40 TA, AMBIENT TEMPERATURE (°C) CL = 50 pF VDD = 15 V 10 V 5.0 V |
同様の部品番号 - MC14569BDT |
|
同様の説明 - MC14569BDT |