データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC1458 データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC1458
部品情報  DUAL OPERATIONAL AMPLIFIERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1458 データシート(HTML) 1 Page - ON Semiconductor

  MC1458 Datasheet HTML 1Page - ON Semiconductor MC1458 Datasheet HTML 2Page - ON Semiconductor MC1458 Datasheet HTML 3Page - ON Semiconductor MC1458 Datasheet HTML 4Page - ON Semiconductor MC1458 Datasheet HTML 5Page - ON Semiconductor MC1458 Datasheet HTML 6Page - ON Semiconductor MC1458 Datasheet HTML 7Page - ON Semiconductor MC1458 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Device
Operating
Temperature Range
Package
MC1458, C
ORDERING INFORMATION
MC1458CD, D
MC1458CP1, P1
TA = 0° to +70°C
SO–8
Plastic DIP
Order this document by MC1458/D
A
+
+
B
SEMICONDUCTOR
TECHNICAL DATA
DUAL
OPERATIONAL AMPLIFIERS
(DUAL MC1741)
P1 SUFFIX
PLASTIC PACKAGE
CASE 626
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
1
1
8
8
Inputs
A
1
2
3
4
8
7
6
5
(Top View)
VEE
Output A
Output B
VCC
Inputs
B
PIN CONNECTIONS
1
MOTOROLA ANALOG IC DEVICE DATA
Internally Compensated,
High Performance
Dual Operational Amplifiers
The MC1458, C was designed for use as a summing amplifier, integrator,
or amplifier with operating characteristics as a function of the external
feedback components.
No Frequency Compensation Required
Short Circuit Protection
Wide Common Mode and Differential Voltage Ranges
Low Power Consumption
No Latch–Up
MAXIMUM RATINGS (TA = +25°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
VEE
+18
–18
Vdc
Input Differential Voltage
VID
±30
V
Input Common Mode Voltage (Note 1)
VICM
±15
V
Output Short Circuit Duration (Note 2)
tSC
Continuous
Operating Ambient Temperature Range
TA
0 to +70
°C
Storage Temperature Range
Tstg
–55 to +125
°C
Junction Temperature
TJ
150
°C
NOTES: 1. For supply voltages less than
±15 V, the absolute maximum
input voltage is equal to the supply voltage.
2. Supply voltage equal to or less than 15 V.
Representative Schematic Diagram
Noninverting
Input
Inverting
Input
VCC
VEE
39 k
1.0 k
1.0 k
50 k
50 k
50
50
25
4.5 k
7.5 k
30 pF
Output
© Motorola, Inc. 1996
Rev 1


同様の部品番号 - MC1458

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
MC1458 PHILIPS-MC1458 Datasheet
100Kb / 6P
   General purpose operational amplifier
August 31, 1994
logo
STMicroelectronics
MC1458 STMICROELECTRONICS-MC1458 Datasheet
102Kb / 6P
   DUAL OPERATIONAL AMPLIFIERS
December 2001
logo
Texas Instruments
MC1458 TI-MC1458 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
MC1458 UTC-MC1458 Datasheet
146Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
MC1458 TI-MC1458 Datasheet
296Kb / 13P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results

同様の説明 - MC1458

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
AZ4558 ETC-AZ4558 Datasheet
228Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
logo
Integral Corp.
IL4558 INTEGRAL-IL4558 Datasheet
206Kb / 4P
   Dual Operational Amplifiers
logo
Texas Instruments
LM258A-EP TI1-LM258A-EP_14 Datasheet
514Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4558 BCDSEMI-AZ4558 Datasheet
142Kb / 10P
   DUAL OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM4558 HTC-LM4558 Datasheet
116Kb / 3P
   DUAL OPERATIONAL AMPLIFIERS
logo
KODENSHI_AUK CORP.
KK1458 KODENSHI-KK1458 Datasheet
237Kb / 5P
   Dual Operational Amplifiers
KK4558 KODENSHI-KK4558 Datasheet
257Kb / 6P
   Dual Operational Amplifiers
logo
uPI Group Inc.
US5501 UPI-US5501 Datasheet
154Kb / 10P
   Dual Operational Amplifiers
logo
IK Semicon Co., Ltd
IL1458 IKSEMICON-IL1458 Datasheet
213Kb / 5P
   Dual Operational Amplifiers
logo
Texas Instruments
LM158U TI-LM158U Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM2904PWRG4 TI-LM2904PWRG4 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com