データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC1458CD データシート(PDF) 2 Page - ON Semiconductor

部品番号 MC1458CD
部品情報  DUAL OPERATIONAL AMPLIFIERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1458CD データシート(HTML) 2 Page - ON Semiconductor

  MC1458CD Datasheet HTML 1Page - ON Semiconductor MC1458CD Datasheet HTML 2Page - ON Semiconductor MC1458CD Datasheet HTML 3Page - ON Semiconductor MC1458CD Datasheet HTML 4Page - ON Semiconductor MC1458CD Datasheet HTML 5Page - ON Semiconductor MC1458CD Datasheet HTML 6Page - ON Semiconductor MC1458CD Datasheet HTML 7Page - ON Semiconductor MC1458CD Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC1458, C
2
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (VCC = +15 V, VEE = –15 V, TA = 25°C, unless otherwise noted. (Note 3))
Ch
i i
Sb l
MC1458
MC1458C
Ui
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage (RS ≤ 10 k)
VIO
2.0
6.0
2.0
1.0
mV
Input Offset Current
IIO
20
200
20
300
nA
Input Bias Current
IIB
80
500
80
700
nA
Input Resistance
ri
0.3
2.0
2.0
M
Input Capacitance
Ci
1.4
1.4
pF
Offset Voltage Adjustment Range
VIOR
±15
±15
mV
Common Mode Input Voltage Range
VICR
±12
±13
±11
±13
V
Large Signal Voltage Gain
AVOL
V/mV
(VO = ±10 V, RL = 2.0 k)
20
200
(VO = ±10 V, RL = 10 k)
20
200
Output Resistance
ro
75
75
Common Mode Rejection (RS ≤ 10 k)
CMR
70
90
60
90
dB
Supply Voltage Rejection (RS ≤ 10 k)
PSR
30
150
30
µV/V
Output Voltage Swing
VO
V
(RS ≤ 10 k)
±12
±14
±11
±14
(RS ≤ 2.0 k)
±10
±13
±9.0
±13
Output Short Circuit Current
ISC
20
20
mA
Supply Currents (Both Amplifiers)
ID
2.3
5.6
2.3
8.0
mA
Power Consumption
PC
70
170
70
240
mW
Transient Response (Unity Gain)
(VI = 20 mV, RL ≥ 2.0 kΩ, CL ≤ 100 pF) Rise Time
tTLH
0.3
0.3
µs
(VI = 20 mV, RL ≥ 2.0 kΩ, CL ≤ 100 pF) Overshoot
os
15
15
%
(VI = 10 V, RL ≥ 2.0 kΩ, CL ≤ 100 pF) Slew Rate
SR
0.5
0.5
V/
µs
ELECTRICAL CHARACTERISTICS (VCC = +15 V, VEE = –15 V, TA = Thigh to Tlow, unless otherwise noted. (Note 3))*
Ch
i i
Sb l
MC1458
MC1458C
Ui
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage (RS ≤ 10 kΩ)
VIO
7.5
12
mV
Input Offset Current (TA = 0° to +70°C)
IIO
300
400
nA
Input Bias Current (TA = 0° to +70°C)
IIB
800
1000
nA
Output Voltage Swing
VO
V
(Rs ≤ 10 k)
±12
±14
(Rs ≤ 2 k)
±10
±13
±9.0
±13
Large Signal Voltage Gain
AVOL
V/mV
(VO = ±10 V, RL = 2 k)
15
(VO = ±10 V, RL = 10 k)
15
*Tlow = 0°C for MC1458, C
Thigh = +70°C for MC1458, C
NOTE:
3. Input pins of an unused amplifier must be grounded for split supply operation or biased at least 3.0 V above VEE for single supply operation.


同様の部品番号 - MC1458CD

メーカー部品番号データシート部品情報
logo
Texas Instruments
MC1458CD TI-MC1458CD Datasheet
81Kb / 5P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results

同様の説明 - MC1458CD

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
AZ4558 ETC-AZ4558 Datasheet
228Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
logo
Integral Corp.
IL4558 INTEGRAL-IL4558 Datasheet
206Kb / 4P
   Dual Operational Amplifiers
logo
Texas Instruments
LM258A-EP TI1-LM258A-EP_14 Datasheet
514Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4558 BCDSEMI-AZ4558 Datasheet
142Kb / 10P
   DUAL OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM4558 HTC-LM4558 Datasheet
116Kb / 3P
   DUAL OPERATIONAL AMPLIFIERS
logo
KODENSHI_AUK CORP.
KK1458 KODENSHI-KK1458 Datasheet
237Kb / 5P
   Dual Operational Amplifiers
KK4558 KODENSHI-KK4558 Datasheet
257Kb / 6P
   Dual Operational Amplifiers
logo
uPI Group Inc.
US5501 UPI-US5501 Datasheet
154Kb / 10P
   Dual Operational Amplifiers
logo
IK Semicon Co., Ltd
IL1458 IKSEMICON-IL1458 Datasheet
213Kb / 5P
   Dual Operational Amplifiers
logo
Texas Instruments
LM158U TI-LM158U Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM2904PWRG4 TI-LM2904PWRG4 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com