データシートサーチシステム |
|
LM2471TA データシート(PDF) 5 Page - National Semiconductor (TI) |
|
|
LM2471TA データシート(HTML) 5 Page - National Semiconductor (TI) |
5 / 10 page Theory of Operation The LM2471 is a high voltage monolithic three channel CRT driver suitable for high resolution display applications. The LM2471 operates with 85V and 8V power supplies. The part is housed in the industry standard 11-lead TO-220 molded plastic power package. The circuit diagram of the LM2471 is shown in Figure 1. The PNP emitter follower, Q5, provides input buffering. Q1 and Q2 form a fixed gain cascode amplifier with resistors R1 and R2 setting the gain at −27. Emitter followers Q3 and Q4 isolate the high output impedance of the cascode stage from the capacitance of the CRT cathode which decreases the sensitivity of the device to load capacitance. Q6 provides biasing to the output emitter follower stage to reduce cross- over distortion at low signal levels. Figure 2 shows a typical test circuit for evaluation of the LM2471. This circuit is designed to allow testing of the LM2471 in a 50 Ω environment without the use of an expen- sive FET probe. In this test circuit, the two 2.49k Ω resistors form a 200:1 wideband, low capacitance probe when con- nected to a 50 Ω coaxial cable and a 50Ω load (such as a 50 Ω oscilloscope input). The input signal from the generator is ac coupled to the base of Q5. Application Hints INTRODUCTION National Semiconductor (NSC) is committed to provide ap- plication information that assists our customers in obtaining the best performance possible from our products. The fol- lowing information is provided in order to support this com- mitment. The reader should be aware that the optimization of performance was done using a specific printed circuit board designed at NSC. Variations in performance can be realized due to physical changes in the printed circuit board and the application. Therefore, the designer should know that com- ponent value changes may be required in order to optimize performance in a given application. The values shown in this document can be used as a starting point for evaluation purposes. When working with high bandwidth circuits, good layout practices are also critical to achieving maximum per- formance. IMPORTANT INFORMATION The LM2471 performance is targeted for the VGA (640 x 480) to UXGA (1600 x 1200, 70Hz) resolution market. The application circuits shown in this document to optimize per- formance and to protect against damage from CRT arcover are designed specifically for the LM2471. If another member of the LM247X family is used, please refer to its datasheet. POWER SUPPLY BYPASS Since the LM2471 is a wide bandwidth amplifier, proper power supply bypassing is critical for optimum performance. Improper power supply bypassing can result in large over- shoot, ringing or oscillation. 0.1 µF capacitors should be connected from the supply pins, V CC and VBB, to ground, as close to the LM2471 as is practical. Additionally, a 47 µF or larger electrolytic capacitor should be connected from both supply pins to ground reasonably close to the LM2471. ARC PROTECTION During normal CRT operation, internal arcing may occasion- ally occur. Spark gaps, in the range of 200V, connected from the CRT cathodes to CRT ground will limit the maximum voltage, but to a value that is much higher than allowable on the LM2471. This fast, high voltage, high energy pulse can damage the LM2471 output stage. The application circuit shown in Figure 9 is designed to help clamp the voltage at the output of the LM2471 to a safe level. The clamp diodes, D1 and D2, should have a fast transient response, high peak current rating, low series impedance and low shunt capaci- tance. FDH400 or equivalent diodes are recommended. Do not use 1N4148 diodes for the clamp diodes. D1 and D2 should have short, low impedance connections to V CC and ground respectively. The cathode of D1 should be located very close to a separately decoupled bypass capacitor (C3 in Figure 9). The ground connection of D2 and the decoupling capacitor should be very close to the LM2471 ground. This will significantly reduce the high frequency voltage transients that the LM2471 would be subjected to during an arcover condition. Resistor R2 limits the arcover current that is seen by the diodes while R1 limits the current into the LM2471 as well as the voltage stress at the outputs of the device. R2 should be a 1⁄2W solid carbon type resistor. R1 can be a 1⁄4W metal or carbon film type resistor. Having large value resis- tors for R1 and R2 would be desirable, but this has the effect of increasing rise and fall times. Inductor L1 is critical to reduce the initial high frequency voltage levels that the LM2471 would be subjected to. The inductor will not only help protect the device but it will also help minimize rise and fall times as well as minimize EMI. For proper arc protection, it is important to not omit any of the arc protection compo- nents shown in Figure 9. www.national.com 5 |
同様の部品番号 - LM2471TA |
|
同様の説明 - LM2471TA |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |