データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC14584BD データシート(PDF) 5 Page - ON Semiconductor

部品番号 MC14584BD
部品情報  Hex Schmitt Trigger
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14584BD データシート(HTML) 5 Page - ON Semiconductor

  MC14584BD Datasheet HTML 1Page - ON Semiconductor MC14584BD Datasheet HTML 2Page - ON Semiconductor MC14584BD Datasheet HTML 3Page - ON Semiconductor MC14584BD Datasheet HTML 4Page - ON Semiconductor MC14584BD Datasheet HTML 5Page - ON Semiconductor MC14584BD Datasheet HTML 6Page - ON Semiconductor MC14584BD Datasheet HTML 7Page - ON Semiconductor MC14584BD Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC14584B
http://onsemi.com
5
Figure 1. Switching Time Test Circuit and Waveforms
PULSE
GENERATOR
VDD
INPUT
CL
VSS
7
OUTPUT
20 ns
20 ns
VDD
VSS
VOH
VOL
90%
50%
10%
90%
50%
10%
tPLH
tPHL
OUTPUT
INPUT
tf
tr
VDD
VT+
VT–
VSS
VDD
VSS
Vout
Vin
VH
VH
VDD
VT+
VT–
VSS
VDD
VSS
Vout
Vin
VDD
0
VDD
VT+
VT–
0
VH
Vin, INPUT VOLTAGE (Vdc)
Figure 2. Typical Schmitt Trigger Applications
(b) A Schmitt trigger offers maximum noise immunity
in gate applications.
(a) Schmitt Triggers will square up inputs with slow
rise and fall times.
Figure 3. Typical Transfer Characteristics
Vin
Vout
14


同様の部品番号 - MC14584BD

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC14584BD ONSEMI-MC14584BD Datasheet
145Kb / 8P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
MC14584BDG ONSEMI-MC14584BDG Datasheet
145Kb / 8P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
MC14584BDG ONSEMI-MC14584BDG Datasheet
99Kb / 7P
   Hex Schmitt Trigger
May, 2014 ??Rev. 9
MC14584BDR2 ONSEMI-MC14584BDR2 Datasheet
145Kb / 8P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
MC14584BDR2G ONSEMI-MC14584BDR2G Datasheet
145Kb / 8P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
More results

同様の説明 - MC14584BD

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC14106B ONSEMI-MC14106B_14 Datasheet
126Kb / 8P
   Hex Schmitt Trigger
August, 2014 ??Rev. 10
logo
Fairchild Semiconductor
MM74C14 FAIRCHILD-MM74C14 Datasheet
63Kb / 6P
   Hex Schmitt Trigger
MM74C14MX FAIRCHILD-MM74C14MX Datasheet
69Kb / 6P
   Hex Schmitt Trigger
logo
ON Semiconductor
MC14106B ONSEMI-MC14106B_06 Datasheet
152Kb / 10P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
MC14106B ONSEMI-MC14106B Datasheet
182Kb / 8P
   Hex Schmitt Trigger
March, 2000 ??Rev. 3
logo
Rohm
BU4584B ROHM-BU4584B Datasheet
46Kb / 4P
   Hex Schmitt trigger
logo
National Semiconductor ...
CD40106BM NSC-CD40106BM Datasheet
134Kb / 6P
   Hex Schmitt Trigger
MM54C14 NSC-MM54C14 Datasheet
124Kb / 6P
   Hex Schmitt Trigger
logo
Fairchild Semiconductor
CD40106BC FAIRCHILD-CD40106BC_03 Datasheet
71Kb / 6P
   Hex Schmitt Trigger
logo
ON Semiconductor
MC14584B ONSEMI-MC14584B_06 Datasheet
145Kb / 8P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com