データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC1723CP データシート(PDF) 5 Page - ON Semiconductor

部品番号 MC1723CP
部品情報  VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1723CP データシート(HTML) 5 Page - ON Semiconductor

  MC1723CP Datasheet HTML 1Page - ON Semiconductor MC1723CP Datasheet HTML 2Page - ON Semiconductor MC1723CP Datasheet HTML 3Page - ON Semiconductor MC1723CP Datasheet HTML 4Page - ON Semiconductor MC1723CP Datasheet HTML 5Page - ON Semiconductor MC1723CP Datasheet HTML 6Page - ON Semiconductor MC1723CP Datasheet HTML 7Page - ON Semiconductor MC1723CP Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC1723C
5
MOTOROLA ANALOG IC DEVICE DATA
Figure 16. Typical Connection for 2 < VO < 7
Figure 17. Foldback Connection
Figure 18. +5.0 V, 1.0 A Switching Regulator
Figure 19. +5.0 V, 1.0 A High Efficiency Regulator
Figure 20. +15 V, 1.0 A Regulator with Remote Sense
Figure 21. –15 V Negative Regulator
+Vin
12
11
6
5
R2
R1
Cref
7
13
4
3
2
10
RSC
Vout
R3
1000pF
For best results 10 k < R1 +R2 < 100 k
For minimum drift R3 = R1 R2
VO ^ 7
R2
R1 + R2
ISC =
Vsense
0.66
RSC
^
at TJ = + 25°C
MC1723C
12
11
6
5
10
2
4
13
RA
10k
R1
R2
3
7
100pF
Vout
RSC
Vout
ISC
IL
Iknee
a
1–a
Vsense
Iknee
ISC
–1
RSC =
Vsense
(1–a) ISC
+ Vin
RA =
10 k
Ω where a =
MC1723C
Vin
+10V
2.2k
1.0M
1.0k
5.1k
5
6
12
11
4
3
2
10
10
Vout
1N4001
or Equiv
1mH
2N4918 or Equiv
100
100
µF
7
0.1
µF
+
+5V
MC1723C
+6.5V
+10V
Vin1
Vin2
0.1
µF
12
11
3
10
2
4
13
1000pF
7
5
6
2.0k
5.1k
0.33
Vout
+5.0V
MC1723C
0.33
2N3055 or Equiv
10
2
3
4
100pF
13
10k
12k
+20V
+ Sense Vout
+15V
Load
– Sense
5
6
11
12
Vin
0.1
µF
7
MC1723C
Vref
12
11
6
5
10
4
100pF
13
7
Vin = –20 V
V2 = 14V
2N3055
or Equiv
Vout = –15 V
10
µF
12k
10k
+
Vref
+
+
MC1723C
RSC
VO


同様の部品番号 - MC1723CP

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC1723CP MOTOROLA-MC1723CP Datasheet
882Kb / 12P
   VOLTAGE REGULATOR
More results

同様の説明 - MC1723CP

メーカー部品番号データシート部品情報
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
   VOLTAGE REGULATOR
logo
Texas Instruments
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
[Old version datasheet]   Voltage Regulator
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
[Old version datasheet]   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
   VOLTAGE REGULATOR
logo
RICOH electronics devic...
RX5RL20A RICOH-RX5RL20A Datasheet
144Kb / 18P
   VOLTAGE REGULATOR
logo
Infineon Technologies A...
IFX1117 INFINEON-IFX1117_09 Datasheet
290Kb / 15P
   Voltage Regulator
Rev. 1.21, 2009-09-04
logo
Holtek Semiconductor In...
HT10XX HOLTEK-HT10XX Datasheet
607Kb / 14P
   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com