データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC1776C データシート(PDF) 6 Page - ON Semiconductor

部品番号 MC1776C
部品情報  PROGRAMMABLE OPERATIONAL AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1776C データシート(HTML) 6 Page - ON Semiconductor

Back Button MC1776C Datasheet HTML 2Page - ON Semiconductor MC1776C Datasheet HTML 3Page - ON Semiconductor MC1776C Datasheet HTML 4Page - ON Semiconductor MC1776C Datasheet HTML 5Page - ON Semiconductor MC1776C Datasheet HTML 6Page - ON Semiconductor MC1776C Datasheet HTML 7Page - ON Semiconductor MC1776C Datasheet HTML 8Page - ON Semiconductor MC1776C Datasheet HTML 9Page - ON Semiconductor MC1776C Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC1776C
6
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (VCC = +15 V, VEE = –15 V, Iset = 15 µA, TA = +25°C, unless otherwise noted.*)
Characteristic
Symbol
Min
Typ
Max
Unit
Input Offset Voltage (RS ≤ 10 kΩ)
VIO
mV
TA = +25°C
2.0
6.0
Tlow* ≤ TA ≤ Thigh*
7.5
Offset Voltage Adjustment Range
VIOR
18
mV
Input Offset Current
IIO
nA
TA = +25°C
2.0
25
TA = Thigh
25
TA = Tlow
40
Input Bias Current
IIB
nA
TA = +25°C
15
50
TA = Thigh
50
TA = Tlow
100
Input Resistance
ri
5.0
M
Input Capacitance
ci
2.0
pF
Input Voltage Range
VID
V
Tlow ≤ TA ≤ Thigh
±10
Large Signal Voltage Gain
AVOL
V/V
RL ≥ 5.0 kΩ, VO = ±10 V, TA = +25°C
50 k
400 k
RL ≥ 75 kΩ, VO = ±10 V, Tlow ≤ TA ≤ Thigh
50 k
Output Voltage Swing
VO
V
RL ≥ 5.0 kΩ, TA = +25°C
±10
±13
RL ≥ 75 kΩ, Tlow ≤ TA ≤ Thigh
±10
Output Resistance
ro
1.0
k
Output Short Circuit Current
ISC
12
mA
Common Mode Rejection
CMR
dB
RS ≤ 10 kΩ, Tlow ≤ TA ≤ Thigh
70
90
Supply Voltage Rejection Ratio
PSRR
µV/V
RS ≤ 10 kΩ, Tlow ≤ TA ≤ Thigh
25
200
Supply Current
ICC, IEE
µA
TA = +25°C
160
190
Tlow ≤ TA ≤ Thigh
200
Power Dissipation
PD
µW
TA = +25°C
5.7
Tlow ≤ TA ≤ Thigh
6.0
Transient Response (Unity Gain)
Vin = 20 mV, RL ≥ 5.0 kΩ, CL = 100 pF
Rise Time
tTLH
0.35
µs
Overshoot
os
10
%
Slew Rate (RL ≥ 5.0 kΩ)
SR
0.8
V/
µs
*Tlow = 0°CThigh = +70°C


同様の部品番号 - MC1776C

メーカー部品番号データシート部品情報
logo
GUANGDONG MISUN TECHNOL...
MC1770 FPE-MC1770 Datasheet
252Kb / 3P
   COMPOSITE FORMING SMDINDUCTORS
MC1770-100M1 FPE-MC1770-100M1 Datasheet
252Kb / 3P
   COMPOSITE FORMING SMDINDUCTORS
MC1770-101M1 FPE-MC1770-101M1 Datasheet
252Kb / 3P
   COMPOSITE FORMING SMDINDUCTORS
MC1770-150M1 FPE-MC1770-150M1 Datasheet
252Kb / 3P
   COMPOSITE FORMING SMDINDUCTORS
MC1770-220M1 FPE-MC1770-220M1 Datasheet
252Kb / 3P
   COMPOSITE FORMING SMDINDUCTORS
More results

同様の説明 - MC1776C

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4250 NSC-LM4250_14 Datasheet
538Kb / 14P
   Programmable Operational Amplifier
logo
NEC
UPC4250 NEC-UPC4250 Datasheet
387Kb / 10P
   PROGRAMMABLE OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LM4250 NSC-LM4250 Datasheet
496Kb / 12P
   Programmable Operational Amplifier
logo
JSC ALFA.
14YD1201 ALFA-14YD1201 Datasheet
223Kb / 5P
   Micropower Programmable Operational Amplifier
logo
Texas Instruments
LM4250 TI1-LM4250 Datasheet
538Kb / 14P
[Old version datasheet]   LM4250 Programmable Operational Amplifier
logo
Analog Devices
OP-22 AD-OP-22_15 Datasheet
586Kb / 12P
   PROGRAMMABLE MICROPOWER OPERATIONAL AMPLIFIER
logo
KODENSHI_AUK CORP.
KK1776 KODENSHI-KK1776 Datasheet
107Kb / 3P
   MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
IL1776 ETC-IL1776 Datasheet
18Kb / 2P
   MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER
logo
System Logic Semiconduc...
SL1776 SLS-SL1776 Datasheet
19Kb / 2P
   MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER
logo
IK Semicon Co., Ltd
IL1776 IKSEMICON-IL1776_11 Datasheet
92Kb / 3P
   MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com