データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC14C89 データシート(PDF) 3 Page - ON Semiconductor

部品番号 MC14C89
部品情報  QUAD LOW POWER LINE RECEIVERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14C89 データシート(HTML) 3 Page - ON Semiconductor

  MC14C89 Datasheet HTML 1Page - ON Semiconductor MC14C89 Datasheet HTML 2Page - ON Semiconductor MC14C89 Datasheet HTML 3Page - ON Semiconductor MC14C89 Datasheet HTML 4Page - ON Semiconductor MC14C89 Datasheet HTML 5Page - ON Semiconductor MC14C89 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC14C89B, AB
3
MOTOROLA ANALOG IC DEVICE DATA
Figure 1. Timing Diagram
tT
tPLH
50%
Vout
3.0 V
0 V
S.G.
1.5 V
tPHL
Vout
VOL
VOH
RC
(Open)
90%
S.G.
50%
10%
VCC
50 pF
tT
NOTES: S.G. set to: f = 20 kHz;
Duty Cycle = 50%;
tr , tf p 5.0 ns
STANDARDS COMPLIANCE
The MC14C89B and MC14C89AB are designed to comply
with EIA–232–E (formerly RS–232), the newer EIA–562
(which is a higher speed version of the EIA–232), and CCITT
V.28 Recommendations. EIA–562 was written around
modern integrated circuit technology, whereas EIA–232
retains many of the specifications written around the
electro–mechanical circuitry in use at the time of its creation.
Yet the user will find enough similarities to allow a certain
amount of compatibility among equipment built to the two
standards. Following is a summary of the key specifications
relating to the systems and the receivers.
Parameter
EIA–232–E
EIA–562
Max Data Rate
20 kBaud
38.4 kBaud Asynchronous
64 kBaud Synchronous
Max Cable Length
50 feet
Based on cable capacitance/data rate
Transition Region
–3.0 V to +3.0 V
–3.0 V to +3.0 V
MARK (one, off)
More negative than –3.0 V
More negative than –3.3 V
SPACE (zero, on)
More positive than +3.0 V
More positive than +3.3 V
Fail Safe
Output = Binary 1
Output = Binary 1
Open Circuit Input Voltage
t2.0V
Not Specified
Slew Rate (at the driver)
p30 V/µs anywhere on the waveform
p30 V/µs anywhere on the waveform,
q4.0 V/µs between +3.0 V and –3.0 V
Loaded Output Voltage (at the driver)
5.0 V
p VOp 15 V for loads between
3.0 k
Ω and 7.0 kΩ
VO q 3.7 V for a load of 3.0 kΩ
Figure 2. Typical Output versus Supply Voltage
Figure 3. Typical Output Voltage versus Temperature
MC14C89AB
MC14C89B
TA = 25°C
–40
VOH(Iout = –20 µA)
VCC, SUPPLY VOLTAGE (V)
VOL(Iout = 3.2 mA)
VOH(Iout = –3.2 mA)
4.5
0
1.0
2.0
3.0
4.0
5.0
25
TA, AMBIENT TEMPERATURE (°C)
57.5
–7.5
85
5.5
5.3
5.1
4.9
4.7
0
1.0
2.0
3.0
4.0
5.0
VOH(Iout = –20 µA)
VOH(Iout = –3.2 mA)
VOL(Iout = 3.2 mA)
MC14C89AB
MC14C89B
VCC = 5 V


同様の部品番号 - MC14C89

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC14C88B MOTOROLA-MC14C88B Datasheet
119Kb / 8P
   QUAD LOW POWER LINE DRIVER
MC14C88BD MOTOROLA-MC14C88BD Datasheet
119Kb / 8P
   QUAD LOW POWER LINE DRIVER
MC14C88BP MOTOROLA-MC14C88BP Datasheet
119Kb / 8P
   QUAD LOW POWER LINE DRIVER
More results

同様の説明 - MC14C89

メーカー部品番号データシート部品情報
logo
STMicroelectronics
MC1489 STMICROELECTRONICS-MC1489_06 Datasheet
242Kb / 17P
   Quad line receivers
logo
ON Semiconductor
MC1489 ONSEMI-MC1489 Datasheet
98Kb / 10P
   Quad Line Receivers
April, 2004 ??Rev. 8
logo
STMicroelectronics
MC1489 STMICROELECTRONICS-MC1489 Datasheet
338Kb / 13P
   QUAD LINE RECEIVERS
logo
ARTSCHIP ELECTRONICS CO...
MC1489 ARTSCHIP-MC1489 Datasheet
2Mb / 9P
   QUAD LINE RECEIVERS
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
DS1650 NSC-DS1650 Datasheet
217Kb / 8P
   Quad Differential Line Receivers
logo
Texas Instruments
MC3450 TI1-MC3450_08 Datasheet
152Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
MC3450 TI-MC3450 Datasheet
139Kb / 9P
[Old version datasheet]   QUAD DIFFERENTIAL LINE RECEIVERS
logo
National Semiconductor ...
DS26F32M NSC-DS26F32M Datasheet
207Kb / 6P
   Quad Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com