データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33035P データシート(PDF) 7 Page - ON Semiconductor

部品番号 MC33035P
部品情報  BRUSHLESS DC MOTOR CONTROLLER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33035P データシート(HTML) 7 Page - ON Semiconductor

Back Button MC33035P Datasheet HTML 3Page - ON Semiconductor MC33035P Datasheet HTML 4Page - ON Semiconductor MC33035P Datasheet HTML 5Page - ON Semiconductor MC33035P Datasheet HTML 6Page - ON Semiconductor MC33035P Datasheet HTML 7Page - ON Semiconductor MC33035P Datasheet HTML 8Page - ON Semiconductor MC33035P Datasheet HTML 9Page - ON Semiconductor MC33035P Datasheet HTML 10Page - ON Semiconductor MC33035P Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
MC33035, NCV33035
http://onsemi.com
7
1.0
Gnd
VC
− 2.0
40
0
IO, OUTPUT LOAD CURRENT (mA)
0
0
−1.0
2.0
80
60
20
Sink Saturation
(Load to VC)
Source Saturation
(Load to Ground)
VCC = 20 V
VC = 20 V
TA = 25°C
VCC = 20 V
VC = 20 V
TA = 25°C
50 ns/DIV
VCC = 20 V
VC = 20 V
CL = 1.0 nF
TA = 25°C
100 ns/DIV
VCC = 20 V
VC = 20 V
RL = 1.0 k
CL = 15 pF
TA = 25°C
Figure 13. Top Drive Output Saturation
Voltage versus Sink Current
Figure 14. Top Drive Output Waveform
Figure 15. Bottom Drive Output Waveform
Figure 16. Bottom Drive Output Waveform
20
0
0
ISink, SINK CURRENT (mA)
10
30
40
0.4
0.8
1.2
Figure 17. Bottom Drive Output Saturation
Voltage versus Load Current
50 ns/DIV
VCC = 20 V
VC = 20 V
CL = 15 pF
TA = 25°C
Figure 18. Power and Bottom Drive Supply
Current versus Supply Voltage
16
14
12
10
8.0
6.0
4.0
2.0
0
0
5.0
10
15
20
25
30
RT = 4.7 k
CT = 10 nF
Pins 3−6, 9, 15, 23 = Gnd
Pins 7, 22 = Open
TA = 25°C
VCC, SUPPLY VOLTAGE (V)
ICC
IC
100
0
100
0
100
0


同様の部品番号 - MC33035P

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33035P ONSEMI-MC33035P Datasheet
430Kb / 28P
   Brushless DC Motor Controller
April, 2004 ??Rev. 7
MC33035P ONSEMI-MC33035P Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
MC33035PG ONSEMI-MC33035PG Datasheet
430Kb / 28P
   Brushless DC Motor Controller
April, 2004 ??Rev. 7
MC33035PG ONSEMI-MC33035PG Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
More results

同様の説明 - MC33035P

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
   BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com