データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33077 データシート(PDF) 8 Page - ON Semiconductor

部品番号 MC33077
部品情報  DUAL, LOW NOISE OPERATIONAL AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33077 データシート(HTML) 8 Page - ON Semiconductor

Back Button MC33077 Datasheet HTML 4Page - ON Semiconductor MC33077 Datasheet HTML 5Page - ON Semiconductor MC33077 Datasheet HTML 6Page - ON Semiconductor MC33077 Datasheet HTML 7Page - ON Semiconductor MC33077 Datasheet HTML 8Page - ON Semiconductor MC33077 Datasheet HTML 9Page - ON Semiconductor MC33077 Datasheet HTML 10Page - ON Semiconductor MC33077 Datasheet HTML 11Page - ON Semiconductor MC33077 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MC33077
8
MOTOROLA ANALOG IC DEVICE DATA
VCC = +15 V
VEE = –15 V
RT = R1 + R2
VO = 0 V
TA = 25°C
Gain
Phase
125
°C and 25°C
–55
°C
VCC = +15 V
VEE = –15 V
∆Vin = 100 mV
Figure 27. Phase Margin versus
Output Voltage
Figure 28. Overshoot versus
Output Load Capacitance
Figure 29. Input Referred Noise Voltage
and Current versus Frequency
Figure 30. Total Input Referred Noise Voltage
versus Source Resistant
Figure 31. Phase Margin and Gain Margin
versus Differential Source Resistance
Figure 32. Inverting Amplifer Slew Rate
VO, OUTPUT VOLTAGE (V)
VCC = +15 V
VEE = –15 V
TA = 25°C
CL = 0 pF
CL = 100 pF
CL = 300 pF
CL = 500 pF
CL, OUTPUT LOAD CAPACITANCE (pF)
f, FREQUENCY (Hz)
10
5.0
3.0
2.0
1.0
0.5
0.3
0.2
0.1
VCC = +15 V
f = 1.0 kHz
VEE = –15 V
TA = 25°C
Vn (total) =
RS, SOURCE RESISTANCE (Ω)
0
10
20
30
40
50
60
70
RT, DIFFERENTIAL SOURCE RESISTANCE (Ω)
t, TIME (2.0
µs/DIV)
70
60
50
40
30
20
10
0
100
80
60
40
20
0
100
50
30
20
10
5.0
3.0
2.0
1.0
1000
100
10
1.0
14
12
10
8.0
6.0
4.0
2.0
0
–10
–5.0
0
5.0
10
1
10
100
1000
1.0
10
100
1.0 k
10 k
100 k
10
100
1.0 k
10 k
100 k
1.0 M
1.0
10
100
1.0 k
10 k
Vin
VO
CL
2.0k
+
VO
100 pF
2.0 k
+
∆Vin
VCC = +15 V
VEE = –15 V
TA = 25°C
Voltage
Current
R2
VO
+
Vin
R
1
(inRs)
2 ) en2 ) 4KTRS
VCC = +15 V
VEE = –15 V
AV = –1.0
RL = 2.0 kΩ
CL = 100 pF
TA = 25°C


同様の部品番号 - MC33077

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33077 ONSEMI-MC33077 Datasheet
178Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
MC33077D ONSEMI-MC33077D Datasheet
178Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
MC33077DG ONSEMI-MC33077DG Datasheet
179Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
MC33077DR2 ONSEMI-MC33077DR2 Datasheet
178Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
MC33077DR2G ONSEMI-MC33077DR2G Datasheet
178Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
More results

同様の説明 - MC33077

メーカー部品番号データシート部品情報
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
   Dual Low-Noise Operational Amplifier
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
   Dual Low Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077_04 Datasheet
178Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
New Japan Radio
NJM2041 NJRC-NJM2041 Datasheet
195Kb / 5P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER????
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833_05 Datasheet
136Kb / 9P
   Low Noise Dual Operational Amplifier
MC33078 STMICROELECTRONICS-MC33078_08 Datasheet
192Kb / 15P
   Low noise dual operational amplifier
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580 Datasheet
112Kb / 9P
   Dual Low Noise Operational Amplifier
logo
ON Semiconductor
MC33077DG ONSEMI-MC33077DG Datasheet
179Kb / 14P
   Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
New Japan Radio
NJM2068MD NJRC-NJM2068MD Datasheet
160Kb / 6P
   LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
Tiger Electronic Co.,Lt...
LM833D TGS-LM833D Datasheet
206Kb / 5P
   Low-Noise Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com