データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TW3100 データシート(PDF) 2 Page - Tallysman Wireless Inc.

部品番号 TW3100
部品情報  TW3100 / TW3102 Permanent Mount GPS L1 Antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TALLYSMAN [Tallysman Wireless Inc.]
ホームページ  https://www.tallysman.com/
Logo TALLYSMAN - Tallysman Wireless Inc.

TW3100 データシート(HTML) 2 Page - Tallysman Wireless Inc.

  TW3100 Datasheet HTML 1Page - Tallysman Wireless Inc. TW3100 Datasheet HTML 2Page - Tallysman Wireless Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TW3100 / TW3102 Permanent Mount GPS L1 Antenna
Specifications Vcc = 3V, over full bandwidth, T=25°C
Antenna
Architecture
Dual, Quadrature Feeds
Antenna Element Gain (100mm ground plane)
4.25 dBic at 90°
Axial Ratio (over full bandwidth)
1dB typ. ,
3 dB max
Electrical
Architecture
One LNA per feed line, mid section SAW filter
Frequency Bandwidth
1575 MHz ± 10 MHz (TW3100) ± 5 MHz (TW3102)
Polarization
RHCP
Gain @1575.42MHz
27dB min. (TW3100) 25dB min (TW3102)
TW3100
TW3102
Out-of-Band Rejection
<1545MHz
>65dB
<1560 MHz
>42 dB
>45dB
>1600 MHz
>31 dB
>50dB
>1620 MHz
>45 dB
>80dB
VSWR (at LNA input)
<1.5:1 typ. 1.8:1 max.
Noise Figure
1 dB typ. (TW3100) 4dB typ (TW3102)
Supply Voltage Range
2.5 to 16 VDC nominal (12VDC recommended maximum)
Supply Current
14 mA typ., 20mA max
ESD Circuit Protection
15 KV air discharge
Mechanicals & Environmental
Mechanical Size
66.5 mm dia. x 21mm H
Operating Temp. Range
-40 to +85 °C
Enclosure
Radome: Dark Gray or White EXL9330
Base: Zamak White Metal
Weight
150 g
Attachment Method
19mm (1/4”) permanent mount
Environmental
IP67 and RoHS compliant
Shock
Vertical axis: 50 G, other axes: 30 G
Vibration
3 axis, sweep = 15 min, 10 to 200 Hz sweep: 3 G
Salt fog / spray
MIL-STD-801F Section 509.4
Warranty
One year – parts and labour
Ordering Information
TW3100 – GPS L1 antenna,
33-3100-xx-yy
TW3102 – Pre-filtered GPS L1 antenna
33-3102-xx-yy
Where xx = connector type, yy = type and colour of radome
Please refer to the Ordering Guide (http://www.tallysman.com/wp-content/uploads/Current-Ordering-Guide.pdf)
for the current and complete list of available radomes and connectors.
Tallysman Wireless Inc
36 Steacie Drive
Ottawa ON K2K 2A9 Canada
Tel +1 613 591 3131
Fax 613 591 3121
sales@tallysman.com
The information provided herein is intended as a guide only and is subject to change without notice. This document is not to
be regarded as a guarantee of performance. Tallysman Wireless Inc. hereby disclaims any or all warranties and liabilities of
any kind. © 2010 Tallysman Wireless Inc. All rights reserved.
Rev 3.6


同様の部品番号 - TW3100

メーカー部品番号データシート部品情報
logo
Tallysman Wireless Inc.
TW3101 TALLYSMAN-TW3101 Datasheet
395Kb / 2P
   TW3101 Non Magnetic GPS L1 Antenna
More results

同様の説明 - TW3100

メーカー部品番号データシート部品情報
logo
Tallysman Wireless Inc.
TW3039 TALLYSMAN-TW3039 Datasheet
171Kb / 2P
   TW3039 Permanent Mount GPS L1 Antenna
TW3040 TALLYSMAN-TW3040 Datasheet
187Kb / 2P
   TW3040/ TW3042 Permanent Mount GPS L1 Antenna
TW3010 TALLYSMAN-TW3010 Datasheet
191Kb / 2P
   TW3010/TW3012 Permanent Mount GPS L1 Antenna
TW1010 TALLYSMAN-TW1010 Datasheet
196Kb / 2P
   Embedded GPS L1 Antenna
logo
World Produts Inc.
WPANT10075 WPI-WPANT10075 Datasheet
97Kb / 2P
   GPS L1 band Antenna
logo
Tallysman Wireless Inc.
TW2010 TALLYSMAN-TW2010 Datasheet
268Kb / 2P
   TW2010/TW2012 Magnet Mount GPS L1 Antenna
logo
Maxtena Inc.
MPA-252 MAXTENA-MPA-252 Datasheet
215Kb / 1P
   L1 PASSIVE GPS MICROSTRIP ANTENNA
logo
World Produts Inc.
WPANT10086 WPI-WPANT10086 Datasheet
93Kb / 2P
   GPS L1 band SMT Antenna
logo
American Accurate Compo...
JXTXGPS-L1L2 AAC-JXTXGPS-L1L2 Datasheet
143Kb / 1P
   GPS L1/L2 Survey Antenna
logo
Maxtena Inc.
MPA-182 MAXTENA-MPA-182 Datasheet
212Kb / 1P
   L1 PASSIVE GPS MICROSTRIP ANTENNA
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com