データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TW3100 データシート(PDF) 1 Page - Tallysman Wireless Inc.

部品番号 TW3100
部品情報  TW3100 / TW3102 Permanent Mount GPS L1 Antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TALLYSMAN [Tallysman Wireless Inc.]
ホームページ  https://www.tallysman.com/
Logo TALLYSMAN - Tallysman Wireless Inc.

TW3100 データシート(HTML) 1 Page - Tallysman Wireless Inc.

  TW3100 Datasheet HTML 1Page - Tallysman Wireless Inc. TW3100 Datasheet HTML 2Page - Tallysman Wireless Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Applications
High Accuracy & Mission Critical GPS
Precision Agriculture, Mining & Construction
Military & Security
Avionics
Law Enforcement & Public Safety
High Value Asset Tracking & Fleet Management
Features
Great axial ratio: 1dB typ.
Low noise LNA: 1 dB (TW3100) 4dB (TW3102)
High rejection SAW filter
High gain: 27 dB min.(TW3100) 25 min (TW3102)
Low current: 14 mA typ.
ESD circuit protection: 15 KV
Wide voltage input range: +2.5 to 16 VDC
Weather proof housing: IP67
Benefits
• Excellent multipath rejection
• Increase system accuracy
• Excellent signal to noise ratio
• Great out of band signal rejection
• Ideal for harsh environments
• RoHS and REACH compliant
The TW3100 and TW3102 employs Tallysman’s unique
Accutenna technology in a permanent mount GPS L1 antenna,
specially designed for professional precision tracking and
timing applications.
The TW3100 features a custom high performance, dual-feed,
wide band patch element. Its LNA configuration provides a
LNA for each feed, a mid section high rejection SAW for the
combined signal, followed by a final stage of LNA. It provides
±10MHz bandwidth centred on 1575.42 MHz and covers all
GPS L1, Galileo E1 and SBAS (WAAS/EGNOS/MSAS) signals.
It features great axial ratio over the entire frequency range
(<3dB), excellent circular polarized signal reception, great
multipath rejection and out-of-band signal rejection.
The TW3102 has a prefilter to provide additional protection
from high power near frequency or harmonic signals.
The TW3100 is housed in a permanent mount industrial-
grade weather-proof enclosure.
two options for pole
mounting are available an L-bracket (P/N#23-0040-0) or a
pipe mount (P/N#23-0065-0)
A Tallysman Accutenna®
TW3100 / TW3102 Permanent Mount GPS L1 Antenna
TW3100 Dimensions (mm)


同様の部品番号 - TW3100

メーカー部品番号データシート部品情報
logo
Tallysman Wireless Inc.
TW3101 TALLYSMAN-TW3101 Datasheet
395Kb / 2P
   TW3101 Non Magnetic GPS L1 Antenna
More results

同様の説明 - TW3100

メーカー部品番号データシート部品情報
logo
Tallysman Wireless Inc.
TW3039 TALLYSMAN-TW3039 Datasheet
171Kb / 2P
   TW3039 Permanent Mount GPS L1 Antenna
TW3040 TALLYSMAN-TW3040 Datasheet
187Kb / 2P
   TW3040/ TW3042 Permanent Mount GPS L1 Antenna
TW3010 TALLYSMAN-TW3010 Datasheet
191Kb / 2P
   TW3010/TW3012 Permanent Mount GPS L1 Antenna
TW1010 TALLYSMAN-TW1010 Datasheet
196Kb / 2P
   Embedded GPS L1 Antenna
logo
World Produts Inc.
WPANT10075 WPI-WPANT10075 Datasheet
97Kb / 2P
   GPS L1 band Antenna
logo
Tallysman Wireless Inc.
TW2010 TALLYSMAN-TW2010 Datasheet
268Kb / 2P
   TW2010/TW2012 Magnet Mount GPS L1 Antenna
logo
Maxtena Inc.
MPA-252 MAXTENA-MPA-252 Datasheet
215Kb / 1P
   L1 PASSIVE GPS MICROSTRIP ANTENNA
logo
World Produts Inc.
WPANT10086 WPI-WPANT10086 Datasheet
93Kb / 2P
   GPS L1 band SMT Antenna
logo
American Accurate Compo...
JXTXGPS-L1L2 AAC-JXTXGPS-L1L2 Datasheet
143Kb / 1P
   GPS L1/L2 Survey Antenna
logo
Maxtena Inc.
MPA-182 MAXTENA-MPA-182 Datasheet
212Kb / 1P
   L1 PASSIVE GPS MICROSTRIP ANTENNA
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com