データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A19A-W2SS1612-C8 データシート(PDF) 19 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

部品番号 A19A-W2SS1612-C8
部品情報  The white light of this light emitting diode is formed by mixing light from a blue light chip
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  REFOND [SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.]
ホームページ  http://www.refond.com/
Logo REFOND - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

A19A-W2SS1612-C8 データシート(HTML) 19 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

Back Button A19A-W2SS1612-C8 Datasheet HTML 15Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 16Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 17Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 18Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 19Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 20Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 21Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 22Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 23Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
REFOND:WI-E-045
A/3
REV:E/1
Tel: +86-755-66839118
Fax:+86-755-66839300
E-mail:sales@refond.com
Web: www.refond.com
PAGE:19
TG-201712120857EP
Cautions
(1) The encapsulated material of the LEDs is silicone. Therefore the LEDs have a soft surface on
the top of package. The pressure to the top surface will be influence to the reliability of the LEDs.
Precautions should be taken to avoid the strong pressure on the encapsulated part. So when use
the picking up nozzle, the pressure on the silicone resin should be proper. LED
(2) Components should not be mounted on warped (non coplanar) portion of PCB. After soldering,
do not warp the circuit board.LED
(3) Do not apply mechanical force or excess vibration during the cooling process to normal
temperature after soldering. Do not rapidly cool device after soldering.
4. Handling Precautions
4.1 Handling Precautions
(1) LED operating environment and sulfur element composition cannot be over 100PPM in the
LED mating usage material. This is provided for informational purposes only and is not a warranty
or endorsement.LED
(2) In order to prevent ex-ternal material from getting into the inside of LED, which may cause the
malfunction of LED, the single content of Bromine element is required to be less than
900PPM,the single content of Chlorine elementis required to be less than 900PPM,the total
content of Bromine element and Chlorine element in the external materials of the application
products is required to be less than 1500PPM. This is provided for informational purposes only
and is not a warranty or endorsement.


同様の部品番号 - A19A-W2SS1612-C8

メーカー部品番号データシート部品情報
logo
SHENZHEN REFOND OPTOELE...
A19A-W2SS2312-C7 REFOND-A19A-W2SS2312-C7 Datasheet
1Mb / 23P
   The white light of this light emitting diode is formed by mixing light from a blue light chip
A19A-W2SS3913-C7 REFOND-A19A-W2SS3913-C7 Datasheet
1Mb / 23P
   The white light of this light emitting diode is formed by mixing light from a blue light chip
More results

同様の説明 - A19A-W2SS1612-C8

メーカー部品番号データシート部品情報
logo
SHENZHEN REFOND OPTOELE...
A19A-W2SS3913-C7 REFOND-A19A-W2SS3913-C7 Datasheet
1Mb / 23P
   The white light of this light emitting diode is formed by mixing light from a blue light chip
A19A-W2SS2312-C7 REFOND-A19A-W2SS2312-C7 Datasheet
1Mb / 23P
   The white light of this light emitting diode is formed by mixing light from a blue light chip
A28B-W2SS4712-C7 REFOND-A28B-W2SS4712-C7 Datasheet
1Mb / 23P
   The white light of this light emitting diode is formed by mixing light from a blue light chip
RT-C13A-W2ET0412-P6 REFOND-RT-C13A-W2ET0412-P6 Datasheet
2Mb / 23P
   The white light of this light emitting diode is formed by mixing light from a blue light chip Size
logo
KODENSHI_AUK CORP.
KLP-343W KODENSHI-KLP-343W Datasheet
177Kb / 2P
   White Light Emitting Diode
KLP-563W KODENSHI-KLP-563W Datasheet
167Kb / 2P
   White Light Emitting Diode
logo
Roithner LaserTechnik G...
B3B-440-LBS ROITHNER-B3B-440-LBS Datasheet
331Kb / 2P
   White Light Emitting Diode
logo
KODENSHI_AUK CORP.
KLB-16WC KODENSHI-KLB-16WC Datasheet
184Kb / 2P
   White Light Emitting Diode(InGaN)
KLP-32W KODENSHI-KLP-32W Datasheet
159Kb / 2P
   Light Emitting Diode(White Color)
logo
Roithner LaserTechnik G...
ELD-450-525 ROITHNER-ELD-450-525 Datasheet
264Kb / 1P
   BLUE Light Emitting Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com