データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A19A-W2SS1612-C8 データシート(PDF) 20 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

部品番号 A19A-W2SS1612-C8
部品情報  The white light of this light emitting diode is formed by mixing light from a blue light chip
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  REFOND [SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.]
ホームページ  http://www.refond.com/
Logo REFOND - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

A19A-W2SS1612-C8 データシート(HTML) 20 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

Back Button A19A-W2SS1612-C8 Datasheet HTML 15Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 16Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 17Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 18Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 19Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 20Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 21Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 22Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. A19A-W2SS1612-C8 Datasheet HTML 23Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
REFOND:WI-E-045
A/3
REV:E/1
Tel: +86-755-66839118
Fax:+86-755-66839300
E-mail:sales@refond.com
Web: www.refond.com
PAGE:20
TG-201712120857EP
(3) VOCs (Volatile organic compounds) emitted from materials used in the construction of fixtures
can penetrate silicone encapsulants of LEDs and discolor when exposed to heat and photonic
energy. The result can be a significant loss of light output from the fixture. Knowledge of the
properties of the materials selected to be used in the construction of fixtures can help prevent
these issues. Refond advises against the use of any chemicals or materials that have been found
or are suspected to have an adverse affect on device performance or reliability. To verify
compatibility, Refond recommends that all chemicals and materials be tested in the specific
application and environment for which they are intended to be used. Attaching LEDs, do not use
adhesives that outgas organic vapor.
(4) Handle the component along the side surface by using forceps or appropriate tools; do not
directly touch or Handle the silicone lens surface, it may damage the internal circuitry.
(5) In designing a circuit, the current through each LED can not be exceed the absolute maximum
rating specified for each LED. In the mean while, resistors for protection should be applied,
otherwise slight voltage shift will cause big current change, burn out may happen. The driving
circuit must be designed to allow forward voltage only when it is ON or OFF. If the reverse
voltage is applied to LED, migration can be generated resulting in LED damage.


同様の部品番号 - A19A-W2SS1612-C8

メーカー部品番号データシート部品情報
logo
SHENZHEN REFOND OPTOELE...
A19A-W2SS2312-C7 REFOND-A19A-W2SS2312-C7 Datasheet
1Mb / 23P
   The white light of this light emitting diode is formed by mixing light from a blue light chip
A19A-W2SS3913-C7 REFOND-A19A-W2SS3913-C7 Datasheet
1Mb / 23P
   The white light of this light emitting diode is formed by mixing light from a blue light chip
More results

同様の説明 - A19A-W2SS1612-C8

メーカー部品番号データシート部品情報
logo
SHENZHEN REFOND OPTOELE...
A19A-W2SS3913-C7 REFOND-A19A-W2SS3913-C7 Datasheet
1Mb / 23P
   The white light of this light emitting diode is formed by mixing light from a blue light chip
A19A-W2SS2312-C7 REFOND-A19A-W2SS2312-C7 Datasheet
1Mb / 23P
   The white light of this light emitting diode is formed by mixing light from a blue light chip
A28B-W2SS4712-C7 REFOND-A28B-W2SS4712-C7 Datasheet
1Mb / 23P
   The white light of this light emitting diode is formed by mixing light from a blue light chip
RT-C13A-W2ET0412-P6 REFOND-RT-C13A-W2ET0412-P6 Datasheet
2Mb / 23P
   The white light of this light emitting diode is formed by mixing light from a blue light chip Size
logo
KODENSHI_AUK CORP.
KLP-343W KODENSHI-KLP-343W Datasheet
177Kb / 2P
   White Light Emitting Diode
KLP-563W KODENSHI-KLP-563W Datasheet
167Kb / 2P
   White Light Emitting Diode
logo
Roithner LaserTechnik G...
B3B-440-LBS ROITHNER-B3B-440-LBS Datasheet
331Kb / 2P
   White Light Emitting Diode
logo
KODENSHI_AUK CORP.
KLB-16WC KODENSHI-KLB-16WC Datasheet
184Kb / 2P
   White Light Emitting Diode(InGaN)
KLP-32W KODENSHI-KLP-32W Datasheet
159Kb / 2P
   Light Emitting Diode(White Color)
logo
Roithner LaserTechnik G...
ELD-450-525 ROITHNER-ELD-450-525 Datasheet
264Kb / 1P
   BLUE Light Emitting Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com