データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GRM188B11E112JA01 データシート(PDF) 5 Page - Murata Manufacturing Co., Ltd

部品番号 GRM188B11E112JA01
部品情報  Chip Monolithic Ceramic Capacitor for General
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MURATA1 [Murata Manufacturing Co., Ltd]
ホームページ  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM188B11E112JA01 データシート(HTML) 5 Page - Murata Manufacturing Co., Ltd

  GRM188B11E112JA01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Substrate Bending test
・Test substrate
Material
: Copper-clad laminated sheets for PCBs
(Glass fabric base, epoxy resin)
Thickness : 1.6mm (GRM02/GRM03/GRM15: t:0.8mm)
Copper foil thickness : 0.035mm
           : Solder resist
(Coat with heat resistant resin for solder)
Fig.1
(in mm)
・Test substrate
Kind of Solder : Sn-3.0Ag-0.5Cu
・Test substrate
Pressurization method
Fig.2
(in mm)
Adhesive Strength of Termination, Vibration, Temperature Sudden Change, Resistance to Soldering Heat (Reflow method)
High Temperature High Humidity(Steady) , Durability
・Test substrate
Material
: Copper-clad laminated sheets for PCBs
(Glass fabric base, epoxy resin)
Thickness : 1.6mm or 0.8mm
Copper foil thickness : 0.035mm
・Test substrate
Kind of Solder : Sn-3.0Ag-0.5Cu
・Test substrate
Land Dimensions
Fig.3
Type
Applied Force(N)
GRM02
1
GRM03
2
GRM15/GRM18
5
GRM21/GRM31/GRM32
10
*2
4.0±0.1
0.05以下
*1
φ1.5 +0.1
-0
t
*1,2:2.0±0.05
100
a
b
Land
f4.5
Type
Dimension (mm)
a
b
c
GRM02
0.2
0.56
0.23
GRM03
0.3
0.9
0.3
GRM15
0.4
1.5
0.5
GRM18
1.0
3.0
1.2
GRM21
1.2
4.0
1.65
GRM31
2.2
5.0
2.0
GRM32
2.2
5.0
2.9
Type
Dimension (mm)
a
b
c
GRM02
0.2
0.56
0.23
GRM03
0.3
0.9
0.3
GRM15
0.4
1.5
0.5
GRM18
1.0
3.0
1.2
GRM21
1.2
4.0
1.65
GRM31
2.2
5.0
2.0
GRM32
2.2
5.0
2.9
b
a
Solder Resist
Chip Capacitor
Land
45
45
Flexure
Capacitance meter
Pressurization
speed
1.0mm/s
Support
Capacitor
Pressurize
45
45
R5
20
50 min.
JEMCGS-0001U
5


同様の部品番号 - GRM188B11E112JA01

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
GRM188B11E112KA01 MURATA1-GRM188B11E112KA01 Datasheet
855Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM188B11E112KA01D MURATA1-GRM188B11E112KA01D Datasheet
855Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM188B11E112KA01J MURATA1-GRM188B11E112KA01J Datasheet
855Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM188B11E112MA01 MURATA1-GRM188B11E112MA01 Datasheet
855Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM188B11E112MA01D MURATA1-GRM188B11E112MA01D Datasheet
855Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
More results

同様の説明 - GRM188B11E112JA01

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
GR331AD72W103KW01 MURATA-GR331AD72W103KW01 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor for General
GRM31B5C2H821JW01 MURATA-GRM31B5C2H821JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
GRM31B5C2J681JW01 MURATA-GRM31B5C2J681JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
GRM152C80J224KE19 MURATA-GRM152C80J224KE19 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E5R1WA03 MURATA-GRM0225C1E5R1WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM152C80J224ME19 MURATA-GRM152C80J224ME19 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E6R7WA03 MURATA-GRM0225C1E6R7WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM152D70G104KE15 MURATA-GRM152D70G104KE15 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E6R8WA03 MURATA-GRM0225C1E6R8WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM21BR71H563KA01 MURATA-GRM21BR71H563KA01 Datasheet
828Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM31A5C2H100JW01 MURATA-GRM31A5C2H100JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com