データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GRM188B11E112JA01 データシート(PDF) 13 Page - Murata Manufacturing Co., Ltd

部品番号 GRM188B11E112JA01
部品情報  Chip Monolithic Ceramic Capacitor for General
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MURATA1 [Murata Manufacturing Co., Ltd]
ホームページ  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM188B11E112JA01 データシート(HTML) 13 Page - Murata Manufacturing Co., Ltd

Back Button GRM188B11E112JA01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
2.Measurement of Capacitance
1. Measure capacitance with the voltage and frequency specified in the product specifications.
1-1. The output voltage of the measuring equipment may decrease occasionally when capacitance is high.
Please confirm whether a prescribed measured voltage is impressed to the capacitor.
1-2. The capacitance values of high dielectric constant type capacitors change depending on the AC voltage applied.
Please consider the AC voltage characteristics when selecting a capacitor to be used in a AC circuit.
3.Applied Voltage
1. Do not apply a voltage to the capacitor that exceeds the rated voltage as called out in the specifications.
1-1. Applied voltage between the terminals of a capacitor shall be less than or equal to the rated voltage.
(1) When AC voltage is superimposed on DC voltage, the zero-to-peak voltage shall not exceed the rated DC voltage.
When AC voltage or pulse voltage is applied, the peak-to-peak voltage shall not exceed the rated DC voltage.
(2) Abnormal voltages (surge voltage, static electricity, pulse voltage, etc.) shall not exceed the rated DC voltage.
Typical Voltage Applied to the DC capacitor
DC Voltage
DC Voltage+AC
AC Voltage
Pulse Voltage
(E:Maximum possible applied voltage.)
1-2. Influence of over voltage
Over voltage that is applied to the capacitor may result in an electrical short circuit caused by the breakdown
of the internal dielectric layers .
The time duration until breakdown depends on the applied voltage and the ambient temperature.
4.Type of Applied Voltage and Self-heating Temperature
1.Confirm the operating conditions to make sure that no large current is flowing into the capacitor due to the
continuous application of an AC voltage or pulse voltage.
When a DC rated voltage product is used in an AC voltage circuit or a pulse voltage circuit, the AC current
or pulse current will flow into the capacitor; therefore check the self-heating condition.
Please confirm the surface temperature of the capacitor so that the temperature remains within the upper limits
of the operating temperature, including the rise in temperature due to self-heating. When the capacitor is
used with a high-frequency voltage or pulse voltage, heat may be generated by dielectric loss.
<Applicable to Rated Voltage of less than 100VDC>
1-1. The load should be contained to the level
 
such that when measuring at atmospheric
   temperature of 25°C, the product's self-heating
  
remains below 20°C and the surface
temperature of the capacitor in the actual circuit
remains within the maximum operating
temperature.
Caution
!
1
10
100
0
1
2
3
Current (Ar.m.s.)
4
5
6
[Example of Temperature Rise (Heat Generation) in Chip
Monolithic Ceramic Capacitors in Contrast to Ripple Current]
Sample: R(R1) characteristics 10
μF, Rated voltage: DC10V
Ripple Current
100kHz
500kHz
1MHz
E
E
E
E
0
0
0
0
JEMCGC-2701X
13


同様の部品番号 - GRM188B11E112JA01

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
GRM188B11E112KA01 MURATA1-GRM188B11E112KA01 Datasheet
855Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM188B11E112KA01D MURATA1-GRM188B11E112KA01D Datasheet
855Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM188B11E112KA01J MURATA1-GRM188B11E112KA01J Datasheet
855Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM188B11E112MA01 MURATA1-GRM188B11E112MA01 Datasheet
855Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM188B11E112MA01D MURATA1-GRM188B11E112MA01D Datasheet
855Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
More results

同様の説明 - GRM188B11E112JA01

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
GR331AD72W103KW01 MURATA-GR331AD72W103KW01 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor for General
GRM31B5C2H821JW01 MURATA-GRM31B5C2H821JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
GRM31B5C2J681JW01 MURATA-GRM31B5C2J681JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
GRM152C80J224KE19 MURATA-GRM152C80J224KE19 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E5R1WA03 MURATA-GRM0225C1E5R1WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM152C80J224ME19 MURATA-GRM152C80J224ME19 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E6R7WA03 MURATA-GRM0225C1E6R7WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM152D70G104KE15 MURATA-GRM152D70G104KE15 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E6R8WA03 MURATA-GRM0225C1E6R8WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM21BR71H563KA01 MURATA-GRM21BR71H563KA01 Datasheet
828Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM31A5C2H100JW01 MURATA-GRM31A5C2H100JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com