データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33064P-5RAG データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC33064P-5RAG
部品情報  UNDERVOLTAGE SENSING CIRCUIT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33064P-5RAG データシート(HTML) 1 Page - ON Semiconductor

  MC33064P-5RAG Datasheet HTML 1Page - ON Semiconductor MC33064P-5RAG Datasheet HTML 2Page - ON Semiconductor MC33064P-5RAG Datasheet HTML 3Page - ON Semiconductor MC33064P-5RAG Datasheet HTML 4Page - ON Semiconductor MC33064P-5RAG Datasheet HTML 5Page - ON Semiconductor MC33064P-5RAG Datasheet HTML 6Page - ON Semiconductor MC33064P-5RAG Datasheet HTML 7Page - ON Semiconductor MC33064P-5RAG Datasheet HTML 8Page - ON Semiconductor MC33064P-5RAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2005
February, 2005 − Rev. 12
1
Publication Order Number:
MC34064/D
MC34064, MC33064,
NCV33064
Undervoltage Sensing
Circuit
The MC34064 is an undervoltage sensing circuit specifically
designed for use as a reset controller in microprocessor−based
systems. It offers the designer an economical solution for low voltage
detection with a single external resistor. The MC34064 features a
trimmed−in−package bandgap reference, and a comparator with
precise thresholds and built-in hysteresis to prevent erratic reset
operation. The open collector reset output is capable of sinking in
excess of 10 mA, and operation is guaranteed down to 1.0 V input with
low standby current. The MC devices are packaged in 3−pin TO-92,
micro size TSOP−5, 8−pin SOIC−8 and Micro8
t surface mount
packages. The NCV device is packaged in SOIC−8 and TO−92.
Applications include direct monitoring of the 5.0 V MPU/logic
power supply used in appliance, automotive, consumer and industrial
equipment.
Features
Trimmed−In−PackageTemperature Compensated Reference
Comparator Threshold of 4.6 V at 25°C
Precise Comparator Thresholds Guaranteed Over Temperature
Comparator Hysteresis Prevents Erratic Reset
Reset Output Capable of Sinking in Excess of 10 mA
Internal Clamp Diode for Discharging Delay Capacitor
Guaranteed Reset Operation with 1.0 V Input
Low Standby Current
Economical TO−92, TSOP−5, SOIC−8 and Micro8 Surface Mount
Packages
NCV Prefix for Automotive and Other Applications Requiring Site
and Control Changes
Pb−Free Packages are Available
1.2 Vref
2 (2)
1 (1)
3 (4)
Reset
GND
Input
=
Sink Only
Positive True Logic
Pin numbers adjacent to terminals are for the 3−pin TO−92 package.
Pin numbers in parenthesis are for the 8−lead packages.
This device contains 21 active transistors.
Figure 1. Representative Block Diagram
http://onsemi.com
1
2
3
Pin 1. Reset
2. Input
3. Ground
TO−92
P SUFFIX
CASE 29
8
1
(Top View)
3
1
N.C.
Ground
N.C.
N.C.
2
4
8
7
6
5
N.C.
N.C.
Input
Reset
8
1
PIN CONNECTIONS
ORDERING INFORMATION
SOIC−8
D SUFFIX
CASE 751
Micro8
DM SUFFIX
CASE 846A
TSOP−5
SN SUFFIX
CASE 483
1
5
Pin 1. Reset
2. Input
3. Ground
4. NC
5. NC
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
See general marking information in the device marking
section on page 7 of this data sheet.
DEVICE MARKING INFORMATION


同様の部品番号 - MC33064P-5RAG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33064P-5RAG ONSEMI-MC33064P-5RAG Datasheet
167Kb / 11P
   Undervoltage Sensing Circuit
August, 2008 ??Rev. 18
MC33064P-5RAG ONSEMI-MC33064P-5RAG Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
More results

同様の説明 - MC33064P-5RAG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
   Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
logo
Microsemi Corporation
MC33064 MICROSEMI-MC33064_04 Datasheet
328Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
MC33064 MICROSEMI-MC33064 Datasheet
150Kb / 10P
   UNDERVOLTAGE SENSING CIRCUIT
logo
ON Semiconductor
MC34064D-5G ONSEMI-MC34064D-5G Datasheet
167Kb / 11P
   Undervoltage Sensing Circuit
August, 2008 ??Rev. 18
logo
Motorola, Inc
MC34064 MOTOROLA-MC34064 Datasheet
147Kb / 8P
   Undervoltage sensing circuit
logo
Texas Instruments
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
[Old version datasheet]   Micropower Undervoltage-Sensing Circuit
logo
Microsemi Corporation
MC33164-3 MICROSEMI-MC33164-3 Datasheet
126Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
MC33164 MICROSEMI-MC33164 Datasheet
159Kb / 7P
   5V UNDERVOLTAGE SENSING CIRCUIT
MC33164-3 MICROSEMI-MC33164-3_05 Datasheet
277Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
logo
List of Unclassifed Man...
MC341643DM ETC2-MC341643DM Datasheet
278Kb / 9P
   3V UNDERVOLTAGE SENSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com