データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC3458P1 データシート(PDF) 2 Page - ON Semiconductor

部品番号 MC3458P1
部品情報  DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC3458P1 データシート(HTML) 2 Page - ON Semiconductor

  MC3458P1 Datasheet HTML 1Page - ON Semiconductor MC3458P1 Datasheet HTML 2Page - ON Semiconductor MC3458P1 Datasheet HTML 3Page - ON Semiconductor MC3458P1 Datasheet HTML 4Page - ON Semiconductor MC3458P1 Datasheet HTML 5Page - ON Semiconductor MC3458P1 Datasheet HTML 6Page - ON Semiconductor MC3458P1 Datasheet HTML 7Page - ON Semiconductor MC3458P1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC3458 MC3358
2
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (For MC3458, VCC = +15 V, VEE = –15 V, TA = 25°C, unless otherwise noted.)
(For MC3358, VCC = +14 V, VEE = Gnd, TA = 25°C, unless otherwise noted.)
Ch
i i
Sb l
MC3458
MC3358
Ui
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage
VIO
2.0
10
2.0
8.0
mV
TA = Thigh to Tlow (Note 1)
12
10
Input Offset Current
IIO
30
50
30
75
nA
TA = Thigh to Tlow
200
250
Large Signal Open Loop Voltage Gain
AVOL
V/mV
VO = ±10 V, RL = 2.0 kΩ,
20
200
20
200
TA = Thigh to Tlow
15
15
Input Bias Current
IIB
–200
–500
–200
–500
nA
TA = Thigh to Tlow
–800
–1000
Output Impedance, f = 20 Hz
zO
75
75
Input Impedance, f = 20 Hz
zI
0.3
1.0
0.3
1.0
M
Output Voltage Range
VOR
V
RL = 10 kΩ
±12
±13.5
12
12.5
RL = 2.0 kΩ
±10
±13
10
12
RL = 2.0 kΩ, TA = Thigh to Tlow
±10
10
Input Common Mode Voltage Range
VICR
+13
–VEE
+13.5
–VEE
+13
–VEE
+13.5
–VEE
V
Common Mode Rejection Ratio, RS ≤ 10 kΩ
CMR
70
90
70
90
dB
Power Supply Current (VO = 0) RL = ∞
ICC, IEE
1.6
3.7
1.6
3.7
mA
Individual Output Short Circuit Current (Note 2)
ISC
±10
±20
±45
±10
±30
±45
mA
Positive Power Supply Rejection Ratio
PSRR+
30
150
30
150
µV/V
Negative Power Supply Rejection Ratio
PSRR–
30
150
µV/V
Average Temperature Coefficient of Input
∆IIO/∆T
50
50
pA/
°C
Offset Current, TA = Thigh to Tlow
Average Temperature Coefficient of Input
∆VIO/∆T
10
10
µV/°C
Offset Current, TA = Thigh to Tlow
Power Bandwidth
BWp
9.0
9.0
kHz
AV = 1, RL = 2.0 kΩ, VO = 20 Vpp, THD = 5%
Small Signal Bandwidth
BW
1.0
1.0
MHz
AV = 1, RL = 10 kΩ, VO = 50 mV
Slew Rate
SR
0.6
0.6
V/
µs
AV = 1, VI = –10 V to +10 V
Rise Time
tTLH
0.35
0.35
µs
AV = 1, RL = 10 kΩ, VO = 50 mV
Fall Time
tTHL
0.35
0.35
µs
AV = 1, RL = 10 kΩ, VO = 50 mV
Overshoot
os
20
20
%
AV = 1, RL = 10 kΩ, VO = 50 mV
Phase Margin
φm
60
60
Degrees
AV = 1, RL = 2.0 kΩ, CL = 200 pF
Crossover Distortion
1.0
1.0
%
(Vin = 30 mVpp, Vout = 2.0 Vpp, f = 10 kHz)
NOTES: 1. Thigh = 70°C for MC3458, 85°C for MC3358
Tlow = 0°C for MC3458, –40°C for MC3358
2. Not to exceed maximum package power dissipation.


同様の部品番号 - MC3458P1

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC3458P1 MOTOROLA-MC3458P1 Datasheet
346Kb / 6P
   Dual, Low Power Operational Amplifiers
More results

同様の説明 - MC3458P1

メーカー部品番号データシート部品情報
logo
Motorola, Inc
LM358 MOTOROLA-LM358 Datasheet
160Kb / 8P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM358 ONSEMI-LM358 Datasheet
160Kb / 16P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
August, 2002 ??Rev. 11
logo
First Components Intern...
LM358 FCI-LM358 Datasheet
262Kb / 4P
   Dual Differential Input Operational Amplifiers
logo
ON Semiconductor
MC3403 ONSEMI-MC3403 Datasheet
165Kb / 8P
   QUAD DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
1996 REV 5
logo
Linear Integrated Syste...
LF412A LINEAR-LF412A Datasheet
486Kb / 4P
   Dual Precision JFET Input Operational Amplifiers
logo
Linear Technology
LF412A LINER-LF412A_15 Datasheet
492Kb / 4P
   Dual Precision JFET Input Operational Amplifiers
logo
Sanyo Semicon Device
LA6082D SANYO-LA6082D Datasheet
108Kb / 5P
   J-FET Input Dual Operational Amplifiers
logo
Mitsubishi Electric Sem...
M5238FP MITSUBISHI-M5238FP Datasheet
156Kb / 4P
   DUAL LOW NOISE JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com