データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM-12C-900L データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 FM-12C-900L
部品情報  Highouput, High reliability
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

FM-12C-900L データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  FM-12C-900L Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Piezo Buzzer
FM-12C(24C)-900 Series
.
FEATURES:
High output
q
High reliability
q
DIMENSIONS: (Unit: mm)
CHARACTERISTICS:
ELECTRICAL SPECIFICATIONS :
Model No .
FM-12(24C)-900L/P FM-12(24C)-901L/P FM-12(24C)-903L/P FM-12(24C)-905L/P FM-12(24C)-907L/P
Min. Sound
Pressure Level
(dB)
90(92) /12(24)VDC/30(100)cm
Rated Voltage
(VDC)
12(24)
Operating
Voltage ( VDC)
3 ~ 20 (12 ~ 28)
Max.
Consumption
(mA)
10(20) /12(24)VDC
Oscillating
Frequency
(kHz)
3.7
0.5
Tone Nature
Continuous
Fast Pulse
Slow Pulse
Continuous + Fast
pulse
Continuous + Slow
pulse
Operating
Temperature
(ºC)
-20 ~ +70
Weight (g)
13
Case
Material/Colour
ABS/Black
PACKING INFORMATION :
P TYPE
L TYPE
Packing :
630 pcs per export carton
1100 pcs per export carton
G. Weight :
7.6 kgs
15.4 kgs
Carton Size :
N.Weight :
9.1 kgs
47 X 30.5 X 25 cm
47 X 30.5 X 25 cm
17.0 kgs


同様の部品番号 - FM-12C-900L

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM-1200-50 ETC2-FM-1200-50 Datasheet
32Kb / 1P
   DC AMMETER SHUNTS DERIVADORES DE CORRIENTE (SHUNTS)
FM-1288 ETC2-FM-1288 Datasheet
760Kb / 60P
   High Performance Voice Processor for Automotive Handsfree
version 1.8
FM-12B ETC1-FM-12B Datasheet
189Kb / 1P
   High output, Sealed type, High reliability
FM-12B-900 ETC1-FM-12B-900 Datasheet
189Kb / 1P
   High output, Sealed type, High reliability
FM-12B-900A ETC1-FM-12B-900A Datasheet
189Kb / 1P
   High output, Sealed type, High reliability
More results

同様の説明 - FM-12C-900L

メーカー部品番号データシート部品情報
logo
Mini-Circuits
ADE-R272MH MINI-ADE-R272MH Datasheet
236Kb / 2P
   High Reliability Mixer High Reliability Mixer
logo
International Rectifier
ASA2812S IRF-ASA2812S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY HYBRID-HIGH RELIABILITY
logo
Inchange Semiconductor ...
2SC2166 ISC-2SC2166 Datasheet
187Kb / 2P
   High Reliability
logo
Bruckewell Technology L...
MURS220A BWTECH-MURS220A Datasheet
343Kb / 4P
   High reliability
logo
Laird Tech Smart Techno...
HP105 LSTD-HP105 Datasheet
721Kb / 1P
   High reliability
logo
Roithner LaserTechnik G...
LED405-30M32 ROITHNER-LED405-30M32 Datasheet
117Kb / 1P
   High Reliability
logo
IXYS Corporation
CPC1706 IXYS-CPC1706 Datasheet
118Kb / 6P
   High Reliability
logo
Laird Tech Smart Techno...
580 LSTD-580 Datasheet
778Kb / 2P
   High reliability
logo
Everlight Electronics C...
EAIST1005A0 EVERLIGHT-EAIST1005A0 Datasheet
456Kb / 8P
   High reliability
logo
List of Unclassifed Man...
ATC200A ETC2-ATC200A Datasheet
194Kb / 6P
   High Reliability
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com