データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI-8033JD データシート(PDF) 6 Page - Allegro MicroSystems

部品番号 SI-8033JD
部品情報  Step-Down to 3.3 V, 1.5 A, DC/DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLEGRO [Allegro MicroSystems]
ホームページ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-8033JD データシート(HTML) 6 Page - Allegro MicroSystems

Back Button SI-8033JD Datasheet HTML 2Page - Allegro MicroSystems SI-8033JD Datasheet HTML 3Page - Allegro MicroSystems SI-8033JD Datasheet HTML 4Page - Allegro MicroSystems SI-8033JD Datasheet HTML 5Page - Allegro MicroSystems SI-8033JD Datasheet HTML 6Page - Allegro MicroSystems SI-8033JD Datasheet HTML 7Page - Allegro MicroSystems SI-8033JD Datasheet HTML 8Page - Allegro MicroSystems SI-8033JD Datasheet HTML 9Page - Allegro MicroSystems SI-8033JD Datasheet HTML 10Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SI-8033JD
Step-Down
to 3.3 V, 1.5 A,
DC/DC Converter
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036
Switching
Regulators
6
Layout Guideline
APPLICATIONS INFORMATION (cont.)
Thermal Protection. Circuitry turns off the switching
transistor when the junction temperature rises above 150°C.
It is intended only to protect the device from failures due to
excessive junction temperatures and should not imply that
output short circuits or continuous overloads are permitted.
Heat Radiation and Reliability. The reliability of the
IC is directly related to the junction temperature (T
J) in its
operation. Accordingly, careful consideration should be
given to heat dissipation.
The inner frame on which the integrated circuit is mounted
is connected to the GND terminal (pin 3). Therefore, it is
very effective for heat radiation to enlarge the copper area
that is connected to the GND terminal. The graph illus-
trates the effect of the copper area on the junction-to-
ambient thermal resistance (RθJA).
The junction temperature (T
J) can be determined from
either of the following equations:
T
J = (PDR
θJA) + TA
or
T
J = (PDR
θJC) + TC
where P
D = VIII – VOIO – VFIO(1 – [VO/VI])
or the adjacent graph,
V
F = the Schottky diode forward voltage, and
RθJC =3°C/W.


同様の部品番号 - SI-8033JD

メーカー部品番号データシート部品情報
logo
Sanken electric
SI-8033JD SANKEN-SI-8033JD Datasheet
442Kb / 2P
   Surface-Mount Separate Excitation Step-down Switching Mode Regulator ICs
SI-8033JD SANKEN-SI-8033JD Datasheet
59Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
More results

同様の説明 - SI-8033JD

メーカー部品番号データシート部品情報
logo
Allegro MicroSystems
SI-8033JF ALLEGRO-SI-8033JF Datasheet
335Kb / 9P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8120JD ALLEGRO-SI-8120JD Datasheet
574Kb / 10P
   Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8120JF ALLEGRO-SI-8120JF Datasheet
363Kb / 9P
   Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8025JF ALLEGRO-SI-8025JF Datasheet
320Kb / 9P
   Step-Down to 2.5 V, 1.5 A, DC/DC Converter
SI-8090JF ALLEGRO-SI-8090JF Datasheet
326Kb / 9P
   Step-Down to 9.0 V, 1.5 A, DC/DC Converter
SI-8050JF ALLEGRO-SI-8050JF Datasheet
326Kb / 9P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
logo
Sanken electric
SI-8025JF SANKEN-SI-8025JF Datasheet
319Kb / 9P
   Step-Down to 2.5 V, 1.5 A, DC/DC Converter
logo
Allegro MicroSystems
SI-8050JD ALLEGRO-SI-8050JD Datasheet
538Kb / 10P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
SI-8090JD ALLEGRO-SI-8090JD Datasheet
600Kb / 10P
   Step-Down to 9.0 V, 1.5 A, DC/DC Converter
SPI-8002TW ALLEGRO-SPI-8002TW Datasheet
444Kb / 10P
   Dual 1.5 A, DC/DC Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com