データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI-8033JD データシート(PDF) 8 Page - Allegro MicroSystems

部品番号 SI-8033JD
部品情報  Step-Down to 3.3 V, 1.5 A, DC/DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLEGRO [Allegro MicroSystems]
ホームページ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-8033JD データシート(HTML) 8 Page - Allegro MicroSystems

Back Button SI-8033JD Datasheet HTML 2Page - Allegro MicroSystems SI-8033JD Datasheet HTML 3Page - Allegro MicroSystems SI-8033JD Datasheet HTML 4Page - Allegro MicroSystems SI-8033JD Datasheet HTML 5Page - Allegro MicroSystems SI-8033JD Datasheet HTML 6Page - Allegro MicroSystems SI-8033JD Datasheet HTML 7Page - Allegro MicroSystems SI-8033JD Datasheet HTML 8Page - Allegro MicroSystems SI-8033JD Datasheet HTML 9Page - Allegro MicroSystems SI-8033JD Datasheet HTML 10Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SI-8033JD
Step-Down
to 3.3 V, 1.5 A,
DC/DC Converter
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036
Switching
Regulators
8
Tape and Reel Dimensions in Millimeters
Detail C
Tape Specifications
1. Material: conductive polystyrene.
2. Allowable camber: 1 mm/100 mm maximum.
3. A0 (10.6 mm) and B0 (15.7 mm) measured on a plane
0.3 mm above the bottom of the pocket.
4. K0 (4.9 mm) is measured from a plane on the inside
bottom of the pocket to the surface of the carrier.
5. Ten pitches cumulative tolerance on tape ±0.2 mm.
6. The space between parts and cavity must not exceed
±0.3 mm from its normal position in any direction.
7. Surface resistivity of embossment: 107 ohm/cm2 max.
8. K1 = 3.9 mm.


同様の部品番号 - SI-8033JD

メーカー部品番号データシート部品情報
logo
Sanken electric
SI-8033JD SANKEN-SI-8033JD Datasheet
442Kb / 2P
   Surface-Mount Separate Excitation Step-down Switching Mode Regulator ICs
SI-8033JD SANKEN-SI-8033JD Datasheet
59Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
More results

同様の説明 - SI-8033JD

メーカー部品番号データシート部品情報
logo
Allegro MicroSystems
SI-8033JF ALLEGRO-SI-8033JF Datasheet
335Kb / 9P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8120JD ALLEGRO-SI-8120JD Datasheet
574Kb / 10P
   Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8120JF ALLEGRO-SI-8120JF Datasheet
363Kb / 9P
   Step-Down to 12.0 V, 1.5 A, DC/DC Converter
SI-8025JF ALLEGRO-SI-8025JF Datasheet
320Kb / 9P
   Step-Down to 2.5 V, 1.5 A, DC/DC Converter
SI-8090JF ALLEGRO-SI-8090JF Datasheet
326Kb / 9P
   Step-Down to 9.0 V, 1.5 A, DC/DC Converter
SI-8050JF ALLEGRO-SI-8050JF Datasheet
326Kb / 9P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
logo
Sanken electric
SI-8025JF SANKEN-SI-8025JF Datasheet
319Kb / 9P
   Step-Down to 2.5 V, 1.5 A, DC/DC Converter
logo
Allegro MicroSystems
SI-8050JD ALLEGRO-SI-8050JD Datasheet
538Kb / 10P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
SI-8090JD ALLEGRO-SI-8090JD Datasheet
600Kb / 10P
   Step-Down to 9.0 V, 1.5 A, DC/DC Converter
SPI-8002TW ALLEGRO-SPI-8002TW Datasheet
444Kb / 10P
   Dual 1.5 A, DC/DC Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com