データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC183LC データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 BC183LC
部品情報  NPN General purpose Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC183LC データシート(HTML) 3 Page - Fairchild Semiconductor

  BC183LC Datasheet HTML 1Page - Fairchild Semiconductor BC183LC Datasheet HTML 2Page - Fairchild Semiconductor BC183LC Datasheet HTML 3Page - Fairchild Semiconductor BC183LC Datasheet HTML 4Page - Fairchild Semiconductor BC183LC Datasheet HTML 5Page - Fairchild Semiconductor BC183LC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A1, August 2002
Typical Characteristics (Continued)
Figure 7. Contours of Constant Gain
Bandwidth Product (fT)
Figure 8. Normalized Collector-Cutoff Current
vs Ambient Temperaure
Figure 9. Wideband Noise Frequency
vs Source Resistance
Figure 10. Noise Figure vs Frequency
Figure 11. Collector-Cutoff Current
vs Ambient Temperature
Figure 12. Contours of Constant Narrow
Band Noise Figure
µ
µ
µ
0.1
1
10
100
1
2
3
5
7
10
I - COLLECTOR CURRENT (mA)
C
175 MHz
150 MHz
125 MHz
75 MHz
100 MHz
µ
µ
µ
µ
µ
µ
µ
25
50
75
100
125
150
1
10
100
1000
T - AMBIE NT TEMP ERATURE ( C)
A
°
1,000
2,000
5,000
10,000
20,000
50,000
100,000
0
1
2
3
4
5
R
- SOURCE RESISTANCE ( )
V
= 5.0 V
BANDWIDTH = 15.7 kHz
CE
I
= 10
µA
C
I
= 100
µA
C
S
I
= 30
µA
µ
µ
µ
µ
µ
0.0001
0.001
0.01
0.1
1
10
100
0
2
4
6
8
10
f - FREQUENCY (MHz)
V
= 5.0V
CE
I
= 200
µA,
R
= 10 k
C
S
I
= 1.0 mA,
R
= 500
C
S
I
= 100
µA,
R
= 10 k
C
S
I = 1.0 mA,
R = 5.0 k
C
S
µ
µ
µ
0
25
50
75
100
125
150
0
125
250
375
500
625
TEMPERATURE ( C)
o
TO-92
µ
µ
SOT-23
µ
1
10
100
1,000
100
200
500
1,000
2,000
5,000
10,000
I
- COLLECTOR CURRENT (
A)
µ
C
V
= 5.0 V
f = 100 Hz
BANDWIDTH
= 20 Hz
CE
3.0 dB
4.0 dB
8.0 dB
10 dB
12 dB
14 dB
µ
6.0DB


同様の部品番号 - BC183LC

メーカー部品番号データシート部品情報
logo
Micro Electronics
BC183L MICRO-ELECTRONICS-BC183L Datasheet
88Kb / 2P
   COMPLEMENTARY SILICON AF SMALL SIGNAL AMPLIFIERS & SWITCHES
logo
List of Unclassifed Man...
BC183L ETC-BC183L Datasheet
75Kb / 1P
   Low Level and General Purpose Amplifiers
More results

同様の説明 - BC183LC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com