データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EL7243 データシート(PDF) 2 Page - Intersil Corporation

部品番号 EL7243
部品情報  Dual Input, High Speed, Dual Channel CCD Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7243 データシート(HTML) 2 Page - Intersil Corporation

  EL7243 Datasheet HTML 1Page - Intersil Corporation EL7243 Datasheet HTML 2Page - Intersil Corporation EL7243 Datasheet HTML 3Page - Intersil Corporation EL7243 Datasheet HTML 4Page - Intersil Corporation EL7243 Datasheet HTML 5Page - Intersil Corporation EL7243 Datasheet HTML 6Page - Intersil Corporation EL7243 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Absolute Maximum Ratings (TA = 25°C)
Supply (V+ to Gnd) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16.5V
Input Pins . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V above V+
Combined Peak Output Current. . . . . . . . . . . . . . . . . . . . . . . . . . .4A
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . . -40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 125°C
Power Dissipation
20-pin “Batwing” SOIC . . . . . . . . . . . . . . . . . . . . . . . 1500mW
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
DC Electrical Specifications
TA = 25°C, VDD = 15V unless otherwise specified
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
VIH
Logic “1” Input Voltage
2.4
V
IIH
Logic “1” Input Current
@VDD
0.1
10
µA
VIL
Logic “0” Input Voltage
0.8
V
IIL
Logic “0” Input Current
@0V
0.1
10
µA
VHVS
Input Hysteresis
0.3
V
OUTPUT
ROH
Pull-Up Resistance
IOUT = -100mA
3
6
ROL
Pull-Down Resistance
IOUT = +100mA
4
6
IPK
Peak Output Current
Source
Sink
2
2
A
IDC
Continuous Output Current
Source/Sink
200
mA
POWER SUPPLY
IS
Power Supply Current
Inputs High
1
2.5
mA
VS
Operating Voltage
4.5
16
V
AC Electrical Specifications
TA = 25°C, V = 15V unless otherwise specified
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SWITCHING CHARACTERISTICS
tR
Rise Time
CL = 500pF
CL = 1000pF
10
20
ns
tF
Fall Time
CL = 500pF
CL = 1000pF
10
20
ns
tD-ON
Turn-On Delay Time
20
25
ns
tD-OFF
Turn-Off Delay Time
20
25
ns
EL7243


同様の部品番号 - EL7243

メーカー部品番号データシート部品情報
logo
Elantec Semiconductor
EL7243 ELANTEC-EL7243 Datasheet
221Kb / 12P
   Dual Input, High Speed, Dual Channel CCD Driver
logo
Renesas Technology Corp
EL7243 RENESAS-EL7243 Datasheet
447Kb / 7P
   Dual Input, High Speed, Dual Channel CCD Driver
logo
Elantec Semiconductor
EL7243C ELANTEC-EL7243C Datasheet
221Kb / 12P
   Dual Input, High Speed, Dual Channel CCD Driver
EL7243CM ELANTEC-EL7243CM Datasheet
221Kb / 12P
   Dual Input, High Speed, Dual Channel CCD Driver
logo
Renesas Technology Corp
EL7243CM RENESAS-EL7243CM Datasheet
447Kb / 7P
   Dual Input, High Speed, Dual Channel CCD Driver
More results

同様の説明 - EL7243

メーカー部品番号データシート部品情報
logo
Elantec Semiconductor
EL7243C ELANTEC-EL7243C Datasheet
221Kb / 12P
   Dual Input, High Speed, Dual Channel CCD Driver
logo
Renesas Technology Corp
EL7243 RENESAS-EL7243 Datasheet
447Kb / 7P
   Dual Input, High Speed, Dual Channel CCD Driver
logo
Mitsubishi Electric Sem...
M66701P MITSUBISHI-M66701P Datasheet
68Kb / 4P
   DUAL HIGH-SPEED CCD CLOCK DRIVER
M66700P MITSUBISHI-M66700P Datasheet
71Kb / 4P
   DUAL HIGH-SPEED CCD CLOCK DRIVER
logo
Intersil Corporation
ISL55112 INTERSIL-ISL55112 Datasheet
487Kb / 20P
   High-Speed Dual Precision CCD Driver
logo
Elantec Semiconductor
EL7242C ELANTEC-EL7242C Datasheet
187Kb / 8P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Intersil Corporation
EL7242CNZ INTERSIL-EL7242CNZ Datasheet
251Kb / 9P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
EL7242 INTERSIL-EL7242_05 Datasheet
119Kb / 6P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
EL7242 INTERSIL-EL7242 Datasheet
203Kb / 9P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Renesas Technology Corp
EL7242 RENESAS-EL7242 Datasheet
472Kb / 9P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com