データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74AC132 データシート(PDF) 2 Page - ON Semiconductor

部品番号 MC74AC132
部品情報  Quad 2?묲nput NAND Schmitt Trigger
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC132 データシート(HTML) 2 Page - ON Semiconductor

  MC74AC132 Datasheet HTML 1Page - ON Semiconductor MC74AC132 Datasheet HTML 2Page - ON Semiconductor MC74AC132 Datasheet HTML 3Page - ON Semiconductor MC74AC132 Datasheet HTML 4Page - ON Semiconductor MC74AC132 Datasheet HTML 5Page - ON Semiconductor MC74AC132 Datasheet HTML 6Page - ON Semiconductor MC74AC132 Datasheet HTML 7Page - ON Semiconductor MC74AC132 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC74AC132, MC74ACT132
http://onsemi.com
2
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
′AC
2.0
5.0
6.0
V
′ACT
4.5
5.0
5.5
Vin, Vout
DC Input Voltage, Output Voltage (Ref. to GND)
0
VCC
V
tr, tf
Input Rise and Fall Time (Note 1)
′AC Devices except Schmitt Inputs
VCC @ 3.0 V
150
VCC @ 4.5 V
40
ns/V
VCC @ 5.5 V
25
tr, tf
Input Rise and Fall Time (Note 2)
′ACT Devices except Schmitt Inputs
VCC @ 4.5 V
10
ns/V
VCC @ 5.5 V
8.0
TJ
Junction Temperature (PDIP)
140
°C
TA
Operating Ambient Temperature Range
−40
25
85
°C
IOH
Output Current − High
−24
mA
IOL
Output Current − Low
24
mA
1. Vin from 30% to 70% VCC; see individual Data Sheets for devices that differ from the typical input rise and fall times.
2. Vin from 0.8 V to 2.0 V; see individual Data Sheets for devices that differ from the typical input rise and fall times.
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
74AC
74AC
Unit
Conditions
TA = +25°C
TA =
−40°C to
+85°C
Typ
Guaranteed Limits
VOH
Minimum High Level
Output Voltage
3.0
2.99
2.9
2.9
IOUT = −50 mA
4.5
4.49
4.4
4.4
V
5.5
5.49
5.4
5.4
V
*VIN = VIL or VIH
3.0
2.56
2.46
−12 mA
4.5
3.86
3.76
IOH
−24 mA
5.5
4.86
4.76
−24 mA
VOL
Maximum Low Level
Output Voltage
3.0
0.002
0.1
0.1
IOUT = 50 mA
4.5
0.001
0.1
0.1
V
5.5
0.001
0.1
0.1
V
*VIN = VIL or VIH
3.0
0.36
0.44
12 mA
4.5
0.36
0.44
IOL
24 mA
5.5
0.36
0.44
24 mA
IIN
Maximum Input
Leakage Current
5.5
±0.1
±1.0
mA
VI = VCC, GND
IOLD
†Minimum Dynamic
Output Current
5.5
75
mA
VOLD = 1.65 V Max
IOHD
5.5
−75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
Supply Current
5.5
4.0
40
mA
VIN = VCC or GND
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.
NOTE: IIN and ICC @ 3.0 V are guaranteed to be less than or equal to the respective limit @ 5.5 V VCC.


同様の部品番号 - MC74AC132

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74AC132 ONSEMI-MC74AC132 Datasheet
74Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
January, 2015 ??Rev. 8
MC74AC132DG ONSEMI-MC74AC132DG Datasheet
74Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
January, 2015 ??Rev. 8
MC74AC132DR2G ONSEMI-MC74AC132DR2G Datasheet
74Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
January, 2015 ??Rev. 8
MC74AC132 ONSEMI-MC74AC132_15 Datasheet
74Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
January, 2015 ??Rev. 8
More results

同様の説明 - MC74AC132

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_06 Datasheet
101Kb / 6P
   Quad 2?묲nput NAND Schmitt Trigger
January, 2006 ??Rev. 4
MC14093B ONSEMI-MC14093B_06 Datasheet
160Kb / 9P
   Quad 2?묲nput NAND Schmitt Trigger
October, 2006 ??Rev. 7
MC74VHC132 ONSEMI-MC74VHC132 Datasheet
100Kb / 6P
   Quad 2?묲nput NAND Schmitt Trigger
December, 2005 ??Rev. 3
logo
Leshan Radio Company
L74VHC1G132 LRC-L74VHC1G132 Datasheet
179Kb / 6P
   2?묲nput NAND Schmitt Trigger
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com